Part Number Hot Search : 
16HD13MR 2SD2340 MB91F36 SRC12 HA12223F CLC1050 910512 AN7172NK
Product Description
Full Text Search
 

To Download 4793 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   connectors (inlets/outlets) 4793 www.schurter.com/pg0 7 connectors iec appliance inlet c20, snap-in mounting, front side, solder or quick-connect terminal c20 70 c description - panel mount: snap-in, from front side - appliance inlet, pin temperature 70 c, protection class i - solder terminals or quick connect terminals - alternative: protection class ii version 479 4 approvals - vde license number: 40008517 - ul license number: e96454 other versions on request - types for enhanced glow wire test requirements acc. iec 60695-2- 11 to -13 for the use in unattended household equipment acc. iec 60335-1 references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , e-stor e , distributor-stock-chec k , accessorie s technical data ratings iec 16 a / 250 vac; 50 hz ratings ul/csa 20 a / 250 vac; 60 hz dielectric strength > 2 kvac between l-n > 2 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 30 acc. to iec 60529 protection class suitable for appliances with protection class 1 acc. to iec 61140 terminal solder terminals or quick connect ter - minals panel thickness s snap-in: 1/1.2/1.5/2/2.5/3 mm material: housing thermoplastic, black, ul 94v-0 appliance inlet c20 acc. to iec/en 60320-1, ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 16 a, protection class 1 dimensions 36 mm 4793 36.00 3.00 s 31.3 28.00 max.r3.0 24.20 24.00 32.20 32.00 21.00
 connectors (inlets/outlets) 4793 www.schurter.com/pg0 7 connectors variants panel mounting panel thickness s [mm] terminal order number snap-in 1 quick connect terminals 6.3 x 0.8 mm 4793.3000 snap-in 1.2 quick connect terminals 6.3 x 0.8 mm 4793.8000 snap-in 1.5 quick connect terminals 6.3 x 0.8 mm 4793.4000 snap-in 2 quick connect terminals 6.3 x 0.8 mm 4793.5000 snap-in 2.5 quick connect terminals 6.3 x 0.8 mm 4793.6000 snap-in 3 quick connect terminals 6.3 x 0.8 mm 4793.7000 snap-in 1 solder terminals 3.8 x 0.8 mm 4793.3200 snap-in 1.2 solder terminals 3.8 x 0.8 mm 4793.8200 snap-in 1.5 solder terminals 3.8 x 0.8 mm 4793.4200 snap-in 2 solder terminals 3.8 x 0.8 mm 4793.5200 snap-in 2.5 solder terminals 3.8 x 0.8 mm 4793.6200 snap-in 3 solder terminals 3.8 x 0.8 mm 4793.7200 articles for enhanced glow wire test requirements acc. iec 60695-2-11 to -13 can be ordered with ending ".15" (xxxx.xxxx.15). they are suitable for the use in unattended household equipment acc. iec 60335-1. packaging unit 100 pcs accessorie s description assorted cover s rear cover 0859.0047 cord retaining kit s cord retaining strain relief flat head, l 4700.0011 mating outlets/connector s category / description connector overview complet e iec connector c19, rewireable, straight 010 4 iec connector c19, rewireable, angled 165 1 iec connector c19, rewireable, straight 165 2 iec connector c19, rewireable, angled 479 0 iec connector c19, rewireable, straight 479 5 connector further types to 479 3 power cord overview complet e power cord with iec connector c19, straight 165 4 power cord further types to 479 3
3 connectors (inlets/outlets) 4793 www.schurter.com/pg0 7 connectors category / description power supply or interconnection cord overview complet e divers power supply and interconnection cords 16 a kabelverbindung/16 a power supply or interconnection cord further types to 479 3 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 4793

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X