|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
inchange semiconductor product specification silicon npn power transistors 2SD1765 description ? with to-220fa package ? darlington ? high dc current gain applications ? for low frequency power amplifier applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 100 v v ceo collector -emitter voltage open base 100 v v ebo emitter-base voltage open collector 6 v i c collector current 2 a i cm collector current-peak 3 a t c =25 ?? 20 p c collector power dissipation t a =25 ?? 2 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-220fa) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SD1765 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)cbo collector-base breakdown voltage i c =50 | a; i c =0 100 v v (br)ceo collector-emitter breakdown voltage i c =5ma;i b =0 100 v v cesat collector-emitter saturation voltage i c =1a ;i b =1ma 1.5 v i cbo collector cut-off current v cb =100v; i e =0 10 | a i ebo emitter cut-off current v eb =5v; i c =0 3.0 ma h fe dc current gain i c =1a ; v ce =2v 1000 10000 c ob output capacitance i e =0 ; v cb =10v;f=1mhz 25 pf inchange semiconductor product specification 3 silicon npn power transistors 2SD1765 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.15 mm) |
Price & Availability of 2SD1765 |