Part Number Hot Search : 
SB1508 X0402MF 726LS 66HDS0 TA0288A K4H560 CO700 TDA9331H
Product Description
Full Text Search
 

To Download 2SD1763 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SD1763 description ? ? with to-220fa package ? high breakdown voltage v ceo ? complement to type 2sb1186 ? high transition frequency applications ? for low frequency power amplifier applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 120 v v ceo collector-emitter voltage open base 120 v v ebo emitter-base voltage open collector 5 v i c collector current (dc) 2 a i cm collector current-peak 3 a p c collector power dissipation t c =25 ?? 20 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-220fa) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SD1763 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =1ma , i b =0 120 v v (br)cbo collector-base breakdown voltage i c =50 | a , i e =0 120 v v (br)ebo emitter-base breakdown voltage i e =50 | a , i c =0 5 v v cesat collector-emitter saturation voltage i c =1a ;i b =0.1a 0.4 v v besat base-emitter saturation voltage i c =1a ;i b =0.1a 1.5 v i cbo collector cut-off current v cb =100v i e =0 1 | a i ebo emitter cut-off current v eb =4v; i c =0 1 | a h fe dc current gain i c =0.1a ; v ce =5v 100 320 f t transition frequency i e =-0.1a ; v ce =5v 80 mhz c ob output capacitance i e =0 ; v cb =10v ,f=1mhz 20 pf ? h fe classifications e f 100-200 160-320
inchange semiconductor product specification 3 silicon npn power transistors 2SD1763 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.15 mm)


▲Up To Search▲   

 
Price & Availability of 2SD1763

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X