Part Number Hot Search : 
BZQ55C22 MAX920 CS3524A FN2856 300CA 4731BXDC 2MR30 SB130
Product Description
Full Text Search
 

To Download 2SD1760 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SD1760 3a , 60v npn epitaxial planar silicon transistor elektronische bauelemente 28-mar-2011 rev. a page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ? ? base ? ? emitte r collector ? ? rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? low v ce(sat) . v ce(sat) = 0.5v(typ.) (i c /i b = 2a / 0.2a) ? complements the 2sb1184 classification of h fe product-rank 2SD1760-p 2SD1760-q 2SD1760-r range 82~180 120~270 180~390 package information package mpq leader size to-252 2.5k 13? inch absolute maximum ratings (t a = 25 c unless otherwise specified) parameter symbol ratings unit collector to base voltage v cbo 60 v collector to emitter voltage v ceo 50 v emitter to base voltage v ebo 5 v collector current -continuous i c 3 a collector power dissipation p c 1.5 w junction temperature t j 150 storage temperature t stg -55 ~ 150 electrical characteristics (t a = 25c unless otherwise noted) parameter symbol min. typ. max. unit test conditions collector-base breakdown voltage v (br)cbo 60 - - v i c =50 a, i e =0 collector-emitter breakdown voltage v (br)ceo 50 - - v i c =1ma, i b =0 emitter-base breakdown voltage v (br)ebo 5 - - v i e =50 a, i c =0 collector cut-off current i cbo - - 1 a v cb =40v, i e =0 emitter cut-off current i ebo - - 1 a v eb =4v, i c =0 dc current gain h fe 82 - 390 v ce =3v, i c =500ma collector-emitter sa turation voltage v ce(sat) - - 1 v i c =2a, i b =200ma transition frequency f t - 90 - mhz v ce =5v, i c =500ma, f=30mhz collector output capacitance c ob - 40 - pf v cb =10v, i e =0, f=1mhz a c d n o p g e f h k j m b d-pack (to-252) ref. millimete r ref. millimete r min. max. min. max. a 6.4 6.8 j 2.30 ref. b 5.20 5.50 k 0.70 0.90 c 2.20 2.40 m 0.50 1.1 d 0.45 0.58 n 0.9 1.6 e 6.8 7.3 o 0 0.15 f 2.40 3.0 p 0.43 0.58 g 5.40 6.2 h 0.8 1.20
2SD1760 3a , 60v npn epitaxial planar silicon transistor elektronische bauelemente 28-mar-2011 rev. a page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves
2SD1760 3a , 60v npn epitaxial planar silicon transistor elektronische bauelemente 28-mar-2011 rev. a page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of 2SD1760

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X