Part Number Hot Search : 
PC1394C LA7793V 25LC64 FNTRPBF MC146818 PCA8521 DTA12 MUR1010F
Product Description
Full Text Search
 

To Download 2SB1116A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente 2SB1116A -1 a, -80 v pnp plastic encapsulated transistor 21-jan-2011 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. a c e k f d b g h j 3 base 1 emitter collector 2 rohs compliant product a suffix of -c specifies halogen & lead-free features  high collector power dissipation  complementary to 2sd1616a classification of h fe(1) product-rank 2SB1116A-l 2SB1116A-k 2SB1116A-u range 135~270 200~400 300~600 absolute maximum ratings (t a = 25c unless otherwise specified) parameter symbol rating unit collector to base voltage v cbo -80 v collector to emitter voltage v ceo -60 v emitter to base voltage v ebo -6 v collector current - continuous i c -1 a collector power dissipation p c 0.75 w junction, storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector to base breakdown voltage v (br)cbo -80 - - v i c = -100 a, i e =0 collector to emitter breakdown voltage v (br)ceo -60 - - v i c = -1ma, i b =0 emitter to base breakdown voltage v (br)ebo -6 - - v i e = -100 a, i c =0 collector cut-off current i cbo - - -0.1 a v cb = -80v, i e =0 emitter cut-off current i ebo - - -0.1 a v eb = -6v, i c =0 h fe (1) 135 - 600 v ce = -2v, i c = -0.1a dc current gain h fe (2) 81 - - v ce = -2v, i c = -1a collector to emitter saturation voltage v ce(sat) - - -0.3 v i c = -1a, i b = -50ma base to emitter saturation voltage v be(sat) - - -1.2 v i c = -1a, i b = -50ma base to emitter voltage v be -0.6 - -0.7 v v ce = -2v, i c = -0.05a collector-base capacitance c cb - 25 - pf v cb = -10v, i e =0, f=1mhz transition frequency f t 70 - - mhz v ce = -2v, i c = -0.1a turn-on time t on - 0.07 - storage time t s - 0.7 - fall time t f - 0.07 - us v cc = -10v, i c = -0.1a, i b1 = -i b2 = -0.01a v be(off) = 2 ~ 3v to-92 1 11 1 emitter 2 22 2 collector 3 33 3 base millimeter ref. min. max. a 4.40 4.70 b 4.30 4.70 c 12.70 - d 3.30 3.81 e 0.36 0.56 f 0.36 0.51 g 1.27 typ. h 1.10 - j 2.42 2.66 k 0.36 0.76
elektronische bauelemente 2SB1116A -1 a, -80 v pnp plastic encapsulated transistor 21-jan-2011 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves


▲Up To Search▲   

 
Price & Availability of 2SB1116A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X