Part Number Hot Search : 
922320VS UPC2807A M37100M8 NCP16 2SA1429 2SB873 D1025 KK431
Product Description
Full Text Search
 

To Download 1107254-24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  part nos. 1106396 & 1107254 row-to-row dip adapter sockets note: aries specializes in custom design and production. in addition to the stan- dard products shown on this page, special materials, platings, sizes, and configura- tions can be furnished, depending on quantities. aries reserves the right to change product specifications without notice. a ll dimensions : inches [ millimeters ] ordering informa tion all tolerances .005 [.13] unless otherwise specified features: ? aries? adapter sockets allow the use of .300 [7.62] center devices when the pcb is drilled on .600 [15.24] centers and vice-versa, giving the flexibility of using .600 [15.24] or .300 [7.62] center devices in the same application. specifications: ? socket body is black ul 94v-0 glass-filled 4/6 nylon. ? pin body is brass alloy 360 1/2 hard per uns c36000 astm-b16-00. ? pin body plating is 200 [5.08 m] min. 93/7 tin/lead per astm b545 or over 200 [5.08 m] min. tin per astm b545 type 1 over 100 [2.54m] nickel per sae-ams- qq-n-290. ? 4-fingered collet contact is beryllium copper alloy per uns c17200 astm-b194-01. ? contact plating is 30 [.76m] min. gold per mil-g- 45204 over 50 [1.27m] min. nickel per sae-ams-qq- n-290. ? contact current rating=3 amps. ? operating temperature=221f [105c]. ? insertion force=180 grams/pin; withdrawal force=90 grams/pin; normal force=140 grams/pin; based on a .018 [.46] diameter test lead. ? accepts leads .015-.025 [.38-.64] in diameter, .110-.150 [2.79-3.81] long. mounting considerations: ? suggested pcb hole size=.035 .002 [.89 .05] dia. cont act det ail specify part no. 1106396-xx (tin) or 1106396- xxtl (tin/lead) when ordering .300 dip to .600 pcb [7.62 to 15.24] adapter, where xx=no. of pins (6 thru 40) -or- specify part no. 1107254-xx (tin) or 1107254- xxtl (tin/lead) when ordering .600 dip to .300 pcb [15.24 to 7.62] adapter, where xx=no. of pins (6 thru 40) socket body for 1106396, 24 thru 40 pins 1 106396-xx or -xxtl 1 107254-xx or -xxtl printouts of this document may be out of date and should be considered uncontrolled 12030 rev.e frenchtown, nj usa tel: (908) 996-6841 fax: (908) 996-3891 http://www.arieselec.com ? info@arieselec.com abc


▲Up To Search▲   

 
Price & Availability of 1107254-24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X