Part Number Hot Search : 
E006854 57FKR CNY17 M74HC697 BU4842 57FKR PCD3311 P2102
Product Description
Full Text Search
 

To Download 0501470000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | terminals | screwing technology | sak-series modular terminals | ts 35 | polyamide pa 6.6 | installation terminals - 1 - general ordering data order no. 0501470000 part designation nt 6/35 10x3 krg/bl version neutral conductor modular terminal, 6 mm2, screw connection, pa 66, blue, ts 35 ean 4008190041052 qty. 100 pc(s). product notes note, technical data tightening torque via disconnector is 0.5 ... 0.8 nm. product description these nt modular terminals are prescribed for insulation measurements without detaching the conductors according to vde standards for places of public assembly. note, accessories refer to the "accessories" section for pen bridges and additional clamping-yoke versions. use of twin wire-end ferrules on request. additional technical data colour of insulating material blue connection direction on side end plate required yes installation advice ts 35 insulating material pa 66 levels cross-connected internally no no. of terminal strips per level 2 open sides right operating temperature range - 60 c, + 130 c type of connection screwed type of mounting snap-on ul 94 flammability rating of insulation material 5va version neutral conductor disconnect terminal csa rating data voltage (csa) 300 v csa current 40 a min. cross-section (csa) awg 20 max. cross-section (csa) awg 10
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 35 | polyamide pa 6.6 | installation terminals - 2 - conductors for clamping (additional connection) stranded, max. 10 mm2 flexible with ferrule, min. (din 46228 pt 1) 0.5 mm2 flexible with ferrule, max. (din 46228 pt 1) 6 mm2 conductors for clamping (rated connection) clamping range, min. 0.5 mm2 clamping range, max. 10 mm2 type of connection screw connection 2nd type of connection screwed connection direction on side no. of connections 2 stripping length 12 mm clamping screw m 3.5 blade size 0.8 x 4 mm tightening torque range 0.8...1.4 nm gauge to iec 60947-1 a5 solid, min. 0.5 mm2 solid, max. 10 mm2 stranded, min. 0.5 mm2 stranded, max. 10 mm2 flexible, min. 0.5 mm2 flexible, max. 10 mm2 flexible with ferrule, min. (din 46228/1) 0.5 mm2 flexible with ferrule, max. (din 46228/1) 6 mm2 flexible, min., ferrule with plastic collar (din 46228 pt 4) 0.5 mm2 flexible, max., ferrule with plastic collar (din 46228 pt 4) 6 mm2 awg conductor size, min. awg 20 awg conductor size, max. awg 10 dimensions width 8 mm height of lowest version 44 mm length 49 mm n-conductor disconnect terminal for n-busbar 3 x 10 mm rating data rated cross-section 6 mm2 rated voltage 400 v rated impulse voltage 6 kv rated current 41 a standards iec 60947-7-1 current with max. conductor 41 a pollution severity 3 ul rating data voltage (ul) 300 v
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 35 | polyamide pa 6.6 | installation terminals - 3 - ul rating data current (ul) 40 a min. cross-section (ul) awg 22 max. cross-section (ul) awg 8 approvals approvals institutes classifications etim 2.0 ec001257 etim 3.0 ec001257 eclass 4.1 27-14-11-20 eclass 5.0 27-14-11-38 eclass 5.1 27-14-11-38 similar products order no. part designation version 0471880000 nt 10/35 10x3 bl neutral conductor modular terminal, 10 mm2, busbar connection, pa 66, blue, ts 35 0499280000 nt 16/35 10x3 bl neutral conductor modular terminal, 16 mm2, busbar connection, pa 66, blue, ts 35 0471780000 nt 2.5/35 10x3 bl neutral conductor modular terminal, 2.5 mm2, screw connection, pa 66, blue, ts 35


▲Up To Search▲   

 
Price & Availability of 0501470000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X