Part Number Hot Search : 
T6322 39700 LX1664 FR201G05 E5020M C1212 MA40030 HCR4148D
Product Description
Full Text Search
 

To Download 0442450040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0442450040 status: active description: 1.27mm (.050") pitch sliderz? board-to-board connector, hermaphroditic documents: 3d model product specification ps-44245-999 (pdf) drawing (pdf) rohs certificate of compliance (pdf) packaging specification (pdf) general product family pcb headers series 44245 application board-to-board product name sliderz? physical breakaway no circuits (loaded) 40 circuits (maximum) 40 durability (mating cycles max) 1,000 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part no material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin number of rows 2 orientation vertical pc tail length (in) 0.120 in pc tail length (mm) 3.05 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.056 in pcb thickness recommended (mm) 1.42 mm packaging type tray pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 120 plating min: termination (m) 3 polarized to mating part yes polarized to pcb no shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +85c termination interface: style through hole electrical current - maximum per contact 1.25a voltage - maximum 30v ac (rms) series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 44245 series
material info reference - drawing numbers packaging specification pk-44245-001, pk-44783-001 product specification ps-44245-999 sales drawing sd-44245-002, sd-44783-001 test summary ts-44245-999 this document was generated on 06/07/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0442450040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X