Part Number Hot Search : 
RXXP09D SSA339 NTE4915 GI1404 NTE4915 198NT1 1N6674 IP3002
Product Description
Full Text Search
 

To Download 02014W104KAT2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 how to order part number explanation commercial surface mount chips example: 08055a101jat2a 0805 size (l" x w") 0101* 0201 0402 0603 0805 1206 1210 1812 1825 2220 2225 5 voltage 4 = 4v 6 = 6.3v z = 10v y = 16v 3 = 25v d = 35v 5 = 50v 1 = 100v 2 = 200v 7 = 500v a dielectric a = np0(c0g) c = x7r d = x5r f = x8r g = y5v u = u series w = x6s z = x7s 101 capacitance 2 sig. fig + no. of zeros examples: 100 = 10 pf 101 = 100 pf 102 = 1000 pf 223 = 22000 pf 224 = 220000 pf 105 = 1f 106 = 10f 107 = 100f for values below 10 pf, use r in place of decimal point, e.g., 9.1 pf = 9r1. j* tolerance b = .10 pf c = .25 pf d = .50 pf f = 1% ( 10 pf) g = 2% ( 10 pf) j = 5% k = 10% m = 20% z = +80%, -20% p = +100%, -0% a failure rate a = n/a 4 = automotive t terminations t = plated ni and sn 7 = gold plated u = conductive expoxy for hybrid applications z = flexiterm ? x = flexiterm ? with 5% min lead (x7r & x8r only) contact factory for 1 = pd/ag term 2 packaging available 2 = 7" reel 4 = 13" reel k = 30k per 13" reel (0603 only) 7 = bulk cass. 9 = bulk u = 4mm tr (01005) contact factory for multiples a** special code a = std k = 30k (0603 2mm pitch) 22k (0805/1206 <0.030"/ 0.76mm) h = 18k (0603/0805/1206 <0.037 / 0.94mm) j = 15k (0805/1206 <0.050 / 1.27mm) 1 = 12k (0805/1206 <0.055 / 1.4mm) **non std options upon approval from the factory high voltage mlc chips example: 1808aa271ka11a contact factory for special voltages * b, c & d tolerance for 10 pf values. standard tape and reel material (paper/embossed) depends upon chip size and thickness. see individual part tables for tape material type for each capacitance value. 1808 avx style 0805 1206 1210 1808 1812 1825 2220 2225 3640 a voltage c = 600v/630v a = 1000v s = 1500v g = 2000v w = 2500v h = 3000v j = 4000v k = 5000v a temperature coefficient a = c0g c = x7r 271 capacitance code (2 significant digits + no. of zeros) examples: k capacitance tolerance a failure rate a=not applicable t1 packaging/ marking 1 = 7" reel 3 = 13" reel 9 = bulk a special code a = standard 10 pf = 100 100 pf = 101 1,000 pf = 102 22,000 pf = 223 220,000 pf = 224 1 f = 105 c0g: j = 5% k = 10% m = 20% x7r: k = 10% m = 20% z = +80%, -20% f = 63v * = 75v e = 150v v = 250v 9 = 300v x = 350v 8 = 400v note: contact factory for availability of termination and tolerance options for specific part numbers. for tin/lead terminations, please refer to ld series note: contact factory for availability of termination and tolerance options for specific part numbers. for tin/lead terminations, please refer to ld series termination 1= pd/ag t = plated ni and sn b = 5% min pb z = flexiterm ? x = flexiterm ? with 5% min lead (x7r only) *eia 01005 not rohs compliant lead-free compatible component for rohs compliant products, please select correct termination style.
3 how to order part number explanation capacitor array example: w2a43c103mat2a low inductance capacitors (licc) example: 0612zd105mat2a interdigitated capacitors (idc) example: w3l16d225mat3a low inductance decoupling capacitor arrays (lica) example: lica3t183m3fc4aa 0612 size 0306 0508 0612 ld16 ld17 ld18 z voltage 6 = 6.3v z = 10v y = 16v 3 = 25v 5 = 50v d dielectric c = x7r d = x5r 105 capacitance code (in pf) 2 sig. digits + number of zeros m capacitance tolerance k = 10% m = 20% a failure rate a = n/a t terminations t = plated ni and sn b = 5% min lead 2 packaging available 2 = 7" reel 4 = 13" reel a thickness see page 71 for codes w style w = rohs l = snpb 3 case size 2 = 0508 3 = 0612 l low inductance esl = 50ph esl = 60ph 1 number of terminals 1 = 8 terminals 6 voltage 4 = 4v 6 = 6.3v z = 10v y = 16v d dielectric c = x7r d = x5r 225 capacitance code (in pf) 2 sig. digits + number of zeros m capacitance tolerance m = 20 t termination t = plated ni and sn b = 5% min lead 3 packaging available 1=7" reel 3=13" reel a thickness max. thickness mm (in.) a=0.95 (0.037) s=0.55 (0.022) a failure rate a = n/a lica style & size 3 voltage 5v = 9 10v = z 25v = 3 t dielectric d = x5r t = t55t s = high k t55t 102 cap/section (eia code) 102 = 1000 pf 103 = 10 nf 104 = 100 nf m capacitance tolerance m = 20% p = gmv 3 height code 6 = 0.500mm 3 = 0.650mm 1 = 0.875mm 5 = 1.100mm 7 = 1.600mm f termination f = c4 solder balls- 97pb/3sn h = c4 solder ballsClow esr p = cr-cu-au n = cr-ni-au x = none c reel packaging m = 7" reel r = 13" reel 6 = 2"x2" waffle pack 8 = 2"x2" black waffle pack 7 = 2"x2" waffle pack w/ termination facing up a = 2"x2" black waffle pack w/ termination facing up c = 4"x4" waffle pack w/ clear lid a inspection code a = standard b = established reliability testing a code face a = bar b = no bar c = dot, s55s dielectrics d = triangle 4 # of caps/part 1 = one 2 = two 4 = four w style w = rohs l = snpb 2 case size 1 = 0405 2 = 0508 3 = 0612 a array 4 number of caps 3 voltage z = 10v y = 16v 3 = 25v 5 = 50v 1 = 100v c dielectric a = np0 c = x7r d = x5r 103 capacitance code (in pf) 2 sig digits + number of zeros m capacitance tolerance j = 5% k = 10% m = 20% 2a packaging & quantity code 2a = 7" reel (4000) 4a = 13" reel (10000) 2f = 7" reel (1000) t termination code t = plated ni and sn z = flexiterm ? b = 5% min lead x = flexiterm ? with 5% min lead a failure rate a = commercial 4 = automotive note: contact factory for availability of termination and tolerance options for specific part numbers. note: contact factory for availability of termination and tolerance options for specific part numbers. note: contact factory for availability of termination and tolerance options for specific part numbers. note: contact factory for availability of termination and tolerance options for specific part numbers. not rohs compliant lead-free compatible component for rohs compliant products, please select correct termination style.


▲Up To Search▲   

 
Price & Availability of 02014W104KAT2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X