Part Number Hot Search : 
NCP5306 1N5334A MIC2288 X9316WP B035C0 SM8013 BU508AFI D4NC5
Product Description
Full Text Search
 

To Download 009188008020062 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  9258 ultra low profile stacker general description the solo series 9258 is a one-piece connector used to con- nect two pcbs in a cost effective manner. this connector is a 1.0mm pitch available in an 8 position with stack heights of 0.40mm and 0.80mm. it is available with or without location bosses. this connector is designed for pcb surface mounting and is supplied in tape and reel packaging. gold plated pads on the mating pcb or suitable flex circuits provide connection between the boards. key features and benefits single piece connector ? no mating half connector required to connect two boards together which means: ? reduced assembly time ? only one part to purchase and stock ? due to the unique contact design, the mating device does not have to be parallel ? extremely robust when it comes to shock and vibration applications suitable applications include: ? mobile phones ? handheld scanners ? portable medical devices ? display interface 008 no of ways xxx stack height 004 = 0.40mm 008 = 0.80mm 06 plating variation 06 = selective gold 0.25m gold plated contact nose, pure tin tail how to order 00 prefix 00 = standard 9258 series x pcb location bosses 1 = with mating pcb location bosses (top side) 2 = without pcb location bosses 3 = with smt pcb location bosses (bottom side) 4 = with smt and mating pcb location bosses (top and bottom sides) 31
9258 ultra low profile stacker 0.4mm ultra low profile stacker 0.8mm ultra low profile stacker 0.40 (0.016) 1.00 (0.039) 1.50 (0.059) ?1.00 (0.039) 1.00 - 1.30 (0.039 - 0.051) 1.67 - 0.10 (0.066 - 0.004) 0.70 (0.028) ?1.20 (0.047) 5.70 (0.224) 0.80 (0.031) 0.10 (0.004) connector outline 9.35 (0.386) 1.68 (0.066) 7 pitches @ 1.00 = 7.00 (0.039 = 0.276) 6.00 (0.236) 5.50 (0.217) 0.35 (0.014) 9.35 (0.368) 0.65 (0.026) r 0.50 (0.020) (4 positions) 10.35 (0.407) 7 pitches @ 1.00 = 7.00 (0.039 = 0.276) all tails to be within 0.10 (0.004) maximum coplanarity tolerance 0.40 (0.016) 1.00 (0.039) 0.80 (0.031) 1.90 (0.075) ?1.00 (0.039) 1.40 - 1.70 (0.055 - 0.067) 1.85 - 0.10 (0.073 - 0.004) 6.00 (0.236) 5.50 (0.217) 0.35 (0.014) 9.35 (0.368) 0.65 (0.026) r 0.50 (0.020) (4 positions) 10.35 (0.407) ?2.00 (0.079) proposed smt pcb layout all pads pure tin plate with mating pcb location bosses (top side) without pcb location bosses with smt pcb location bosses (bottom side) with pcb and smt location bosses ?1.20 (0.047) 1.68 (0.066) 2.75 (0.108) 9.35 (0.368) 0.70 (0.028) 7 pitches @ 1.00 = 7.00 (0.039 = 0.276) connector outline proposed mating pcb layout all pads gold plate 32


▲Up To Search▲   

 
Price & Availability of 009188008020062

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X