Part Number Hot Search : 
R223J BAV56TT1 RS9360A V6300 HD74LS1 UF804F 8062M LT1085MG
Product Description
Full Text Search
 

To Download XVT9006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.rfm.com e-mail: info@rfm.com page 1 of 3 ?2009-2010 by rf monolithics, inc. XVT9006 - 2/2/10 electrical characteristics characteristic sym notes minimum typical maximum units nominal frequency fo 40.000000 mhz storagetemperature range -40 +85 c operating temperature range -30 +85 c power supply voltage vcc 2.8 v output voltage with load 10 pf || 10 k ? vout 0.8 vp-p output waveform clipped sinewave power supply current icc 2.0 ma control voltage vcon 1.41.0 v control voltage terminal input impedance 100k ohms frequency tolerance after reflow, vcon = 1.5 v 1.0 ppm max @ 25 c 3 c frequency stability: ppm versus temperature, -30 to 85 c 2.0 ppm versus supply voltage, 2.8 v 5% 0.3 versus load variation, 10 pf ||10 k ? 10% 0.2 aging 1 ppm frequency control range, vcon = 1.41.0 v 10 ppm start up time, 90% of final rf level in vp-p 2.0 ms harmonics -5.0 dbc ssb phase noise @ 10 khz carrier offset -130 dbc/hz max stanard shipping quantity on 180 mm (7?) reel 1000 units lid symbolization 9006 // ywws sm3225-4 case ? voltage controlled temperature compensated crystal oscillator  application: wireless communication devices  excellent frequency stability & low phase noise  3.2 x 2.5 x 1.3 mm surface-mount case  complies with directive 2002/95/ec (rohs) 40 mhz vctcxo XVT9006 caution: electrostatic sensitive device. observe precautions for handling. notes: 1. the design, manufacturing process, and specifications of this device are subject to change without notice. pb preliminary
www.rfm.com e-mail: info@rfm.com page 2 of 3 ?2009-2010 by rf monolithics, inc. XVT9006 - 2/2/10 3.2 0.2 2 . 5 0 . 2 1.3 (max) 0.79 0 . 7 9 1.5 0 . 8 0.79 0 . 7 9 0 . 8 1.5 1 2 3 4 pin connection 1 vcon 2 gnd/case gnd 3 output 4vcc 4-terminal surface-mount seam weld case 3.2 x 2.5 mm nominal footprint sm3225-4 case application circuit            
                 
       
 

   
  
   
                      dimensions in mm
www.rfm.com e-mail: info@rfm.com page 3 of 3 ?2009-2010 by rf monolithics, inc. XVT9006 - 2/2/10 reel dimensions tape dimensions mm a0 b0 w f e p0 p1 p2 d1 d k0 t dimension 2.80 3.71 8.00 3.50 1.75 4.00 4.00 2.00 1.50 1.00 1.75 0.25 tolerance 0.10 0.10 +0.30/-0.10 0.05 0.10 0.10 0.10 0.05 +0.10/-0.00 +0.25/-0.00 0.10 0.02 mm a b c d e f g h t1 t2 t3 dimension 180 60 13.0 2.0 9.1 2.9 4.9 3.9 9.0 11.4 1.2 tolerance 1.0 +1.0/-0.0 0.2 0.5 0.5 0.5 0.5 0.5 0.3 1.0 0.1


▲Up To Search▲   

 
Price & Availability of XVT9006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X