Part Number Hot Search : 
BTA06 IRFP230 36606 NCP16 6029E C331M LTC1350 MBT3904
Product Description
Full Text Search
 

To Download TF202L-X-AC3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd tf202 n-channel jfet www.unisonic.com.tw 1 of 4 copyright ? 2011 unisonic technologies co., ltd qw-r210-001.f n-channel jfet capacitor microphone applications ? description the utc tf202 uses advanced trench technology to provide excellent r ds (on) , low gate charge and operation with low gate voltages. this device is suitable for use in capacitor microphone applications. ? features *suited for use in audio, telephone capacitor microphones. *good voltage characteristic. *good transient characteristic. ? ordering information ordering number pin assignment lead free halogen free package 1 2 3 packing TF202L-X-AC3-R tf202g-x-ac3-r sot-113 s d g tape reel tf202l-x-ae3-r tf202g-x-ae3-r sot-23 s d g tape reel tf202l-x-an3-r tf202g-x-an3-r sot-523 s d g tape reel ? marking tf202-e4 tf202-e5
tf202 n-channel jfet unisonic technologies co., ltd 2 of 4 www.unisonic.com.tw qw-r210-001.f ? absolute maximum ratings ( t a =25 , unless otherwise specified ) parameter symbol rating unit gate drain voltage v gdo -20 v gate current i g 10 ma drain current i d 1 ma power dissipation p d 100 mw junction temperature t j 150 storage temperature t stg -55~+150 note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (t a =25 c, unless otherwise specified) parameter symbol test conditions min typ max unit gate drain breakdown voltage bv gdo i g =-100 a -20 v gate source cut off voltage v gs(off) v ds =5v, i d =1 a -0.2 -0.6 -1.2 v drain current i dss v ds =5v, v gs =0 140 350 a forward transfer admittance lyfsl v ds =5v, v gs =0, f=1khz 0.5 1.2 ms input capacitance c iss v ds =5v, v gs =0, f=1mhz 3.5 pf output capacitance c rss v ds =5v, v gs =0, f=1mhz 0.65 pf voltage gain g v v in =10mv, f=1khz -3 db reduced voltage characteristic g vv v in =10mv,f=1khz, v cc =4.5v 1.5v -1.2 -3.5 db frequency characteristic g vf f=1khz to 110hz -1 db input resistance z in f=1khz 25 m output resistance z o f=1khz 700 ? total harmonic distortion thd v in =30mv, f=1khz 1 % output noise voltage v no v in =0 -110 db ? classification of i dss rank e4 e5 range 140-240 210-350
tf202 n-channel jfet unisonic technologies co., ltd 3 of 4 www.unisonic.com.tw qw-r210-001.f ? test circuit (t a =25 c)
tf202 n-channel jfet unisonic technologies co., ltd 4 of 4 www.unisonic.com.tw qw-r210-001.f ? typical characteristics utc assumes no responsib ility for equipment failures that result from using pr oducts at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of TF202L-X-AC3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X