Part Number Hot Search : 
10016 25P10 RGP30K HSS101 FAN5612 EAIRMAA3 MC74F195 00505
Product Description
Full Text Search
 

To Download SXN15-48D05-3V3-RJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dc-dc converters 10.8-15 w high efficiency dc-dc converters 1 2 year warranty sxn15 series single output ? high efficiency topology, 87% typical at 5 v ? wide operating temperature, up to and exceeding 70 ?c (natural convection) ? 90% to 110% output trim ? no minimum load ? overvoltage protection ? remote on/off control ? available rohs compliant the sxn15 is a new high efficiency open frame isolated 15 watt converter series in an industry standard footprint. the first four models in the series feature an input voltage range of 33 vdc to 75 vdc and are available in output voltages of 5 v, 3.3 v, 2.5 v and 1.8 v. the output voltage on each model is adjustable from 90% to 110% of the nominal value. typical efficiencies for the models are 87% for the 5 v, 86% for the 3.3 v, 85% for the 2.5 v and 83% for the 1.8 v version. the sxn15 series also has a remote on/off capability with active high or active low logic. overcurrent and overvoltage protection features are included as standard. with full international safety approval including en60950 and cul1950, the sxn15 reduces compliance costs and time to market. all specifications are typical at nominal input, full load at 25 c unless otherwise stated output specifications voltage adjustability 90% to 110% total error band (see note 11) 3.5% max. line regulation 1.8 v and 2.5 v models 0.5% max. low line to high line 3.3 v and 5 v models 0.1% max. load regulation 1.8 v model 2.0% max. full load to min. load 2.5 v model 1.5% max. 3.3 v and 5 v models 0.5% max. minimum load 0% overshoot 1.8 v and 2.5 v models 3.5% max. at turn-on and turn-off 3.3 v and 5 v models none undershoot none ripple and noise 1.8 v and 2.5 v models 40 mv pk-pk (see note 1) 14 mv rms 5 hz to 20 mhz 3.3 v and 5 v models 70 mv pk-p 20 mv rms transient response 1.8 v and 2.5 v models 150 mv (see note 2) 3.3 v and 5 v models 100 mv typ. deviation 400 s recovery to within total error band input specifications input voltage range 48 vin nominal 33-75 vdc input current no load 35 ma max. remote off 25 ma max. input current (max.) (see note 4) 0.55 a max. @ io max. and vin = 33-75 vdc input reflected ripple (see note 6) 5 ma (pk-pk) typ. active high remote on/off (see note 8) logic compatibility open collector ref to -input on open circuit or >2 vdc off <1.2 vdc undervoltage lockout power up 33 v (typ.) power down 30 v (typ.) start-up time power up 1.5 ms (typ.) (see note 7) remote on/off 2.5 ms (typ.) specifications file name: sxn15s.pdf rev (01): 08 dec 2005 emc characteristics conducted emissions en55022 (see note 3) level a en55022 (see note 3) level b radiated emissions en55022 (see longform datasheet) level b immunity: esd air en61000-4-2 8 kv, 15 kv esd contact en61000-4-2 6 kv, 8 kv radiated field enclosure en61000-4-3 10 v/m conducted (dc power) en61000-4-6 10 v conducted (signal) en61000-4-6 10 v (see note 10) input transients ets 300 132-2, etr 283 general specifications efficiency see table operational insulation input/output 1500 vdc switching frequency fixed 265 khz typ. approvals and (see note 5) ul/cul1950, en60950 standards tv rheinland material flammability ul94v-0 weight 12 g (0.42 oz) coplanarity 150 m mtbf mil-hdbk-217f 1,790,000 hours representative model: 48s05j @ 48 vin, 40 c, 100% load ground benign bellcore 332 >1,500,000 hours e nvironmental specifications thermal performance operating ambient -40 c to +65 c (see note 9) temp. (3.3 v and 5 v) operating ambient -40 c to +70 c temp. (1.8 v and 2.5 v) non-operating -40 c to +120 c (all models) tv
datasheet ? artesyn technologies ? 2005 the information and specifications contained in this datasheet are believed to be correct at time of publication. however, arte syn technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. specifications are subject to change without notice. no rights under any patent accompany the sale of any such product(s) or information contained herein. for the most current data and application support vi sit www.artesyn.com/power group/products.htm n n o o t t e e s s 1 measured as per recommended set-up. see application note 116 for further details. 2 di/dt = 0.1 a/s, vin = 48 vdc, tc = 25 c, load change = 0.5 lo max. to 0.75 lo max. and 0.75 lo max. to 0.5 lo max. 3 the sxn15 meets level a and level b conducted emissions only with external components connected before the input pins to the converter. see application note 116 for further details. 4 recommended input fusing is a 2 a hrc 200 v rated fuse. 5 this product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product. 6 measured with external filter. see application note 116 for further details. 7 start-up into resistive load. 8 active low remote on/off is available. standard product is active high. designate with the suffix '-r' e.g. sxn15-48s05-rj. 9 operating ambient temperatures are specified at natural convection. higher operating temperatures are possible with increased airflow. see application note 116 for further details. 10 signal line assumed < 3 m in length. 11 this parameter is calculated at worst case line, load, temperature and initial settings. 12 the j suffix indicates that these parts are pb-free (rohs 6/6) compliant. tse rohs 5/6 (non pb-free) compliant versions may be available on special request, please contact your local sales representative for details. 13 notice: some models do not support all options. please contact your local artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative. caution: hazardous internal voltages and high temperatures. ensure that unit is not user accessible. protection short circuit continuous overvoltage non-latching clamp telecom specification central office interface a ets300-132-2, input voltage and current requirements sxn15 series single output dc-dc converters 10.8-15 w high efficiency dc-dc converters 2 please consult our website for the following items: application note longform data sheet www.artesyn.com file name: sxn15s.pdf rev (01): 08 dec 2005 1.905 (48.39) top view side view bottom view tolerance: .015 ( .38) recommended land & hole pattern 1.010 (25.65) 0.335 (8.51) 0.110 (2.79) 0.120 (3.05) 1.680 (42.67) 1.483 (37.67) 1.136 (28.85) 0.302 (7.67) 0.105 (2.67) 0.070 (1.78) 0.840 (21.37) 0.197 (5.00) 0.110 (2.79) 0.130 (3.30) 0.347 (8.81) 1.705 (43.31) 0.800 (20.32) 1.020 (25.91) 0.197 (5.00) 1.031 (26.19) 0.820 (20.83) 0.020 (0.51) 0.072 (1.83) 1 156 10 9 11 4 87 123 56 7 8 10 9 4 11 23 all dimensions in inches [mm] pin connections pin number feature 1 vout + 2 vout - 3 n/c 4 trim 5 n/c 6 n/c 7 n/c 8 on/off 9 n/c 10 vin - 11 vin + output input ovp output output output efficiency regulation model power voltage voltage current current (typ.) line load number (8,12,13) (max.) (min.) (max.) 10.8 w 33-75 vdc 2.3 vdc 1.8 v 0 a 6 a 83% 0.3% 2.0% sxn15-48s1v8j 15 w 33-75 vdc 3.2 vdc 2.5 v 0 a 6 a 85% 0.3% 1.5% sxn15-48s2vj 15 w 33-75 vdc 4 vdc 3.3 v 0 a 4.5 a 86% 0.1% 0.5% sxn15-48s3v3j 15 w 33-75 vdc 6 vdc 5 v 0 a 3 a 87% 0.1% 0.5% sxn15-48s05j international safety standard approvals ul/cul 1950 3rd edition. file no. e135734 tv tv rheinland. file no. 10401-3336-0916 licence no. 40004290


▲Up To Search▲   

 
Price & Availability of SXN15-48D05-3V3-RJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X