Part Number Hot Search : 
4069U STE53NA SF10SC3L 4D561K TA7310 AD670KP KSL0M211 NTE1790
Product Description
Full Text Search
 

To Download SFF2005GA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? high efficiency, low vf ? high current capability ? high reliability ? high surge current capability ? low power loss sff200xga = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol unit v rrm v v rms v v dc v i f(av) a i fsm a v f v trr ns cj pf r jc o c/w t j o c t stg o c note 3: measured at 1 mhz and a pp lied reverse volta g e of 4.0v d.c. ? green compound with suffix "g" on packing code & prefix "g" on datecode ? weight: 1.75 grams typical thermal resistance type number maximum average forward rectified current @t c =100 1.3 300 ? for use in low voltage, high frequency inventor, free wheeling, and polarity protection application mechanical data dimensions in inches and (millimeters) features ? case: ito-220ab molded plastic ? epoxy: ul 94v-0 rate flame retardant ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 guaranteed SFF2005GA isolated 20.0amps glass passivated super fast rectifier marking diagram ito-220ab peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) note 1: pulse test with pw=300 usec, 1% duty cycle operating temperature range storage temperature range - 65 to + 150 ua maximum instantaneous forward voltage @ 10a 7 10 400 210 version:a10 - 65 to + 150 typical junction capacitance (note 3) note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 90 maximum rms voltage maximum dc blocking voltage 20 150 maximum repetitive peak reverse voltage SFF2005GA 300 ? polarity: as marked ? high temperature soldering: 260 /10 seconds/.16",(4.06mm) from case maximum reverse recovery time (note 2) 35 maximum reverse current @ rated vr t a =25 (note 1) t a =100 i r pb rohs compliance rohs compliance
version:a10 ratings and characteristic curves (SFF2005GA) fig.1 forward current derating curve 0 5 10 15 20 25 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 case temperature ( o c) average forward a current (a) fig. 3 maximum non-repetitive forward surge current 0 30 60 90 120 150 1 10 100 number of cycles at 60 hz peak forward surge a current (a) 8.3ms single half sine wave jedec method fig. 2 typical reverse characteristics 0.001 0.01 0.1 1 10 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse current (ua) ta=25 ta=125 ta=75 fig. 4 typical junction capacitance 0 10 20 30 40 50 60 70 80 90 100 1 10 100 reverse voltage (v) capacitance (pf) ta=25 fig. 5 typical forward characterisrics 0.01 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 forward voltage (v) instantaneous forward a current (a) ta=25 pulse width=300us 1% duty cycle


▲Up To Search▲   

 
Price & Availability of SFF2005GA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X