Part Number Hot Search : 
LT1676 100NH00G DTC143XK MBR72008 BAT85S12 HMBT2484 D17010GF SI9200EY
Product Description
Full Text Search
 

To Download RM1200E11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rm1200e thru rm2000e 500 m illiamp high voltage silicon rectifier 1200 to 2000 volts features ? low forward voltage drop ? high current capability ? high voltage maximum ratings ? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage rm1200e 1200v 840v 1200v rm1500e 1500v 1050v 1500v rm1800e 1800v 1260v 1800v rm2000e 2000v 1400v 2000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 500ma t a = 50 c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage rm1200e-rm1800e rm2000e v f 2.0v 3.0v i fm = 0.5a; t a = 50 c maximum dc reverse current at rated dc blocking voltage i r 5.0 a 50 a t a = 25 c t a = 100 c typical junction capacitance c j 30pf measured at 1.0mhz, v r =4.0v  
 omp onents 20736 marilla street chatsworth       
     mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 1 of 3 rm12 rm15 rm18 rm20 do-214ac (smae) 0.070 0.090 0.085 suggested solder pad lay ou t h j e g a b d c cathode band dimensions inches mm dim min max min max note a .079 .096 2.01 2.44 b .050 .075 1.27 1.90 c .002 .008 .05 .20 d --- .02 --- .51 e .030 .060 .76 1.52 g .189 .208 4.80 5.30 h .157 .180 4.00 4.57 j .090 .115 2.29 2.92 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemptions applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
rm1200e - rm2000e 1 100 4 0 5 10 15 8 figure 3 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 20 25 30 instantaneous reverse current - micro amps versus percent of rated peak reverse voltage - volts figure 1 typical reverse characteristics 0 120 20 40 60 80 .01 .02 .04 .06 t j = 25 c a volts 100 .08 .1 .2 .4 .6 .8 1 2 4 average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 150 25 50 75 100 0 100 200 300 single phase, half wave 60hz resistive or inductive load ma c 125 400 500 600 mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 2 of 3
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 device packing part number-tp tape&reel: 6kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of RM1200E11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X