Part Number Hot Search : 
X1165A ST2060 A10DD 25201 AC573 71055 A3280LH HT6560B
Product Description
Full Text Search
 

To Download RD15CG223J201PR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  meritek radial leaded, epoxy dipped multilayer ceramic capacitors are constructed with a moisture and shock resistant epoxy coating, and can be supplied in bulk or tape and reel packaging for automatic insertion in printed circuit boards. they have a wide range of applications in computers, data processors, telecommunication, industrial controls and instrumentation equipment, etc. p art n umbering s ystem rd 15 yv 104 z 500 rr meritek series size dielectric code cg xr yv npo x7r capacitance code code 101 223 104 (pf) 100 22000 100000 ( f) - -- -0. 022 0. 1 tolerance code j k m z 5% 10% 20% +80% to C20% rated voltage code 500 101 201 50v 100v 200v packaging code blank rr bulk radial leaded, reel p ackage meritek radial leaded, epoxy dipped, multilayer ceramic capacitors rd series 4.06 (.160) max. 1.50(.060) max. 3.81(.150) max 25.4(1.00) max 5.08 (.200) max. 1.50(.060) max. 5.08(.200) max 25.4(1.00) max 7.60 (.300) max. 7.60(.300) max. 1.50(.060) max. 25.4(1.00) max 4.06 (.160) max. 7.60(.300) max. 3.81 max. (.150) 25.4(1.00) max 5.08 (.200) max. 7.60(.300) max. 5.08 max. (.200) 25.4(1.00) max lead spacing size code and dimensions in mm (inches) rd15 rd30 rd16 rd21 rd20 2.5 + 0.8 (.10 + 0.032) 5.0 + 0.8 (.20 + 0.032) 5.0 + 0.8 (.20 + 0.032) lead length can be cut upon customer's request. standard cut lead lengths are: 3.3 + 0.8(.13 + .03) 10.0 + 2.0(.39 + .08) 6.0 + 1.0(.24 + .04) special lead styles available upon request. y5v s pecifications are subject to change without notice. rev.6 a
p erformance s pecifications meritek radial leaded, epoxy dipped multilayer ceramic capacitors rd series 3.capacitance range size npo x7r y5v rd15, rd16 rd20, rd21 1000 p f to 0.1 f 10 p f to 1000 p f 8200 p f to 0.1 f 0.1 f to 1.0 f 0.15 f to 1 f y5v 1.e lectrical eia npo x7r dielectric code temperature characteristic 0 30ppm / o c , c > 20pf 0 +120 / -40 ppm / o c, c < 20pf c 15% maximum over -55 o c to +125 o c c 22%/ -82% maximum over -30 o c to +85 o c operating temperature range -55 o c to + 125 o c -55 o c to +125 o c -30 o c to +85 o c measuring conditions for capacitance and d.f. 1 mhz, 1 vrms, c < 1000pf 1 khz, 1 vrms 1 khz, 0.5 vrms dissipation factor (d.f.) and tangent of loss angle (tan ) < 0.1% < 2.5% < 5.0% insulation resistance (i.r.) after 60 secs, charging at rated voltage, 25 o c, 55% rh max. > 100g ohms or > 1000m f whichever is less > 100g ohms or > 1000m f whichever is less > 10g ohms or > 1000m f whichever is less voltage proof 25 o c, 1-5 secs 2.5 x rated voltage 2.5 x rated voltage 2.5 x rated voltage capacitance aging 0 2.5% per decade hour 7% per decade hour 2.e nviromental test test condition post- test inspection requirements solderability solder 60sn/40pb, 235 5 o c immersion 2 0.5 sec. depth of immersion: 1.5 C 2.0mm at least 95% of leads should be well tinned resistance to soldering heat immersion in solder bath at 260 5 o c for 10 1 sec. recovery: 24 2 hrs. (npo) 48 4 hrs. (x7r, y5v) no visible damage. npo x7r y5v c/ o c < 5 % 10% 20% rapid change of temperature -55 to +125 o c (npo. x7r ) -25 to +85 o c (y5v) 5 cycles, duration : 30 mins. recovery: 24 2 hrs. (npo) 48 4 hrs. (x7r, y5v) no visible damage endurance 1000 hrs. at maximum temperature with 1.5 x rated voltage applied recovery: 24 2 hrs. (npo) 48 4 hrs. (x7r, y5v) no visible damage x7r y5v c/ o c < 2 % < 20% < 30% df < ir r.c>25s <5% < 10% 0.3% eia npo


▲Up To Search▲   

 
Price & Availability of RD15CG223J201PR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X