Part Number Hot Search : 
CONDUCTO 89XR10TR HERS104G SMBJ36CA PD720201 MV64520 MAX99 HT7465
Product Description
Full Text Search
 

To Download RCH-110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power inductor< pin type : rch series> type: RCH-110 please refer to the sales offices on our website for a representative near you www.sumida.com 1/2 product description ? 10.5mm max. , 10.5mm max. height. ? inductance range: 10 h 1.0mh ? rated current range: 0.53 5.3a ? in addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirements. feature ? magnetically unshielded construction. ? ideally used in printers, lcd tv, dvd, printer, copy machine, mainboard of the compounding machines, etc as power supplies?s inductors or dc-dc converter inductors. ? rohs compliance dimensions (mm) schematics (bottom) to be connected between #1 and #4,#2 and #3 when used.(10 h 33 h). it is no matter for the electric characteristics if te rminal 1 is connected to terminal 4, terminal 2 is connected to terminal 3 with solder.(on the bottom of drum core) (10 h 33 h) 10.00.5 3.5 1.0 10.00.5 0.7-0.05 +0.1 5.00.3 4.00.3 10h33h ? 39h1mh ?
power inductor< pin type : rch series> type: RCH-110 please refer to the sales offices on our website for a representative near you www.sumida.com 2/2 specification part name stamp inductance (at 1khz) [within] d.c.r.( ) [max.] (at20 ) rated current ( ) 1 s.r.f. (mhz) typ. mounting holes (mm) 2 rch11?np-1??m rch11?np-12?m rch11?np-15?m 100m 120m 150m 10 h 20% 12 h 20% 15 h 20% 0.022 0.023 0.026 5.3 4.9 4.4 14 11 7.7 1.4 1.4 1.4 rch11?np-18?m rch11?np-22?m rch11?np-27?m 180m 220m 270m 18 h 20% 22 h 20% 27 h 20% 0.033 0.037 0.048 4.0 3.6 3.3 7.1 6.8 6.1 1.2 1.2 1.2 rch11?np-33?k rch11?np-39?k rch11?np-47?k 330k 390k 470k 33 h 10% 39 h 10% 47 h 10% 0.055 0.073 0.083 2.9 2.7 2.5 6.0 8.6 8.1 1.2 1.2 1.2 rch11?np-56?k rch11?np-68?k rch11?np-82?k 560k 680k 820k 56 h 10% 68 h 10% 82 h 10% 0.092 0.12 0.14 2.3 2.1 1.9 7.6 6.3 6.0 1.2 1.2 1.2 rch11?np-1?1k rch11?np-121k rch11?np-151k 101k 121k 151k 100 h 10% 120 h 10% 150 h 10% 0.16 0.20 0.23 1.7 1.5 1.4 5.7 4.8 4.2 1.2 1.2 1.2 rch11?np-181k rch11?np-221k rch11?np-271k 181k 221k 271k 180 h 10% 220 h 10% 270 h 10% 0.31 0.34 0.40 1.3 1.1 1.0 3.9 3.8 3.4 1.2 1.2 1.2 rch11?np-331k rch11?np-391k rch11?np-471k 331k 391k 471k 330 h 10% 390 h 10% 470 h 10% 0.52 0.65 0.71 0.93 0.86 0.78 2.8 2.7 2.5 1.0 1.0 1.0 rch11?np-561k rch11?np-681k rch11?np-821k 561k 681k 821k 560 h 10% 680 h 10% 820 h 10% 1.0 1.1 1.3 0.71 0.65 0.59 2.2 2.1 2.0 1.0 1.0 1.0 rch11?np-1?2k 102k 1.0 mh 10% 1.7 0.53 1.7 1.0 1: rated current: the dc current at which the inductance decreases 90% of it?s initial value or when t=40 whichever is lower(ta 20 ) : please give sufficient consideration to the thickness of wire while mounted into p.c.b.


▲Up To Search▲   

 
Price & Availability of RCH-110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X