Part Number Hot Search : 
AT6020 YD3843 AM42D SH223 01061 TA8000F VB027 SL4558N
Product Description
Full Text Search
 

To Download PC2002D-O09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  absolute maximum ratings at t a = 25c item symbol min max unit power supply (logic) vdd -0.3 7.0 v power supply (lcd) vlcd (vdd-vo) -13.5 0.3 v input voltage vi -0.3 vdd+0.3 v operating temperature (standard) topr 0 50 c storage temperature (standard) tstg -10 60 c extended operating temperature topr -20 70 c extended storage temperature tstg -30 80 c pc2002d-o series (20x2) character display electrical characteristics at t a = 25c, vdd=5v+0.25v item symbol min typ max unit power supply (logic) vdd-vss 4.5 5.0 5.5 v supply current idd 0.5 1.0 2.0 ma lcd driving voltage vdd -vo 4.1 4.9 5.0 v lcd driving current llcd - 0.2 0.4 ma all dimensions are in mm. tolerance is 0.3 unless otherwise specified features *20 character, 2 line *view angle 12h or 6h *stn fluid yellow, gray or blue *extended temperature range available *led backlight available *rohs compliant interface pin connection no symbol function no symbol function 1 vss power supply (gnd) 9 db2 data bus line 2 2 vdd power supply (+5v) 10 db3 data bus line 3 3 vo contrast adjust 11 db4 data bus line 4 4 rs instruction/register select 12 db5 data bus line 5 5 r/w read/write 13 db6 data bus line 6 6 e enable signal 14 db7 data bus line 7 7 db0 data bus line 0 15 a power supply for led backlight (+) 8 db1 data bus line 1 16 k power supply for led backlight (-) mechanical specifications item overall size viewing area character size character pitch dot size specifications 116.0w x 37.0h x 10.5/bl14.5t 83.0w x 18.6h 3.20w x 5.55h 3.70x5.95 0.60w x 0.65h led backlight specifications forward voltage forward current power dissipation 4.3v (max) 210ma (max) 903mw (max) 570nm (typ) peak wavelength tel:(800)688-0613 tel:(719) 589 3122 fax:(719) 589 3592 www.p-tec.net sales@p-tec.net p-tec corp. 2405 commerce circle alamosa co. 81101 09.11.07 rev0
pc2002d-o series (20x2) character display all dimensions are in mm. tolerance is 0.3 unless otherwise specified lcd block diagram dot layout tel:(800)688-0613 tel:(719) 589 3122 fax:(719) 589 3592 www.p-tec.net sales@p-tec.net p-tec corp. 2405 commerce circle alamosa co. 81101 09.11.07 rev0 s6a0069 or equivalent lcd panel e r/w rs db0 controller 40 16 db7 driver 4 60 v0 vss vdd 8 3.20 0.50 0.60 5.55 5.95 0.65 0.05 0.05 5.7 0.5 9.7 0.5 14.5 10.5 max. max. 116.0 0.5 108.0 90.8 83.0 73.5 29.0 18.6 31.2 11.5 1.6 0.1 p2.54x7=17.8 1.6 0.1 5.0 2.54 9.6 4.0 4.0 10.88 4-?3.5 37.0


▲Up To Search▲   

 
Price & Availability of PC2002D-O09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X