Part Number Hot Search : 
SY89845U KRA309 0XS18D7 AD2S93 74HC42 4G102G1G OPF391A AN6337S
Product Description
Full Text Search
 

To Download MS414PJB155MSZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high-reliability power inductors ms414pjb 3314 power inductors document ms541-1 revised 09/24/12 core material ferrite terminations tin-lead (63/37) over tin over nickel. weight 44.1 C 46.5 mg ambient temperature C55c to +105c with i rms current, +105c to +155c with derated current storage temperature component: C55c to +155c. tape and reel packaging: C55c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) enhanced crush-resistant packaging 1000/7reel plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing, 1.52 mm pocket depth recommended pick and place nozzle od: 3.3 mm; id: 1.65 mm high temperature material allows operation in ambient temperatures up to 155c special construction allows it to pass vibration testing to 80 g and shock testing to 1000 g. tin-lead (sn-pb) termination for the best possible board adhesion 1. when ordering, please specify testing code: ms414pjb105msz testing: z = cots h = screening per coilcraft cp-sa-10001 n = screening per coilcraft cp-sa-10004 2. inductance tested at 100 khz, 0.1 vrms using an agilent/hp 4192a. inductance at 1 mhz is the same for parts with srf 10 mhz. 3. dcr measured on a micro-ohmmeter. 4. srf measured using agilent/hp 8753es or equivalent. 5. dc current that causes the specifed induc- tance drop from its value without current. 6. current that causes the specifed temperature rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount com - ponents before soldering. inductance dcr isat (a) 5 irms (a) 6 20% 2 max 3 srf (mhz) 4 10% 20% 30% 20c 40c part number 1 (h) (ohms) min typ drop drop drop rise rise ms414pjb102msz 1.0 0.055 150 215 1.8 1.9 1.9 1.3 1.7 ms414pjb222msz 2.2 0.100 98.0 140 1.1 1.4 1.5 0.96 1.3 ms414pjb332msz 3.3 0.145 80.5 115 0.98 1.2 1.3 0.80 1.1 ms414pjb472msz 4.7 0.175 60.2 86 0.97 0.99 1.0 0.72 1.0 ms414pjb562msz 5.6 0.220 51.8 74 0.92 0.95 0.98 0.66 0.88 ms414pjb682msz 6.8 0.240 50.4 72 0.82 0.83 0.86 0.66 0.88 ms414pjb822msz 8.2 0.270 42.0 60 0.58 0.75 0.78 0.56 0.80 ms414pjb103msz 10 0.330 38.5 55 0.56 0.66 0.70 0.52 0.70 ms414pjb153msz 15 0.440 31.5 45 0.46 0.56 0.59 0.50 0.66 ms414pjb183msz 18 0.575 25.9 37 0.44 0.51 0.54 0.42 0.54 ms414pjb223msz 22 0.720 23.8 34 0.44 0.48 0.49 0.36 0.48 ms414pjb333msz 33 0.920 18.9 27 0.30 0.38 0.40 0.34 0.46 ms414pjb473msz 47 1.40 15.4 22 0.28 0.33 0.34 0.28 0.38 ms414pjb563msz 56 1.55 13.3 19 0.26 0.30 0.31 0.26 0.34 ms414pjb683msz 68 1.80 11.9 17 0.22 0.26 0.29 0.24 0.32 ms414pjb823msz 82 2.00 9.8 14 0.20 0.24 0.26 0.23 0.31 ms414pjb104msz 100 2.75 9.1 13 0.19 0.23 0.24 0.21 0.30 ms414pjb124msz 120 3.45 7.7 11 0.19 0.21 0.22 0.18 0.24 ms414pjb154msz 150 4.10 7.0 10 0.16 0.19 0.20 0.16 0.22 ms414pjb184msz 180 4.80 6.3 9.0 0.14 0.17 0.18 0.15 0.20 ms414pjb224msz 220 6.00 4.90 7.0 0.14 0.16 0.17 0.13 0.18 ms414pjb334msz 330 9.30 4.20 6.0 0.11 0.12 0.13 0.10 0.14 ms414pjb474msz 470 12.0 3.15 4.5 0.080 0.11 0.11 0.10 0.13 ms414pjb564msz 560 14.0 3.15 4.5 0.095 0.105 0.11 0.090 0.12 ms414pjb684msz 680 18.5 2.80 4.0 0.092 0.100 0.105 0.080 0.10 ms414pjb824msz 820 24.0 2.59 3.7 0.086 0.099 0.100 0.070 0.090 ms414pjb105msz 1000 31.0 2.10 3.0 0.090 0.099 0.100 0.065 0.080 MS414PJB155MSZ 1500 44.0 1.89 2.7 0.080 0.086 0.090 0.050 0.060 ? ? coilcraft, inc. 2012 1102 silv er lak e road car y, il 60013 phone 800-981-0363 fa x 847-639-1508 email c ps@coilcraft.com www . coilcraft-cps . com this pr oduct may not be used in medical or hig h risk applications without prior coilcraft appr oval. specifications subject to change without notice. please check our web site for latest infor mation.
ms414pjb series (3315) 3314y power inductors typical l vs current typical l vs frequency 0.01 0.1 11 0 current (a) 0. 1 1 10 10000 1000 100 inductance (h) 1 h 10 h 3.3 h 33 h 100 h 330 h 1000 h 0.01 0.1 11 0 frequency (mhz) 0. 1 1 10 10000 1000 100 inductance (h) 1 h 10 h 3.3 h 33 h 100 h 330 h 1000 h current derating -40 -55 -20 02 04 06 08 0 100 160 140 120 ambient temperature (c) pe r cent of rated current 120 110 100 90 80 70 60 50 40 30 20 10 0 25c i sat i rm s dimensions are in inches mm document ms541-2 revised 09/24/12 ? ? coilcraft, inc. 2012 1102 silv er lak e road car y, il 60013 phone 800-981-0363 fa x 847-639-1508 email c ps@coilcraft.com www . coilcraft-cps . com this pr oduct may not be used in medical or hig h risk applications without prior coilcraft appr oval. specifications subject to change without notice. please check our web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of MS414PJB155MSZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X