Part Number Hot Search : 
MAX80307 MPC82 P2010 WT8811 1017A ZMY68 LA6242 708V6Q
Product Description
Full Text Search
 

To Download MC34060A11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 march, 2011 ? rev. 7 1 publication order number: mc34060a/d mc34060a, mc33060a fixed frequency, pwm, voltage mode single ended controllers the mc34060a is a low cost fixed frequency, pulse width modulation control circuit designed primarily for single ? ended switchmode  power supply control. the mc34060a is specified over the commercial operating temperature range of 0 to +70 c, and the mc33060a is specified over an automotive temperature range of ? 40 to +85 c. features ? complete pulse width modulation control circuitry ? on ? chip oscillator with master or slave operation ? on ? chip error amplifiers ? on ? chip 5.0 v reference, 1.5% accuracy ? adjustable dead ? time control ? uncommitted output transistor rated to 200 ma source or sink ? undervoltage lockout ? these are pb ? free and halide ? free devices pin connections (top view) error amp error amp 12 + - + - v cc 5.0 v ref 0.1v oscillator q1 noninv input inv input compen/pwm comp input dead-time control c t r t ground noninv input inv input v ref n.c. v cc c e 1 2 3 4 5 6 78 9 10 11 12 13 14 marking diagrams pdip ? 14 p suffix case 646 soic ? 14 d suffix case 751a see detailed ordering and shipping information in the package dimensions sect ion on page 14 of this data sheet. ordering information x = 3 or 4 a = assembly location wl = wafer lot y, yy = year ww = work week g = pb ? free package http://onsemi.com 14 1 mc3x060adg awlyww 1 14 14 1 mc3x060ap awlyywwg 1 14
mc34060a, mc33060a http://onsemi.com 2 maximum ratings (full operating ambient temperature range applies, unless otherwise noted.) rating symbol value unit power supply voltage v cc 42 v collector output voltage v c 42 v collector output current (note 3) i c 500 ma amplifier input voltage range v in ? 0.3 to +42 v power dissipation @ t a 45 c p d 1000 mw operating junction temperature t j 125 c storage temperature range t stg ? 55 to +125 c operating ambient temperature range for mc34060a for mc33060a t a 0 to +70 ? 40 to +85 c esd capability machine model human body model 200 2.0 v kv stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. this device series contains esd protection and exceeds the following tests: pins 1? 14: human body model 2000 v per jedec standard jesd22 ? a114e. pins 1? 8: machine model method 200 v per jedec standard jesd22 ? a115 ? a. 2. this device contains latch ? up protection and exceeds 100 ma per jedec standard jesd78. thermal characteristics characteristics symbol p suffix package d suffix package unit thermal resistance, junction ? to ? ambient r  ja 80 120 c/w derating ambient temperature t a 45 45 c recommended operating conditions condition/value symbol min typ max unit power supply voltage v cc 7.0 15 40 v collector output voltage v c ? 30 40 v collector output current i c ? ? 200 ma amplifier input voltage v in ? 0.3 ? v cc ? 2 v current into feedback terminal i fb ? ? 0.3 ma reference output current i ref ? ? 10 ma timing resistor r t 1.8 47 500 k  timing capacitor c t 0.00047 0.001 10  f oscillator frequency f osc 1.0 25 200 khz pwm input voltage (pins 3 and 4) ? ? 0.3 ? 5.3 v 3. maximum thermal limits must be observed.
mc34060a, mc33060a http://onsemi.com 3 electrical characteristics (v cc = 15 v, c t = 0.01  f, r t = 12 k  , unless otherwise noted. for typical values t a = 25 c, for min/max values t a is the operating ambient temperature range that applies, unless otherwise noted.) characteristics symbol min typ max unit reference section reference voltage (i o = 1.0 ma, t a 25 c) t a = t low to t high ? mc34060a t a = t low to t high ? mc33060a v ref 4.925 4.9 4.85 5.0 ? ? 5.075 5.1 5.1 v line regulation (v cc = 7.0 v to 40 v, i o = 10 ma) reg line ? 2.0 25 mv load regulation (i o = 1.0 ma to 10 ma) reg load ? 2.0 15 mv short circuit output current (v ref = 0 v) i sc 15 35 75 ma output section collector off ? state current (v cc = 40 v, v ce = 40 v) i c(off) ? 2.0 100  a emitter off ? state current (v cc = 40 v, v ce = 40 v, v e = 0 v) i e(off ) ? ? ? 100  a collector ? emitter saturation voltage (note 4) common ? emitter (v e = 0 v, i c = 200 ma) emitter ? follower (v c = 15 v, i e = ? 200 ma) v sat(c) v sat(e) ? ? 1.1 1.5 1.5 2.5 v output voltage rise time (t a = 25 c) common ? emitter (see figure 12) emitter ? follower (see figure 13) t r ? ? 100 100 200 200 ns output voltage fall time (t a = 25 c) common ? emitter (see figure 12) emitter ? follower (see figure 13) t r ? ? 40 40 100 100 ns error amplifier section input offset voltage (v o[pin 3] = 2.5 v) v io ? 2.0 10 mv input offset current (v c[pin 3] = 2.5 v) i io ? 5.0 250 na input bias current (v o[pin 3] = 2.5 v) i ib ? ? 0.1 ? 2.0  a input common mode voltage range (v cc = 40 v) v icr 0 to v cc ? 2.0 ? ? v inverting input voltage range v ir(inv) ? 0.3 to v cc ? 2.0 ? ? v open ? loop voltage gain (  v o = 3.0 v, v o = 0.5 v to 3.5 v, r l = 2.0 k  ) a vol 70 95 ? db unity ? gain crossover frequency (v o = 0.5 v to 3.5 v, r l = 2.0 k  ) f c ? 600 ? khz phase margin at unity ? gain (v o = 0.5 v to 3.5 v, r l = 2.0 k  ) m ? 65 ? deg. common mode rejection ratio (v cc = 40 v, v in = 0 v to 38 v)) cmrr 65 90 ? db power supply rejection ratio (  v cc = 33 v, v o = 2.5 v, r l = 2.0 k  ) psrr ? 100 ? db output sink current (v o[pin 3] = 0.7 v) i o ? 0.3 0.7 ? ma output source current (v o[pin 3] = 3.5 v) i o + ? 2.0 ? 4.0 ? ma 4. low duty cycle techniques are used during test to maintain junction temperature as close to ambient temperatures as possible. t low = ? 40 c for mc33060a t high = +85 c for mc33060a = 0 c for mc34060a = +70 c for mc34060a
mc34060a, mc33060a http://onsemi.com 4 electrical characteristics (continued) (v cc = 15 v, c t = 0.01  f, r t = 12 k  , unless otherwise noted. for typical values t a = 25 c, for min/max values t a is the operating ambient temperature range that applies, unless otherwise noted.) characteristics symbol min typ max unit pwm comparator section (test circuit figure 11) input threshold voltage (zero duty cycle) v th ? 3.5 4.5 v input sink current (v [pin 3] = 0.7 v) i i 0.3 0.7 ? ma dead ? time control section (test circuit figure 11) input bias current (pin 4) (v in = 0 v to 5.25 v) i ib(dt) ? ? 1.0 ? 10  a maximum output duty cycle (v in = 0 v, c t = 0.01  f, r t = 12 k  ) (v in = 0 v, c t = 0.001  f, r t = 47 k  ) dc max 90 ? 96 92 100 ? % input threshold voltage (pin 4) (zero duty cycle) (maximum duty cycle) v th ? 0 2.8 ? 3.3 ? v oscillator section frequency (c t = 0.01  f, r t = 12 k  , t a = 25 c) t a = t low to t high ? mc34060a t a = t low to t high ? mc33060a (c t = 0.001  f, r t = 47 k  ) f osc 9.7 9.5 9.0 ? 10.5 ? ? 25 11.3 11.5 11.5 ? khz standard deviation of frequency* (c t = 0.001  f, r t = 47 k  ) f osc ? 1.5 ? % frequency change with voltage (v cc = 7.0 v to 40 v)  f osc (  v) ? 0.5 2.0 % frequency change with temperature (  t a =t low to t high ) (c t = 0.01  f, r t = 12 k  )  f osc (  t) ? ? 4.0 ? ? ? % undervoltage lockout section turn ? on threshold (v cc increasing, i ref = 1.0 ma) v th 4.0 4.7 5.5 v hysteresis v h 50 150 300 mv total device standby supply current (pin 6 at v ref , all other inputs and outputs open) (v cc = 15 v) (v cc = 40 v) i cc ? ? 5.5 7.0 10 15 ma average supply current (v [pin 4] = 2.0 v, c t = 0.001  f, r t = 47 k  ). see figure 11. i s ? 7.0 ? ma *standard deviation is a measure of the statistical distribution about the mean as derived from the formula; = n (x n ? x) 2 n ? 1 n ? 1
mc34060a, mc33060a http://onsemi.com 5 figure 1. block diagram + 6 5 4 r t c t dead-time control oscillator 0.12v 0.7v 0.7ma 1 12 3 2 dead-time comparator pwm. comparator 13 14 reference regulator 7 gnd 10 12 9 8 q1 ref out v cc error amp 1 feedback/pwm comparator input error amp 2 + ++ - - -- emitter collector + - v th undervoltage lockout this device contains 46 active transistors. description the mc34060a is a fixed ? frequency pulse width modulation control circuit, incorporating the primary building blocks required for the control of a switching power supply (see figure 1) . an internal ? linear sawtooth oscillator is frequency ? programmable by two external components, r t and c t . the approximate oscillator frequency is determined by: f osc  1.2 r t ? c t for more information refer to figure 3. output pulse width modulation is accomplished by comparison of the positive sawtooth waveform across capacitor c t to either of two control signals. the output is enabled only during that portion of time when the sawtooth voltage is greater than the control signals. therefore, an increase in control ? signal amplitude causes a corresponding linear decrease of output pulse width. (refer to the timing diagram shown in figure 2.) figure 2. timing diagram capacitor c t feedback/p.w.m. comparator dead-time control output q 1 , emitter
mc34060a, mc33060a http://onsemi.com 6 applications information the control signals are external inputs that can be fed into the dead ? time control, the error amplifier inputs, or the feed ? back input. the dead ? time control comparator has an effective 120 mv input offset which limits the minimum output dead time to approximately the first 4% of the sawtooth ? cycle time. this would result in a maximum duty cycle of 96%. additional dead time may be imposed on the output by setting the dead time ? control input to a fixed voltage, ranging between 0 v to 3.3 v. the pulse width modulator comparator provides a means for the error amplifiers to adjust the output pulse width from the maximum percent on ? time, established by the dead time control input, down to zero, as the voltage at the feedback pin varies from 0.5 v to 3.5 v. both error amplifiers have a common mode input range from ? 0.3 v to (v cc ? 2.0 v), and may be used to sense power supply output voltage and current. the error ? amplifier outputs are active high and are ored together at the noninverting input of the pulse ? width modulator comparator. with this configuration, the amplifier that demands minimum output on time, dominates control of the loop. the mc34060a has an internal 5.0 v reference capable of sourcing up to 10 ma of load currents for external bias circuits. the reference has an internal accuracy of 5% with a typical thermal drift of less than 50 mv over an operating temperature range of 0 to +70 c. figure 3. oscillator frequency versus timing resistance figure 4. open loop voltage gain and phase versus frequency figure 5. percent deadtime versus oscillator frequency figure 6. percent duty cycle versus dead ? time control voltage f, frequency (hz) , open loop voltage gain (db) vol a vol  1.0 10 100 1.0 k 10 k 100 k 1.0 m , excess phase (degrees) a vcc = 15 v  vo = 3.0 v rl = 2.0 k  dead-time control voltage (v) percent duty cycle (%) 0 1.0 2.0 3.0 3.5 v cc = 15 v c t = 0.001 r t = 47 k v cc = 15 v r t , timing resistance (  ) , oscillator frequency (hz) osc 1.0 k 2.0 k 5.0 k 10 k 20 k 50 k 100 k 200 k 500 k 1.0 m f 1.0  f 0.001  f c t = 0.01  f f osc , oscillator frequency (hz) % dt, percent dead\time, q1 output 500 10 k 100 k 500 k c t = 0.001  f 0.01  f 1.0 k 100 90 80 70 60 50 40 30 20 10 0 100 80 60 40 20 0 500 k 100 k 10 k 1.0 k 500 20 18 16 14 12 10 8.0 6.0 4.0 2.0 0 110 120 -20 -40 -60 -80 -100 -120 -140 -160 -180 0
mc34060a, mc33060a http://onsemi.com 7 figure 7. emitter ? follower configuration output saturation voltage versus emitter current figure 8. common ? emitter configuration output saturation voltage versus collector current i e , emitter current (ma) , saturation voltage (v) ce(sat) 0 100 200 300 400 500 v , saturation voltage (v) ce(sat) v i c , collector current (ma) 0 100 200 300 400 500 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.1 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 figure 9. standby supply current versus supply voltage figure 10. undervoltage lockout thresholds versus reference load current 0 5.0 10 15 20 25 30 35 40 v cc , supply voltage (v) , supply current (ma) cc i 0 5.0 10 15 20 25 30 35 40 , undervoltage lockout threshold (v) th i l , reference load current (ma) v turn on turn off 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 6.0 5.5 5.0 4.5 4.0 9.0 10
mc34060a, mc33060a http://onsemi.com 8 figure 11. error amplifier characteristics figure 12. deadtime and feedback control figure 13. common ? emitter configuration and waveform + - + - v in v ref error amplifier under test feedback terminal (pin 3) other error amplifier test inputs v cc = 15v 150  2w output 50k  dead- time v cc r t c t (+) (-) (+) (-) error c e gnd ref out feedback output transistor c e 15v r l 68  v c c l 15pf 90% 90% v c 10% 10% t r t f 90% 90% v e 10% 10% t r t f output transistor c e 15v r l 68  c l 15pf v e figure 14. emitter ? follower configuration and waveform
mc34060a, mc33060a http://onsemi.com 9 figure 15. error amplifier sensing techniques figure 16. deadtime control circuit figure 17. soft ? start circuit figure 18. slaving two or more control circuits + - + - v o to output voltage of system r 1 1 2 r 2 v ref 3 error amp positive output voltage v o = v ref (1 + r 1 negative output voltage 3 error amp 1 2 v ref r 2 r 1 to output voltage of system v o ) v o = -v ref (1 + r 1 ) output q v ref d t r t c t 65 47k 0.001 4 r 1 r 2 max % on time 92 - 160 1 + r 1 + - output q d t v ref 4 r 1 c s r 2 r t c t 6 5 r t c t v ref master v ref 6 5 r t c t (additional circuits) slave r 2 r 2 r 2
mc34060a, mc33060a http://onsemi.com 10 v in = 8.0v to 40v 50/50 + 0.01 47k 1.0m 0.01 4.7k 4.7k 150 390 4.7k + 10/16v 4 4.7k 1 2 3 14 13 12 56 0.001 47k 7 8 9 10 47 75 tip 32 150  h @ 2.0a mr850 0.1 v out 5.0v/1.0a + 1000 6.3v v cc + - comp + - v ref d t c t r t c e gnd mc34060a test conditions results line regulation v in = 8.0 v to 40 v, i o = 1.0 a 25 mv 0.5% load regulation v in = 12 v, i o = 1.0 ma to 1.0 a 3.0 mv 0.06% output ripple v in = 12 v, i o = 1.0 a 75 mv p ? p p.a.r.d. short circuit current v in = 12 v, r l = 0.1  1.6 a efficiency v in = 12 v, i o = 1.0 a 73% figure 19. step ? down converter with soft ? start and output current limiting
mc34060a, mc33060a http://onsemi.com 11 v in = 8.0v to 26v 50/35v 390 4 1 2 3 14 13 12 5 6 0.001 150  h @ 4.0a v out + - comp + - v ref d t c t r t c e gnd mc34060a 47k 22k 0.05 33k 2.7m 3.9k 4.7k 7 8 9 10 20  h @ 1.0a mr850 * 28v/ 0.5a 300 0.1 470 tip 111 + 470/ 35v 470/ 35v * + + 4.7k v cc test conditions results line regulation v in = 8.0 v to 26 v, i o = 0.5 a 40 mv 0.14% load regulation v in = 12 v, i o = 1.0 ma to 0.5 a 5.0 mv 0.18% output ripple v in = 12 v, i o = 0.5 a 24 mv p ? p p.a.r.d. efficiency v in = 12 v, i o = 0.5 a 75% *optional circuit to minimize output ripple figure 20. step ? up converter
mc34060a, mc33060a http://onsemi.com 12 v in = 8.0v to 40v 50/50v + 0.01 47k 1.0m 0.01 10k 47k 820 4.7k 10/16v 4 1 2 3 14 13 12 56 47k 7 8 9 10 47 75 tip 32c 1.0 v out v cc + - comp + - v ref d t c t r t c e gnd 30k mr851 20  h * @ 1.0a -15v/ 0.25a 3.3k 150  h @ 2.0a + + * 330/ 16v 0.001 7.5k mc34060a 330/ 16v test conditions results line regulation v in = 8.0 v to 40 v, i o = 250 ma 52 mv 0.35% load regulation v in = 12 v, i o = 1.0 to 250 ma 47 mv 0.32% output ripple v in = 12 v, i o = 250 ma 10 mv p ? p p.a.r.d. short circuit current v in = 12 v, r l = 0.1  330 ma efficiency v in = 12 v, i o = 250 ma 86% *optional circuit to minimize output ripple figure 21. step ? up/down voltage inverting converter with soft ? start and current limiting
mc34060a, mc33060a http://onsemi.com 13 figure 22. 33 w off ? line flyback converter with soft ? start and primary power limiting 3 each 0.0047 ul/csa 1n4003 1n4001 3/200 vac t1 * * * * *optional r.f.i. filter t 1.0a 115 vac 20% 15 cold 1n4742 + 180/200v 22k 7.5k 2.2m 33k 0.01 1n4687 6.8k 8.2k 1.5k 10 + 27k 11k 1n4148 2.7k 47k 0.001 v 5.0k out p 25k out 0.01 1 2 3 14 13 12 456 7 8 9 10 200 47 1.0 mps a55 + mps a05 10/25v mje 13005 47/25v 1n4934 + 1n4937 1n4934 1000/25v 1000/25v 1n4934 1n5824 2200/10v + + + + + + l 1 l 2 l 3 100/10v 10/35v 10/35v 5.0v/3.0a 12/075a common -12/0.75a t 2 test conditions results line regulation 5.0 v line regulation load regulation 5.0 v load regulation output ripple 5.0 v output ripple efficiency 12 v 12 v 12 v v in = 95 vac to 135 vac, i o = 3.0 a v in = 95 vac to 135 vac, i o = 0.75 a v in = 115 vac, i o = 1.0 a to 4.0 a v in = 115 vac, i o = 0.4 a to 0.9 a v in = 115 vac, i o = 3.0 a v in = 115 vac, i o = 0.75 a v in = 115 vac, i o 5.0 v = 3.0 a i o 12 v = 0.75 a 20 mv 0.40% 52 mv 0.26% 476 mv 9.5% 300 mv 2.5% 45 mv p ? p p.a.r.d. 75 mv p ? p p.a.r.d. 74% t1 ? coilcraft w2961 t2 ? core: coilcraft 11 ? 464 ? 16, 0.025 gap in each leg. bobbin: coilcraft 37 ? 573 windings: primary, 2 each, 75 turns #25 awg bifilar wound feedback: 15 turns #26 awg secondary, 5.0 v, 6 turns @33 awg bifilar wound secondary, 2 each, 14 turns #24 awg bifilar wound l1 ? coilcraft z7156, 15 h @ 5.0 a l2, l3 ? coilcraft z7157, 25 h @ 1.0 a c e gnd + - comp + - v ref d t c t r t mc34060a v cc
mc34060a, mc33060a http://onsemi.com 14 ordering information device operating temperature range package shipping ? mc34060adg t a = 0 to +70 c soic ? 14 (pb ? free) 55 units / rail mc34060adr2g soic ? 14 (pb ? free) 2500 / tape & reel mc34060apg pdip ? 14 (pb ? free) 25 units / rail mc33060adg t a = ? 40 to +85 c soic ? 14 (pb ? free) 55 units / rail mc33060adr2g soic ? 14 (pb ? free) 2500 / tape & reel mc33060apg pdip ? 14 (pb ? free) 25 units / rail ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mc34060a, mc33060a http://onsemi.com 15 package dimensions soic ? 14 case 751a ? 03 issue h notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. ? a ? ? b ? g p 7 pl 14 8 7 1 m 0.25 (0.010) b m s b m 0.25 (0.010) a s t ? t ? f r x 45 seating plane d 14 pl k c j m  dim min max min max inches millimeters a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.228 0.244 r 0.25 0.50 0.010 0.019  7.04 14x 0.58 14x 1.52 1.27 dimensions: millimeters 1 pitch soldering footprint* 7x *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
mc34060a, mc33060a http://onsemi.com 16 package dimensions pdip ? 14 case 646 ? 06 issue p 17 14 8 b a dim min max min max millimeters inches a 0.715 0.770 18.16 19.56 b 0.240 0.260 6.10 6.60 c 0.145 0.185 3.69 4.69 d 0.015 0.021 0.38 0.53 f 0.040 0.070 1.02 1.78 g 0.100 bsc 2.54 bsc h 0.052 0.095 1.32 2.41 j 0.008 0.015 0.20 0.38 k 0.115 0.135 2.92 3.43 l m ??? 10 ??? 10 n 0.015 0.039 0.38 1.01  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. f hg d k c seating plane n ? t ? 14 pl m 0.13 (0.005) l m j 0.290 0.310 7.37 7.87 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 mc34060a/d switchmode is a trademark of semiconductor components industries, llc. literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loca l sales representative


▲Up To Search▲   

 
Price & Availability of MC34060A11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X