Part Number Hot Search : 
AN8746 OP279 BDX53B FN1053 LM7808CT LM7808CT FN1053 BPC3502
Product Description
Full Text Search
 

To Download KPC6N137H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification date: 03/26/2012 no.62p02003 rev cosmo electronics corporation photocoupler : KPC6N137H sheet 1 of 8 3 super high speed response photocoupler features 1. pb free and rohs compliant. 2. super high speed response (t plh ,t phl :typ.45ns at r l =350 ohm). 3. instantaneous common mode rejection voltage(cm h :typ. 500v/us). 4. high isolation voltage between input and output (viso:5000vrms). 5. low input current drive (i fhl : max. 5ma). 6. lsttl and ttl compatible output. 7. agency approvals ul approved no.e169586 cul approved no.e169586 vde approved no.40020973 applications 1. high speed interfaces for com puter peripherals, microcomputer systems. 2. high speed line receivers. 3. noise reduction. 4. interfaces for data transmission equipment.
product specification date: 03/26/2012 no.62p02003 rev cosmo electronics corporation photocoupler : KPC6N137H sheet 2 of 8 3 1. outside dimension : unit (mm) tolerance : 0.2mm 2. schematic : top view 6 3 4 5 1 2 8 7 1.nc 2.anode 3.cathode 4.nc 5.gnd 6.vo 7.v e 8.vcc 0.3 1.20 0.5 3.00 3.50 2.54 2.54 2.54 2.70 date code 9.68 6n137 xxx
product specification date: 03/26/2012 no.62p02003 rev cosmo electronics corporation photocoupler : KPC6N137H sheet 3 of 8 3 absolute maximum ratings (ta=25 ) parameter s y mbol ratin g unit forward current (*1) i f 20 m a peak forward current (*2) i fm 40 m a reverse voltage v r 5 v input power dissipation p d 45 mw supply voltage v cc 7 v enable voltage v e 5.5 v high level output voltage v oil 7 v low level output current i ol 50 m a output output collector power dissipation p c 85 mw isolation voltage 1 minute (*3) v iso 5000 vrms operating temperature t o p r -40 to +85 storage temperature t st g -55 to +125 soldering temperature 10 second t sol 260 electro-optical characteristics parameter symbol conditions min. typ. max. unit input forward voltage (*4) v f i f =10ma,ta=25 C 1.6 1.75 v input reverse voltage bv r i r =10ua,ta=25 5 C - v input capacitance c in v f =0, f=1mh z C 60 - pf logic (1) output current i oh v cc =5.5v,v o =5.5v,i f =250ua,v e =2.0v - 2 250 ua logic (0) output voltage v ol v cc =5.5v,v eh =2v,i f =5ma, i ol(sinking) =13ma - 0.4 0.6 v logic (1) enable current i eh v cc =5.5v,v e =2.0v - -0.8 - ma logic (0) enable current i el v cc =5.5v,v e =0.5v -2.0 -1.2 - ma logic (1) supply current i cch v cc =5.5v,v e =0.5v,if=0ma - 7 15 ma logic (0) supply current i ccl v cc =5.5v,v e =0.5v,if=10ma - 13 18 ma leak current (*5) i i-o 45%rh,ta=25 ,t=5s,v i-o =3000v dc C - 1.0 ma isolation resistance (input-output) (*5) r i-o v i-o =500v, ta=25 - 10 12 - capacitance (input-output ) (*5) c i-o f=1mhz, ta=25 - 0.6 - pf propagation delay time output (0) ? (1) (*7) t plh - 45 75 ns propagation delay time output (1) ? (0) (*7) t phl i f =7.5ma,v cc =5v,rl=350 , c l = 1 5 p f, ta = 2 5 - 45 75 ns output rise-fall time (10 to 90%) tr,tf i f =7.5ma,v cc =5v,rl=350 ,cl=15pf C 30 - ns enable propagation delay time out p ut ( 1 ) ? ( 0 ) (*8) t elh C 40 - ns enable propagation delay time output (0) ? (1) (*8) t ehl i f =7.5ma,rl=350 ,cl=15pf, v eh =3.0v, v el =0.5v - 15 - ns instantaneous common mode rejection voltage ? output(0)? (*9) cm h i f =0ma, v cm =10v,v o(min) =2.0v rl=350 - 500 - v/us instantaneous common mode rejection voltage ? output(1)? (*9) cm l i f =5ma, v cm =10v,v o(max) =0.8v rl=350 - -500 - v/us
product specification date: 03/26/2012 no.62p02003 rev cosmo electronics corporation photocoupler : KPC6N137H sheet 4 of 8 3 note ) typical values are all at vcc = 5v, ta= 25c *1 ta=0 to 70c. *2 pulse width <= 1ms *3 40 to 80%rh ac for 1 minute ,f=60hz. *4 at iin =10ma, vf decreases at the rate of 1. 6mv/c if the temperature goes up.*6 ta=0 to 70c. *5 measured as 2-pin element. connect pins 2 and 3, connect pins 5, 6, 7 and 8. *6 dc current transfer ratio is defined as the ratio of output collector current to forward bias input current. *7 refer to the fig. 1. *8 refer to the fig. 2. *9 cm h represents a common mode voltage ignorable rise time ratio that can hold logic (1) state in output. cm l represents a common mode voltage ignorable fall time ratio that can hold logic (0) state in output. recommmended operating conditions parameter s y mbol min max unit low level input current i fl 0 250 u a high level input current i fh 7.0 15 m a high level enable voltage v eh 2.0 vcc v low level enable voltage v el 00.8v supply voltage v cc 4.5 5.5 v fanout (ttl load ) n -8 - truth table input enable ouput h h l l h h h l h l l h h nc l l nc h circuit block diagram
product specification date: 03/26/2012 no.62p02003 rev cosmo electronics corporation photocoupler : KPC6N137H sheet 5 of 8 3 fig.1 test circuit for propagation delay time fig.2 test circuit for enable propagation delay time fig.3 test circuit for instantaneous common mode rejection voltage
product specification date: 03/26/2012 no.62p02003 rev cosmo electronics corporation photocoupler : KPC6N137H sheet 6 of 8 3 fig.1 low level output voltage vs. ambient temperature fig.2 input diode forward voltage vs. forward current vol-low level output voltage(v) forward current if (ma) ambient temperature ta( ) forward voltage vf (v) fig.3 switching time vs . forward current fig.4 low level output current vs. ambient temperature t p -propagation delay (ns) i ol -low level output i f i f-f orward current (ma ) ambient temperature ta( ) fig.5 input threshold current vs. ambient temperature fig.6 output voltage vs . input forward current i ft -input threshold curren t vo-output voltage (v) ambient temperature ta( ) i f -forward current (ma) -40 -20 0 20 40 60 80 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 condiction: if=5ma ve=2v vcc=5.5v i ol =16ma i ol =12.8ma i ol =6.4ma i ol =9.6ma 579111315 0 20 40 60 80 100 120 r l =4k ? (t plh ) r l =1k ? (t plh ) r l =350 ? (t plh ) r l =1k ? r l =4k ? (t plh ) r l =350k ? -40 -20 0 20 40 60 80 20 25 30 35 40 45 50 condiction: v cc =5v v e =2v v ol =0.6v i f =15ma i f =10ma i f =5ma -40 -20 0 20 40 60 80 1 2 3 4 r l =4k ? r l =1k ? r l =350 ? condiction: v cc =5v v o =0.6v 01 2345 0 1 2 3 4 5 6 6 r l =4k ? r l =350 ? r l =1k ?
product specification date: 03/26/2012 no.62p02003 rev cosmo electronics corporation photocoupler : KPC6N137H sheet 7 of 8 3 fig.7 pulse width distortion vs. temperatur e fig.8 rise and fall ti me vs. temperature pwd-pulse width disatorion (ns) tr/tf-rise and fall time(ns ) temperature ta( ) temperature ta( ) fig.9 switch time vs,temperature fig.10 high level output current vs. temperature tp-propagation delay (ns) ioh-high level output current (ua) temperature ta( ) temperature ta( ) -60 -40 -20 20 40 60 80 0 20 40 60 80 0100 r l =4k ? r l =1k ? r l =350 ? condiction: v cc =5v i f =7.5ma -60 -40 -20 20 40 60 80 0 100 200 300 400 0 100 condiction: v cc =5v i f =7.5ma 500 600 r l =4k ? (tr) r l =1k ? (tr) r l =350 ? (tr) r l =1k ? r l =4k ? r l =350 ? (tf) r l =4k ? tplh -60 -40 -20 20 40 60 80 0100 0 40 60 80 100 120 r l =350 ? tplh r l =1k ? tplh r l =1k ? r l =4k ? r l =350 ? tphl -60 -40 -20 20 40 60 80 0100 0 5 10 15 20 condions: v cc =5.5v v o =5.5v v e =2.0v i f =250ua
product specification date: 03/26/2012 no.62p02003 rev cosmo electronics corporation photocoupler : KPC6N137H sheet 8 of 8 3 z notice the information contained in this document is intended to be a general product description and is subject to change without notice. please contact cosmo in order to obtain the latest dev ice data sheets before using any cosmo device. cosmo does not assume any res ponsibility for use of any circuitry described. no circuit patent licenses ar e implied. this publication is the property of cosmo. no part of this publication may be rep roduced or copied in any form or by any means, or transferred to any third party without the prior written consent of cosmo electronics corporation. the devices listed in this docum ent are designed for general applications only in electronic equipment. no dev ices shall be deployed which require higher level of reliability such as --- medical and other life support equipments. --- space application. --- telecommunication equipment ( trunk lines ). --- nuclear power control equipment. unless it received prior writ ten approval from cosmo. cosmo takes no responsibility for dam ages arise form t he improper usage of our device. please contact cosmo for f urther information regarding the above notices.


▲Up To Search▲   

 
Price & Availability of KPC6N137H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X