Part Number Hot Search : 
RG801 110N03 74AUP KBPC3506 00GM30R 56000 OP279 LC3664
Product Description
Full Text Search
 

To Download KAQY210H11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification date 02/22/2011 no.60m00011 cosmo electronics corporation solid state relay - mosfet output kaqy210h sheet 1 of 7 rev. 2 z outside dimension U 7.62 6.50 13.00 0.25 date code cosmo y210 xxx h 2.54 13.00 3.50 3.00 1.20 0.4 2.70 0.5 4.60 z turn on / turn off time output t on input t off 90% 10% normally open 1 form a 4 3 1 4 2 3 z absolute maximum ratings ta = 2 5 emitter input detector output reverse voltage ???????????? 5.0v output breakdown voltage ??????? 350v continuous forward current ?????... 50ma continuous load current ?????? 130ma peak forward current ??????????? 1a power dissipation ?????????? 500mw power dissipation ?????????? 100mw derate linearly from 25 ?????? 1.3mw/ general characteristics isolation test voltage ?????? 5000vacrms storage temperature range ?? -40 to +125 operating temperature range ? -40 to +85 isolation resistance vio=500v ta = 2 5 ????????? R 10 10 ? junction temperature ?????????? 100 total power dissipation ???????? 550mw derate linearly from 25 ?????? 2.5mw/ soldering temperature 2mm from case 10 sec ????????? 260 unit U mm tolerance U 0.2mm
product specification date 02/22/2011 no.60m00011 cosmo electronics corporation solid state relay - mosfet output kaqy210h sheet 2 of 7 rev. 2 z electro-optical characteristics ta = 2 5 parameter symbol conditions min. typ. max. unit. emitter input forward voltage v f i f =10ma 1.2 1.5 v operation input current if on v l =20v i l =100ma t=10ms 5.0 ma recovery input current if off v l =20v i l Q 5 a 0.2 ma detector output output breakdown voltage v b i b =50 a 350 v output off-state leakage it off v t =350v i f =0ma 0.2 1 a i/o capacitance c iso i f =0 f=1mhz 6 pf on resistance r on i l =100ma i f =10ma 20 30 turn-on time t on 0.3 1.0 ms turn-off time t off i f =10ma v l =20v t=10ms i l =100ma 0.1 1.0 ms z schematic and wiring diagrams schematic output configuration load connection wiring diagrams 2 1 3 4 1a ac/dc - i l load (ac,dc) v l (ac,dc) 2 in v f i 1 i l v l 3 load 4 v 2 in i f 1 3 4
product specification date 02/22/2011 no.60m00011 cosmo electronics corporation solid state relay - mosfet output kaqy210h sheet 3 of 7 rev. 2 z data curve load current vs. ambient temperature allowable ambient temperature U -40 to +85 on resistance vs. ambient temperature across terminals 3 and 4 pin led current 5ma continuous load current 130ma dc load current ma 0 -20 -40 0 20 40 60 100 80 140 40 20 60 80 100 120 on resistance ? 0 20 -20 -40 0 60 40 80 60 20 30 50 40 ambient temperature ta ambient temperature ta turn on time vs. ambient temperature load voltage 350v dc led current U 5ma continuous load current 130ma dc turn off time vs. ambient temperature load voltage 350v dc led current U 5ma continuous load current 130ma dc turn on time ms 80 0 20 -20 -40 0 40 60 1.0 0.2 0.4 0.6 0.8 turn off time ms 0 -40 -20 0 20 40 60 80 100 0.5 0.1 0.2 0.3 0.4 ambient temperature ta ambient temperature ta
product specification date 02/22/2011 no.60m00011 cosmo electronics corporation solid state relay - mosfet output kaqy210h sheet 4 of 7 rev. 2 led operate current vs. ambient temperature load voltage 350v dc continuous load current 130ma dc led turn off current vs. ambient temperature load voltage 350v dc continuous load current 130ma dc led operate current ma -40 0 1 3 2 4 -20 0 20 40 5 60 80 led turn off current ma 0 1 -20 -40 3 2 4 5 80 40 020 60 ambient temperature ta ambient temperature ta led dropout voltage vs. ambient temperature led current 5 to 50ma voltage vs. current characteristics of output at mosfet portion measured portion across terminals 3 and 4 pin ambient temperature 25 led dropout voltage v 80 -20 -40 0 20 40 60 1.9 1.3 0 0.9 1.1 1.7 1.5 100 5ma 50ma 10ma 20ma 30ma voltage vs. current characteristics -2 current ma -4 -5 -3 120 voltage v 5 4 23 1 -80 -120 -100 -40 -60 -20 60 20 40 80 100 -1 ambient temperature ta ambient temperature 25
product specification date 02/22/2011 no.60m00011 cosmo electronics corporation solid state relay - mosfet output kaqy210h sheet 5 of 7 rev. 2 led forward current vs. turn on time across terminals 3 and 4pin load voltage 350v dc continuous load current 130ma dc ambient temperature 25 off state leakage current across terminals 3 and 4 pin ambient temperature 25 turn on time ms 0 0 102030405060 0.5 1.0 1.5 2.0 off state leakage current 10 40 0 20 60 80 100 -12 -9 10 -6 10 -3 10 led forward current ma load voltage v led forward current vs. turn off time across terminals 3 and 4 pin load voltage 350v dc continuous load current 130ma dc ambient temperature 25 applied voltage vs. output capacitance across terminals 3 and 4 pin frequency 1mhz ambient temperature 25 turn off time ms 0 01020304050 0.3 0.1 0.2 0.5 0.4 60 output capacitance pf 0 0 102030405060 10 20 30 40 50 led forward current ma applied voltage v
product specification date 02/22/2011 no.60m00011 cosmo electronics corporation solid state relay - mosfet output kaqy210h sheet 6 of 7 rev. 2 z using methods examples of resistance value to control led forward current if ssr-mosfet output if=5ma e r4 3 2 1 e r 3.3v approx. 330 ? 5v approx. 640 ? 12v approx. 1.9k ? 15v approx. 2.5k ? 24v approx. 4.1k ? 1 led forward current must be more than 5ma at e min. 2 led forward current must be less than 50ma at e max. emin. emax.
product specification date 02/22/2011 no.60m00011 cosmo electronics corporation solid state relay - mosfet output kaqy210h sheet 7 of 7 rev. 2 z using methods regulate the spike voltage generated on the inductive load as follows 2 1 3 4 load 2 1 r-c snubber 3 4 load


▲Up To Search▲   

 
Price & Availability of KAQY210H11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X