Part Number Hot Search : 
630704P MJE13005 630704P Z5243B CPD32X 54ACS AD5439 1N4002
Product Description
Full Text Search
 

To Download IDH03G65C512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power management & multimarket sic silicon carbide diode final datasheet rev. 2.2, 2012-12-10 5 th generation thinq! tm 650v sic schottky diode idh03g65c5
1) j-std20 and jesd22 2) all devices tested under avalanche conditions for a time periode of 10ms final data sheet 2 rev. 2.2, 2012-12-10 1 description features ? revolutionary semiconductor material - silicon carbide ? benchmark switching behavior ? no reverse recovery/ no forward recovery ? temperature independent switching behavior ? high surge current capability ? pb-free lead plating; rohs compliant ? qualified according to jedec 1) for target applications ? breakdown voltage tested at 6.8 ma 2) ? optimized for high temperature operation benefits ? system efficiency improvement over si diodes ? system cost / size savings due to reduced cooling requirements ? enabling higher frequency / increased power density solutions ? higher system reliability due to lower operatin g temperatures ? reduced emi applications ? switch mode power supply ? power factor correction ? solar inverter ? uninterruptible power supply table 1 key performance parameters parameter value unit v dc 650 v q c ; v r =400v 5 nc e c ; v r =400v 1.1 j i f @ t c < 155c 3 a table 2 pin definition pin 1 pin 2 pin 3 c a n.a. type / ordering code package marking related links idh03g65c5 pg-to220-2 d0365c5 www.infineon.com/sic idh03g65c5 5 th generation thinq!? sic schottk y diode thinq!? generation 5 represents infineon leading edge technology for the sic schottky barrier diodes. the infineon proprietary diffusion soldering process, already introduced with g3 is now combined with a new, more compact design and thin-wafer technology. the result is a new family of products showing improved efficiency over all load condit ions, resulting from both the improved thermal characteristics and a lower figure of merit (qc x vf). the new thinq!? generation 5 has been designed to complement our 650v coolmos? families: this ensures meeting the most stringent application re q uirements in this volta g e ran g e. 1 2
5 th generation thinq! tm sic schottky diode idh03g65c5 table of contents final data sheet 3 rev. 2.2, 2012-12-10 table of contents 1 ? description ............................................................................................................................... ........... 2 ? 2 ? maximum ra tings ............................................................................................................... ................. 4 ? 3 ? thermal char acteristics ....................................................................................................... .............. 4 ? 4 ? electrical char acteristics .................................................................................................... ............... 5 ? 5 ? electrical characteri stics diagrams ........................................................................................... ....... 6 ? 6 ? simplified forward ch aracteristi cs model ...................................................................................... 8 ? 7 ? package out lines .............................................................................................................. .................. 9 ? 8 ? revision hi story .............................................................................................................. ................. 10 ?
5 th generation thinq! tm sic schottky diode idh03g65c5 maximum ratings final data sheet 4 rev. 2.2, 2012-12-10 2 maximum ratings table 3 maximum ratings parameter symbol values unit note/test condition min. typ. max. continuous forward current i f ? ? 3 a t c < 155c, d=1 surge non-repetitive forward current, sine halfwave i f,sm ? ? 31 t c = 25c, t p =10 ms ? ? 29 t c = 150c, t p =10 ms non-repetitive peak forward current i f,max ? ? 178 t c = 25c, t p =10 s i2t value i2dt ? ? 4.7 a2s t c = 25c, t p =10 ms ? ? 4.2 t c = 150c, t p =10 ms repetitive peak reverse voltage v rrm ? ? 650 v t j = 25c diode dv/dt ruggedness dv/dt ? ? 100 v/ns v r =0..480 v power dissipation p tot ? ? 42 w t c = 25c operating and storage temperature t j ;t stg -55 ? 175 c mounting torque ? ? 70 ncm m3 screws 3 thermal characteristics table 4 thermal characteristics to-220-2 parameter symbol values unit note/test condition min. typ. max. thermal resistance, junction-case r thjc ? 2.2 3.6 k/w thermal resistance, junction- ambient r thja ? ? 62 leaded soldering temperature, wavesoldering only allowed at leads t sold ? ? 260 c 1.6mm (0.063 in.) from case for 10 s
5 th generation thinq! tm sic schottky diode idh03g65c5 electrical characteristics final data sheet 5 rev. 2.2, 2012-12-10 4 electrical characteristics table 5 static characteristics parameter symbol values unit note/test condition min. typ. max. dc blocking voltage v dc 650 ? ? v i r = 0.05 ma, t j =25c diode forward voltage v f ? 1.5 1.7 i f = 3 a, t j =25c ? 1.8 2.1 i f = 3 a, t j =150c reverse current i r ? 0.20 50 a v r =650 v, t j =25c ? 0.04 18 v r =600 v, t j =25c ? 0.6 370 v r =650 v, t j =150c table 6 ac characteristics parameter symbol values unit note/test condition min. typ. max. total capacitive charge q c ? 5 nc v r =400 v, di/dt =200a/s, i f i f,max , t j =150c total capacitance c ? 100 ? pf v r =1 v, f =1 mhz ? 13.0 ? v r =300 v, f =1 mhz ? 12.8 ? v r =600 v, f =1 mhz
5 th generation thinq! tm sic schottky diode idh03g65c5 electrical characteristics diagrams final data sheet 6 rev. 2.2, 2012-12-10 5 electrical characteristics diagrams table 7 power dissipation maximal diode forward current 0 5 10 15 20 25 30 35 40 45 25 50 75 100 125 150 175 p tot [w] t c [ c] 0 5 10 15 20 25 30 35 25 50 75 100 125 150 175 i f [a] t c [ c] 0.1 0.3 0.5 0.7 1 p tot =f( t c ); r thjc,max i f =f( t c ); r thjc,max ; t j 175c; parameter d =duty cycle table 8 typical forward characteristics typical forward characteristics in surge current 0 1 2 3 4 5 6 00.511.522.53 i f [a] v f [v] -55c 25c 100c 150c 175c 0 5 10 15 20 25 30 0123456 i f [a] v f [v] -55c 25c 100c 150c 175c i f =f( v f ); t p =200 s; parameter: t j i f =f( v f ); t p =200 s; parameter: t j
5 th generation thinq! tm sic schottky diode idh03g65c5 electrical characteristics diagrams final data sheet 7 rev. 2.2, 2012-12-10 table 9 typ. capacitance charge vs. current slope 1) typ. reverse current vs. reverse voltage 0 1 2 3 4 5 6 100 300 500 700 900 q c [nc] d i f /dt [a/s] 1.e-9 1.e-8 1.e-7 1.e-6 1.e-5 100 200 300 400 500 600 i r [a] v r [v] q c =f(di f /dt); t j =150c; v r =400 v; i f i f,max i r =f( v r ); parameter: t j ; 1) only capacitive charge, guaranteed by design. table 10 max. transient thermal impedance typ. capacitance vs. reverse voltage 0.01 0.1 1 1.e-06 1.e-03 1.e+00 z th,jc [k/w] t p [s] 0.5 0.2 0.1 0.05 0.02 0.01 single pulse 0 20 40 60 80 100 120 140 0 1 10 100 1000 c [pf] v r [v] z th,jc =f( t p ); parameter: d= t p / t ; c= f( v r ); t j =25c; f =1 mhz -55c 175c 150c 25c 100c
5 th generation thinq! tm sic schottky diode idh03g65c5 electrical characteristics diagrams final data sheet 8 rev. 2.2, 2012-12-10 table 11 typ. capacitance stored energy 0 0.5 1 1.5 2 2.5 3 0 200 400 600 e c [j] v r [v] e c =f( v r ) 6 simplified forward characteristics model table 12 equivalent forward current curve mathematical equation i f [a] v f [v] v f =f( i f ) t j in c; -55c < t j < 175c; i f < 6 a 1/r diff v th ? ? ?? ?? ?? ? ? ? ? ? ? ? ? ? ? ? ? 0.174 10 .82 4 10 .82 4 v 04 . 1 001 . 0 4 - 2 6 - j j j diff j j th t t t r t t v f diff th f i r v v ? ? ?
5 th generation thinq! tm sic schottky diode idh03g65c5 package outlines final data sheet 9 rev. 2.2, 2012-12-10 7 package outlines figure 1 outlines to-220, dimensions in mm/inches
5 th generation thinq! tm sic schottky diode idh03g65c5 revision history we listen to your comments any information within this document that you feel is wrong, unclear or missing at all? your feedback will help us to continuously improve the quality of this document. please send your proposal (including a reference to this document) to: erratum@infineon.com edition 2012-12-10 published by infineon technologies ag 81726 munich, germany ? 2012 infineon technologies ag all rights reserved. legal disclaimer the information given in this document shall in no event be regarded as a gua rantee of conditions or characteristics. with respect to any examples or hints given herein, any typical val ues stated herein and/or any information regarding the applicatio n of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limit ation, warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices, please contact the nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements, components may contain dangerous substances. for information on the types in question, please contact the nearest infineon technologies office. the infineon technologies component described in this data sheet may be used in life-support devices or systems and/or automotive, aviation and aerospace applications or systems only with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support, automotive, aviation and aeros pace device or system or to affect the safety or effectiveness of that device or system. life support devices or syste ms are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. final data sheet 10 rev. 2.2, 2012-12-10 8 revision history 5 th generation thinq! tm sic schottky diode revision history: 2012-12-10, rev. 2.2 previous revision: revision subjects (major changes since last version) 2.0 release of the final datasheet. 2.1 reverse current values, maximum diode forward voltage. 2.2 reverse current values, tested avalan che current, simplified calculation model
www.infineon.com published by infineon technologies ag


▲Up To Search▲   

 
Price & Availability of IDH03G65C512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X