Part Number Hot Search : 
Q4004L3 P6KE1 G5017 03002 03002 03002 ICS87 851933
Product Description
Full Text Search
 

To Download H11B1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  isocom components ltd unit 25b, park view road west, park v iew industrial estate, brenda road hartlepool, cleveland, ts25 1yd tel: (01429) 863609 fax :(01429) 863581 7/12/00 db92167-aas/a2 optical ly coupled isol ator photodarlington output H11B1x, h 11b2x, h 11b3x H11B1, h 11b2, h 11b3 description the h11b_ series of optically coupled isolators consist of an infrared light emitting diode and npn silicon photodarlington in a space efficient dual in line plastic package. fe atures l options :- 10mm lead spread - add g after part no. surface mount - add sm after part no. tape&reel - add smt&r after part no. l high current transfer ratio l high isolation v oltage (5.3kv rms ,7.5kv pk ) l all electrical parameters 100% tested l custom electrical selections available applic ations l computer terminals l industrial systems controllers l measuring instruments l signal transmission between systems of different potentials and impedances 1 3 2 4 6 5 dimensions in mm 3.3 2.54 6.4 6.2 1.54 8.8 8.4 4.3 4.1 0.5 0.5 0.3 7.8 7.4 9.6 8.4 absolute maximum r atings (25c unless otherwise specified) storage temperature -55c to + 150c operating temperature -55c to + 100c lead soldering temperature (1/16 inch (1.6mm) from case for 10 secs) 260c input diode forward current 80ma reverse v oltage 5v power dissipation 105mw output transistor collector-emitter v oltage bv ceo 30v collector-base v oltage bv cbo 50v emitter-collector v oltage bv eco 5v power dissipation 150mw power dissi pa tion total power dissipation 250mw (derate linearly 3.3mw/ c above 25c) appro v als l ul recognised, file no. e91231 ' x' specific ation appro v als l vde 0884 in 2 available lead form : - - std - g form vde 0884 in smd approval pending l seti approved, reg. no.151786-18 10.16 0.26 option g 5.08 max. sur face mount option sm 1. 2 0. 6 1. 4 0.9 10. 2 9.5
parameter min typ max units test condition input forward voltage (v f ) 1.2 1.5 v i f = 10ma reverse voltage (v r ) 3 v i r = 10 m a reverse current (i r ) 10 m a v r = 3v output collector-emitter breakdown (bv ceo ) 30 v i c = 1ma (note 2) collector-base breakdown (bv cbo ) 30 v i c = 100 m a emitter-collector breakdown (bv eco ) 5 v i e = 100 m a h fe 16k v ce = 5v, i c = 5ma collector-emitter dark current (i ceo ) 100 na v ce = 10v coupled current transfer ratio ( ctr )(note 2 ) H11B1 500 % 1ma i f , 5v v ce h11b2 200 % 1ma i f , 5v v ce h11b3 100 % 1ma i f , 5v v ce collector-emitter saturation voltagev ce(sat) 1.0 v 1ma i f , 1ma i c input to output isolation voltage v iso 5300 v rms (note 1) 7500 v pk (note 1) input-output isolation resistance r iso 5x10 10 w v io = 500v (note 1) output turn on time ton 125 m s v cc = 10v, i c = 10ma, output turn off time toff 100 m s r l = 100 w , fig.1 electrical characteristics ( t a = 25c unless otherwise noted ) note 1 measured with input leads shorted together and output leads shorted together. note 2 special selections are available on request. please consult the factory. db92167-aas/a2 7/12/00 input output 10% 90% 10% 90% t off t r t on t f output v cc = 10v i c = 10ma input figure 1 100 w
db92167-aas/a2 7/12/00 50 -30 0 25 50 75 100 125 ambient temperature t a ( c ) 150 0 200 ambient temperature t a ( c ) collector power dissipation p c (mw) 60 20 0 40 -30 0 25 50 75 100 125 collector power dissipation vs. ambient temperature forward current vs. ambient temperature -30 0 25 50 75 100 ambient temperature t a ( c ) collector-emitter saturation voltage v ce(sat) (v) collector-emitter saturation voltage vs. ambient temperature 100 0 0.2 0.4 0.6 0.8 1.0 1.2 forward current i f (ma) i f = 1ma i c = 1ma 80 100 0 0.5 1.0 1.5 normalised current transfer ratio vs. ambient temperature normalised current transfer ratio i f = 1ma v ce = 5v -30 0 25 50 75 100 ambient temperature t a ( c ) 0 10 current transfer ratio vs. forward current forward current i f (ma) current transfer ratio ctr (%) collector current vs. collector-emitter voltage collector-emitter voltage v ce ( v ) collector current i c (ma) 0 1 2 3 4 5 0 20 40 60 80 100 2ma 5ma 10ma 0.1 0.2 0.5 1 2 5 10 20 50 100 10000 1000 100 v ce = 5v t a = 25c i f = 1ma 20 50ma t a = 25c 50 5000 800 500


▲Up To Search▲   

 
Price & Availability of H11B1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X