Part Number Hot Search : 
BB6381KU XC17S100 H11A1 3323P 221M10 DB90M MPS8098 B3A30VD
Product Description
Full Text Search
 

To Download GS4011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification order no. safety model no. dc voltage note.2 rated current current range rated power (max.) ripple & noise (max.) note.3 output voltage range frequency range efficiency (typ.) ac current (typ.) input environment inrush current (max.) leakage current(max.) safety standards safety & emc (note. 6) working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing protection 5v gs40a05 gs40a05-p1j gs40a07-p1j gs40a09-p1j gs40a12-p1j gs40a15 -p1j gs40a18-p1j gs40a24-p1j gs40a48-p1j 7.5v gs40a07 9v gs40a09 12v gs40a12 15v gs40a15 18v gs40a18 24v gs40a24 48v gs40a48 100mvp-p 100mvp-p 100mvp-p 100mvp-p 100mvp-p 150mvp-p 180 mvp-p 240mvp-p voltage tolerance note.4 line regulation note.5 load regulation 5.0% 5.0% 5.0% 3.0% 3.0% 3.0% 2.5% 2.5% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 5.0% 5.0% 5.0% 3.0% 3.0% 3.0% 2.5% 2.5% 90 ~ 264vac 127 ~ 370vdc 47 ~ 63hz 80.5% 85.5% 7.88 ~ 10.13v 85% 9.45 ~ 12.15v 89% 12.6 ~ 16.2v 89.5% 15.75 ~ 20.25v 90% 18.9 ~ 24.3v 91% 25.2 ~ 32.4v 92% 50.4 ~ 64.8v 1a / 115vac 0.5a / 230vac 65a / 230vac 0.75ma / 240vac withstand voltage isolation resistance 711khrs min. mil-hdbk-217f(25 ) -30 ~ +60 (refer to "derating curve") 20% ~ 90% rh non-condensing -40 ~ +85 , 10 ~ 95% rh 0.03% / (0~50 ) 10 ~ 500hz, 2g 10min./1cycle, period for 60min. each along x, y, z axes 125*50*31.5mm (l*w*h) 0.28kg; 40pcs/12.02kg/1.05cuft connector plug cable standard type for stock ther type available by customer requested p1j: 2.1 * 5.5 * 11mm, tuning fork type, center positive ; o see page 2 ther type available by customer requested ; o 1. all parameters are specified at 230vac input, rated load, 25 70% rh ambie nt. 2. dc voltage: the output voltage set at point measure by plug terminal & 50% loa d. 3. ripple & noise are measured at 20mhz by using a 12" twisted pair terminated wi th a 0.1uf & 47uf capacitor. 4. tolerance: includes set up tolerance, line regulation, load regula tion. 5. line regulation is measured from low line to high line at rated load. 6. the power supply is considered as an independent unit, but the final equip ment still need to re-confirm that the whole system complies with the emc directives. 7. length of set up time is measured at first cold start. turning on/off the powe r supply may lead to increase of the set up time. 40w ac-dc single output desktop g s 4 0 s e r i e s features : compliance to en61000-4-2,3,4,5,6,8,11, light industry level, c riteria a overload over voltage 105 ~ 150% rated output power protection type : hiccup mode, recovers automatically after fault con dition is removed 5.25 ~ 6.75v 5a 5.34a 4.45a 3.34a 2.67a 2.22a 1.67a 0.84a 0 ~ 5a 0 ~ 5.34a 0 ~ 4.45a 0 ~ 2.67a 0 ~ 2.22a 0 ~ 1.67a 0 ~ 0.84a 25w 40w 40w 40w 0 ~ 3.34a 40w 40w 40w 40w protection type : shut down o/p voltage, re-power on to recover ul60950-1, tuv en60950-1, bsmi cns14336, approved j60950-1(except for 48v) compliance to en55022 , fcc part 15 / cispr22 class b class b en61000-3-2,3, , cns13438 class b, gb17625.1 universal ac input / full range 3 pole ac inlet iec320-c14 protections: short circuit / overload / over voltage fully enclosed plastic case approvals: ul / cul / tuv / bsmi / cb / fcc / ce class power ( with earth pin) pass lps led indicator for power on no load power consumption<0.3w meet eisa 2007(energy independence and security act) 2 years warranty 1000ms, 30ms / 230vac 1000ms, 30ms / 115vac at full load 50ms / 230vac 15ms / 115vac at full load tuv rheinland product safety geprufresicherheit setup, rise time note.7 hold up time (typ.) i/p-o/p:3kvac i/p-fg:1.5kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg / 25 / 70% rh :100m ohms / 500vdc (except for 48v) emc immunity emc emission file name:gs40-spec 2011-06-15
mechanical specification file name:gs40-spec 2011-06-15 ambient temperature ( ) load (%) 0 -30 20 10 30 40 20 40 80 60 100 60 50 70 input voltage (vac) 60hz 90 100 95 120 110 160 140 200 180 240 220 264 load (%) ta=25 90 100 80 70 60 50 40 (horizontal) derating curve static characteristics power led plug assignment standard plug: p1j p/n output p1j center + g s 4 0 s e r i e s 40w ac-dc single output desktop 70 10mm 11 0.5mm ul1185 16awg 1000 50mm for 5 ~ 15v ul1185 18awg 1800 50mm for 18 ~ 48v id 2.1 x od 5.5 c"+" case no. 974a unit:mm 125 31.5 50


▲Up To Search▲   

 
Price & Availability of GS4011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X