Part Number Hot Search : 
TDA737 FF0750L FF0750L 80020 2SD2170 20SY01 SP8854 MMC4055
Product Description
Full Text Search
 

To Download FR251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fast recover rectifier voltage range 50 to 1000 volts FR251 thru fr257 current 2 .5ampere e-mail: sales@cnmic.com web site: www.cnmic.com features low coat construction fast switching for high efficency. low reverse leakage high forward surge current capability high temperature soldering guaranteed: 260 /10 secods/.375 (9.5mm)lead length at 5 lbs(2.3kg) tension mechanical data case: transfer molded plastic epoxy: ul94v-o rate flame retardant polarity: color band denotes cathode end lead: plated axial lead, solderable per mil-std-202e method 208c mounting position: any weight: 0.042ounce, 1.19 grams maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified single phase, half wave, 60hz, resistive or inductive load for capacitive load derate current by 20% symbols fr 251 fr 252 fr 253 fr 254 fr 255 fr 256 fr 257 units maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 volts maximum rms voltage v rms 35 70 140 280 420 560 700 volts maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 volts maximum average forward rectified current 0.375 (9.5mm) lead length at t a = 75 i (av) 2.5 amp peak forward surge current 8.3ms single half sine wave superimposed on rated load (jedec method) i fsm 100 amps maximum instantaneous forward voltage @ 2.5a v f 1.3 volts t a = 25 5.0 maximum dc reverse current at rated dc blocking voltage t a = 100 i r 500 a maximum reverse recovery time (note 3) t j =25 trr 150 250 500 ns typical junction capacitance (note 1) c j 60 pf typical thermal resistance (note 2) r ja 30 /w operating junction temperature range t j (-55 to +150) storage temperature range t stg (-55 to +150) notes: 1.measured at 1.0mhz and applied reverse voltage of 4.0volits. 2 thermal resistance from junction to ambient at .375 (9.5mm)lead length, p.c.board mounted. 3.reverse recovery test conditions:if=0.5ma,ir=1.0ma,irr=0.25a r-3 dia. .042(1.1) .038(0.96) dia. .160(4.1) .138(3.5) .160(4.1) .138(3.5) 1.0(25.4) min. 1.0(25.4) min. dimensions in inches and (millimeters)
fast recover rectifier voltage range 50 to 1000 volts FR251 thru fr257 current 2 .5ampere e-mail: sales@cnmic.com web site: www.cnmic.com 3.0 characteristics fig.4-typical reverse derating curve fig.1-typical forward current 150 175 125 75 100 2.0 50 1.0 0 0 single phase inductive load half wave 60hz resistive or 25 a v e r a g e f o r w a r d c u r r e n t , ( a ) ambient temperature, ( c) 100 100 10 fig.5-typical junction capacitance 10 1.0 0.1 1 reverse voltage,(v) tj=25 c f=1mhz 0.375"(9.5mm)lead length vsig=50mvp-p rating and chracteristic curves FR251 thru fr257 0.01 j t =25 c 120 140 i n s t a n t a n e o u s r e v e r s e c u r r e n t , percent of rated peak reverse voltage,(%) ( u a ) 0 20 0.1 1.0 100 60 40 80 10 t =100 c j fig.6-test circuit diagram and reverse rexovery time characteristic note: 1.rise time =7ns max.input impedance=1megohm.22pf 2.rise time=10ns max.source impedance=50 ohms set time base for 50 /100ns /cm -1.0a 0.25a 0 +0.5a oscilloscope (note 1) pulse generatior (note 2) (-) 1 non inductive 10 noninductive 50 noninductive d . u.t (-) approx 25 vdc (+) 20 1.8 1.6 1.4 i n s t a n t a n e o u s f o r w a r d c u r r e n t , instantaneous forward voltage,(v) ( a ) ( a ) 0.01 0.1 1.0 pulse width=300us 1% duty cycle 0.40.6 0.81.0 tj =25 c 1.2 forward characteristics fig.3-typical instantaneous 10 80 4 6 40 forward surge current number of cycles at 60 hz p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 10 1 20 60 100 28 102060 100 fig.2-maximum non-repetitive peak 200 80 40 8.3ms single half sine-wave (jedec method) tj=tjmax 60 80 40 20 8 6 4 2 j u n c t i o n c a p a c i t a n c e , ( p f )


▲Up To Search▲   

 
Price & Availability of FR251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X