Part Number Hot Search : 
D8251AC FL7734 2106A P6KE36 FTR50T SST44 VS9ASH 1212D
Product Description
Full Text Search
 

To Download FR251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features low cost diffused junction low leakage low forward voltage drop high current capability and similar solvents mechanical data case:jedec r--3,molded plastic terminals: axial lead ,solderable per mil- std-202,method 208 polarity: color band denotes cathode weight:0.021 unces,0.58 grams mounting pos ition: any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. fr 253 fr 254 fr 255 fr 256 fr 257 units maximum recurrent peak reverse voltage v rrm 200 400 600 800 1000 v max imum rms v oltage v rms 140 280 420 560 700 v maximum dc blocking voltage v dc 200 400 600 800 1000 v maximum average forw ard rectified current 9.5mm lead length, @t a =75 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @t j =125 maximum instantaneous forw ard voltage @ 2.5 a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 maximum reverse recovery time (note1) t rr 250 ns typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja <d operating junction temperature range t j storage temperature range t stg note:1. measured with i f =0.5a, i r =1a, i rr =0.25a. 500 voltage range: 50 --- 1000 v current: 2.5 a 100 fr 252 2.5 a fast recovery rectifier i f(av) the plastic material carries u/l recognition 94v-0 i r 150.0 5.0 100.0 1.3 70 a i fsm 3. thermal resistance f rom junction to ambient. a 2. measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. - 55---- +150 - 55---- + 150 35 150 22 FR251---fr257 galaxy electrical r - 3 50 35 50 fr 251 easily cleaned with freon,alcohol,isopropanol 100 www.galaxycn.com bl bl galaxy electrical document number 0261005 1.
-1.0a -0.25a 0 +0.5a t rr 1cm pulse generator (note2) d.u.t. 1 n.1. 50 n.1. oscilloscope (note 1) (+) 50vdc (approx) (-) 10 n.1. (-) (+) 0.6 t j =25 pulse width=300 100 40 60 tj=125 8.3ms single half sine-wave 10 86 0.5 1.0 1.5 2.0 2.5 25 50 125 175 single phase half wave 60h z resistive or inductive load 0 75 150 100 0 bl galaxy electrical www.galaxycn.com document number 0261005 2. peak forward surge current amperes amperes ratings and characteristic curves instantaneous forward voltage,volts ambient temperature , fi g. 3--typi cal juncti on capaci tance instantaneous forward current FR251---fr257 junction capacitance,pf amperes notes: 1. rise time =7ns ma x. input impeda nce=1m .22pf fi g. 1 -- typi cal forward derati ng curve fig.2-- forward surge cu r rent fi g. 4 --typi cal forward characteri sti c reverse voltage,volts average forward current 2.rise time=10ns max. source impedance=5o set time base for 50/100 ns /cm fi g. 5 -- reverse recovery ti me characteri sti c and test ci rcui t di agram number of cycles at 60 hz


▲Up To Search▲   

 
Price & Availability of FR251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X