Part Number Hot Search : 
P6SMB10 SK100 APL2575 BPC250 86CNQ200 KT930 2SD2023 LC75850W
Product Description
Full Text Search
 

To Download FDMS8820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  october 2012 ?2012 fairchild semiconductor corporation FDMS8820 rev. c1 www.fairchildsemi.com 1 FDMS8820 n-channel powertrench ? mosfet FDMS8820 n-channel powertrench ? mosfet 30 v, 116 a, 2.0 m features ? max r ds(on) = 2.0 m at v gs = 10 v, i d = 28 a ? max r ds(on) = 2.4 m at v gs = 4.5 v, i d = 25 a ? advanced package and silic on combination for low r ds(on) and high efficiency ? next generation enhanced body diode technology, engineered for soft recovery ? msl1 robust package design ? 100% uil tested ? rohs compliant general description this n-channel mosfet has been designed specifically to improve the overall efficien cy and to minimize switch node ringing of dc/dc converters using either synchronous or conventional switching pwm c ontrollers.it has been optimized for low gate charge, low r ds(on) , fast switching speed and body diode reverse recovery performance. applications ? vrm vcore switching for desktop and server ? oringfet / load switching ? dc-dc conversion d d d d s s s g power 56 d d d d g s s s pin 1 bottom top pin 1 mosfet maximum ratings t a = 25 c unless otherwise noted thermal characteristics package marking and ordering information symbol parameter ratings units v ds drain to source voltage 30 v v gs gate to source voltage (note 4) 20 v i d drain current -continuous t c = 25 c 116 a -continuous t a = 25 c (note 1a) 28 -pulsed (note 5) 180 e as single pulse avalanche energy (note 3) 294 mj p d power dissipation t c = 25 c 78 w power dissipation t a = 25 c (note 1a) 2.5 t j , t stg operating and storage junction temperature range -55 to +150 c r jc thermal resistance, junction to case 1.6 c/w r ja thermal resistance, junction to ambient (note 1a) 50 device marking device package reel size tape width quantity FDMS8820 FDMS8820 power 56 13 ?? 12 mm 3000 units
www.fairchildsemi.com 2 ?2012 fairchild semiconductor corporation FDMS8820 rev. c1 FDMS8820 n-channel powertrench ? mosfet electrical characteristics t j = 25 c unless otherwise noted off characteristics on characteristics dynamic characteristics switching characteristics drain-source diod e characteristics symbol parameter test conditions min typ max units bv dss drain to source breakdown voltage i d = 250 a, v gs = 0 v 30 v bv dss t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25 c 19 mv/c i dss zero gate voltage drain current v ds = 24 v, v gs = 0 v 1 a i gss gate to source leakage current, forward v gs = 20 v, v ds = 0 v 100 na v gs(th) gate to source threshold voltage v gs = v ds , i d = 250 a 1.2 1.5 2.5 v v gs(th) t j gate to source threshold voltage temperature coefficient i d = 250 a, referenced to 25 c -6 mv/c r ds(on) static drain to source on resistance v gs = 10 v, i d = 28 a 1.4 2.0 m v gs = 4.5 v, i d = 25 a 1.8 2.4 v gs = 10 v, i d = 28 a, t j = 125 c 2.0 2.8 g fs forward transconductance v ds = 5 v, i d = 28 a 76 s c iss input capacitance v ds = 15 v, v gs = 0 v, f = 1 mhz 3995 5315 pf c oss output capacitance 1295 1725 pf c rss reverse transfer capacitance 177 270 pf r g gate resistance 0.1 1.1 2.5 t d(on) turn-on delay time v dd = 15 v, i d = 28 a, v gs = 10 v, r gen = 6 14 25 ns t r rise time 7.7 16 ns t d(off) turn-off delay time 41 66 ns t f fall time 6.4 13 ns q g total gate charge v gs = 0 v to 10 v v dd = 15 v, i d = 28 a 63 88 nc q g total gate charge v gs = 0 v to 4.5 v 30 42 nc q gs gate to source charge 9.8 nc q gd gate to drain ?miller? charge 8.2 nc v sd source to drain diode forward voltage v gs = 0 v, i s = 2.0 a (note 2) 0.7 1.1 v v gs = 0 v, i s = 28 a (note 2) 0.8 1.2 t rr reverse recovery time i f = 28 a, di/dt = 100 a/ s 43 69 ns q rr reverse recovery charge 27 43 nc notes : 1. r ja is determined with the device mounted on a 1 in 2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of fr-4 material. r jc is guaranteed by design while r ca is determined by the user's board design. 2. pulse test: pulse width < 300 s, duty cycle < 2.0%. 3. e as of 294 mj is based on starting t j = 25 c; n-ch: l = 3 mh, i as = 14 a, v dd = 30 v, v gs = 10 v. 100% test at l = 0.1 mh, i as = 45 a. 4. as an n-ch device, the negative vgs rating is for low du ty cycle pulse occurrence only. no continuous rating is implied. 5. pulsed id limited by junction temperature,td<=100us, please refer to soa curve for more details. g df ds sf ss 50 c/w when mounted on a 1 in 2 pad of 2 oz copper a. g df ds sf ss 125 c/w when mounted on a minimum pad of 2 oz copper. b.
www.fairchildsemi.com 3 ?2012 fairchild semiconductor corporation FDMS8820 rev. c1 FDMS8820 n-channel powertrench ? mosfet typical characteristics t j = 25 c unless otherwise noted figure 1. 012345 0 30 60 90 120 150 180 v gs = 4.5 v v gs = 10 v v gs = 3 v pulse duration = 80 p s duty cycle = 0.5% max v gs = 3.5 v v gs = 2.8 v i d , drain current (a) v ds , drain to source voltage (v) on region characteristics figure 2. 0 306090120150180 0 1 2 3 4 5 6 7 8 v gs = 3 v pulse duration = 80 p s duty cycle = 0.5% max normalized drain to source on-resistance i d , drain current (a) v gs = 3.5 v v gs = 4.5 v v gs = 2.8 v v gs = 10 v n o r m a l i z e d o n - r e s i s t a n c e vs drain current and gate voltage f i g u r e 3 . n o r m a l i z e d o n r e s i s t a n c e -75 -50 -25 0 25 50 75 100 125 150 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 i d = 28 a v gs = 10 v normalized drain to source on-resistance t j , junction temperature ( o c ) vs junction temperature figure 4. 2345678910 0 2 4 6 8 t j = 125 o c i d = 28 a t j = 25 o c v gs , gate to source voltage (v) r ds(on) , drain to source on-resistance ( m : ) pulse duration = 80 p s duty cycle = 0.5% max o n - r e s i s t a n c e v s g a t e t o source voltage figure 5. transfer characteristics 1234 0 30 60 90 120 150 180 t j = 150 o c v ds = 5 v pulse duration = 80 p s duty cycle = 0.5% max t j = -55 o c t j = 25 o c i d , drain current (a) v gs , gate to source voltage (v) figure 6. 0.00.20.40.60.81.01.2 0.001 0.01 0.1 1 10 100 200 t j = -55 o c t j = 25 o c t j = 150 o c v gs = 10 v i s , reverse drain current (a) v sd , body diode forward voltage (v) s o u r c e t o d r a i n d i o d e forward voltage vs source current
www.fairchildsemi.com 4 ?2012 fairchild semiconductor corporation FDMS8820 rev. c1 FDMS8820 n-channel powertrench ? mosfet figure 7. 0 1428425670 0 2 4 6 8 10 i d = 28 a v dd = 20 v v dd = 15 v v gs , gate to source voltage (v) q g , gate charge (nc) v dd = 10 v gate charge characteristics figure 8. 0.1 1 10 30 10 100 1000 10000 f = 1 mhz v gs = 0 v capacitance (pf) v ds , drain to source voltage (v) c rss c oss c iss c a p a c i t a n c e v s d r a i n to source voltage figure 9. 0.001 0.01 0.1 1 10 100 1000 1 10 100 200 t j = 125 o c t j = 25 o c t j = 100 o c t av , time in avalanche (ms) i as , avalanche current (a) u n c l a m p e d i n d u c t i v e switching capability figure 10. 25 50 75 100 125 150 0 30 60 90 120 150 180 v gs = 4.5 v limited by package r t jc = 1.6 o c/w v gs = 10 v i d , drain current (a) t c , case temperature ( o c ) m a x i m u m c o n t i n u o u s d r a i n current vs case temperature f i g u r e 1 1 . f o r w a r d b i a s s a f e op erating area 0.01 0.1 1 10 100200 0.01 0.1 1 10 100 200 100 us curve bent to measured data 1 s 10 ms dc 10 s 100 ms 1 ms i d , drain current (a) v ds , drain to source voltage (v) this area is limited by r ds(on) single pulse t j = max rated r t ja = 125 o c/w t a = 25 o c figure 12. 10 -4 10 -3 10 -2 10 -1 110 100 1000 0.1 1 10 100 1000 10000 single pulse r t ja = 125 o c/w t a = 25 o c p ( pk ) , peak transient power (w) t, pulse width (sec) s i n g l e p u l s e m a x i m u m power dissipation typical characteristics t j = 25 c unless otherwise noted
www.fairchildsemi.com 5 ?2012 fairchild semiconductor corporation FDMS8820 rev. c1 FDMS8820 n-channel powertrench ? mosfet figure 13. junction-to-ambient transient thermal response curve 10 -4 10 -3 10 -2 10 -1 11 0 100 1000 0.0001 0.001 0.01 0.1 1 2 single pulse r t ja = 125 o c/w duty cycle-descending order normalized thermal impedance, z t ja t, rectangular pulse duration (sec) d = 0.5 0.2 0.1 0.05 0.02 0.01 p dm t 1 t 2 notes: duty factor: d = t 1 /t 2 peak t j = p dm x z t ja x r t ja + t a typical characteristics t j = 25 c unless otherwise noted
www.fairchildsemi.com 6 ?2012 fairchild semiconductor corporation FDMS8820 rev. c1 FDMS8820 n-channel powertrench ? mosfet dimensional outlin e and pad layout
FDMS8820 n-channel powertrench ? mosfet ?2012 fairchild semiconductor corporation 7 www.fairchildsemi.com FDMS8820 rev. c1 trademarks the following includes registered and unregistered trademarks and service marks, owned by fairch ild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. *trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes withou t further notice to any products herein to improve reliability, function, or design. fairchild does not assume an y liability arising out of th e application or use of any product or circuit described herein; neither does it convey an y license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s wo rldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized fo r use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used here in: 1. life support devices or systems ar e devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform wh en properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably ex pected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms 2cool? accupower? ax-cap?* bitsic ? build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? deuxpeed ? dual cool? ecospark ? efficentmax? esbc? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? fetbench? flashwriter ? * fps? f-pfs? frfet ? global power resource sm green bridge? green fps? green fps? e-series? g max ? gto? intellimax? isoplanar? marking small speakers sound louder and better? megabuck? microcoupler? microfet? micropak? micropak2? millerdrive? motionmax? motion-spm? mwsaver? optohit? optologic ? optoplanar ? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? saving our world, 1mw/w/kw at a time? signalwise? smartmax? smart start? solutions for your success? spm ? stealth? superfet ? supersot?-3 supersot?-6 supersot?-8 supremos ? syncfet? sync-lock? ?* the power franchise ? ? tinyboost? tinybuck? tinycalc? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? transic ? trifault detect? truecurrent ? * serdes? uhc ? ultra frfet? unifet? vcx? visualmax? voltageplus? xs? ? ? datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fair child semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. anti-counterfeiting policy fairchild semiconductor corporation?s anti-counterfeiting policy. fairchild?s anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in th e industry. all manufactures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts ex perience many problems such as loss of brand reputation, substa ndard performance, failed application, and increased cost of production and manufacturing de lays. fairchild is taking strong measures to protect ourselve s and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above . products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild?s quality standards for handing and storage and provide access to fairchild?s full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unau thorized sources. fairchild is committed to combat this global problem and encourage our customer s to do their part in stopping th is practice by buying direct or from authorized distributors. rev. i61 ?


▲Up To Search▲   

 
Price & Availability of FDMS8820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X