Part Number Hot Search : 
93C56 7MBP75 03101 X25320IG 93C56 SSP15N05 NDB710A 93C56
Product Description
Full Text Search
 

To Download FA2-B0-14-820-12A-BG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  f-series circuit breaker carling technologies, inc. 60 johnson avenue ? plainville, ct 06062-1177 phone: (860) 793-9281 ? fax: (860) 793-9231 email: sales@carlingtech.com ? www.carlingtech.com the f-series hydraulic/magnetic high amperage circuit breakers are designed to handle high current applications in extremely hot and/or cold locations. due to its time- proven hydraulic/magnetic design, the f-series load sensing mechanism is insensitive to changes in ambient or enclosure temperature, providing a consistent trip point over temperatures ranging from -40c to +85c. additionally, the f-series circuit breakers come with a choice of overload time delays, making them ideal for critical applications having inductive loads. further, the f-series breakers are available up to 700a and an optional 25 millivolt metering shunt construction provides a safe method for monitoring current fowing through the breaker by simply connecting a meter with light gauge wire to the appropriate terminals located on the shunt housing at the rear of the breaker. applications can be customized by measuring and displaying percentage of current, watts or safe/danger zones. features: ? ac ratings to ul 489 ? dc voltage ratings up to 700a with metering shunt section ? consistent trip point over temperatures ranging from -40c to +85c ? optional 25 millivolt metering shunt construction applications : ? ideal for applications under extreme temperatures ? higher amperage applications ? battery disconnect systems ? solar power systems ? military
2 | resistance per pole values from line to load terminals (values based on series trip circuit breaker) f-series circuit breaker - general specifcations mechanical physical environmental electrical maximum voltage current rating auxiliary switch rating insulation resistance dielectric strength resistance, impedance endurance trip free trip indication number of poles internal circuit confg. available accessories weight standard colors shock vibration moisture resistance salt spray thermal shock operating temperature designed and tested in accordance with requirements of specifcation mil-prf-55629 & mil-std-202 as follows: 125vdc, 277 vac standard current coils: 100, 125, 150, 175, 225, 250 amps. 300, 350, 400, 500, 600, 700 amps available as parallel pole construction. spdt; 10.1 amps @ 250vac, 1.0 amps @ 65vdc, 0.5 amps @ 80vdc 0.1 amps @ 125vac (with gold contacts). minimum: 100 megohms at 500 vdc 1960 vac, 50/60 hz for one minute between all electrically isolated terminals, except 2500 vac for one minute between alarm/aux. switch and main terminals with contacts in open and closed position. f-series circuit breakers comply with the 8mm spacing & 3750vac 50/60 hz dielectric requirements from hazardous voltage to operator accessible surfaces, between adjacent poles and from main circuits to auxilary circuits per publications en 60950 and vde 0805. values from line to load terminal - based on series trip circuit breaker. 4000 on-off operations with rated current & voltage & 4000 operations with no load (8000 operations total) @ 5 per minute. parallel pole construction: 1000 operations with rated current and voltage @ 5 per minute. all f-series circuit breakers will trip on overload, even when the actuator is forcibly held in the on position. the operating actuator moves positively to the off position when an overload causes the circuit breaker to trip. 1 - 3 poles note: ratings over 250 amps only available with parallel pole. series (with or without auxiliary switch), switch only (with or without auxiliary switch). factory installed: dc current metering shunt (25 mv @lr) varies depending on construction. consult factory. housing - black; actuator- black or white with contrasting on-off legend. withstands 100 gs, 6ms, sawtooth while carrying rated current per method 213, test condition i. instantaneous and ultra-short curves tested @ 90% of rated current. withstands 0.060 excursion from 10- 55 hz, and 10 gs 55-500 hz, at rated current per method 204c, test condition a. instantaneous and ultrashort curves tested at 90% of rated current. method 106d; ten 24-hour cycles @ + 25c to +65c, 80-98% rh.56 days @ +85c, 85% rh. method 101, condition a (90-95% rh @ 5% nacl solution, 96 hrs). method 107d, condition a (five cycles @ -55c to +25c to +85c to +25c). -40c to +85c. *manufacturer reserves the right to change product specification without prior notice. 60 johnson avenue ? plainville, ct 06062C1177 ? phone: (860) 793C9281 ? fax: (860) 793C9231 email: sales @ carlingtech.com ? www.carlingtech.com
| 3 t able a: lists ul listed (489)and csa certified (c22.2 n0. 5.1-m) configurations and performance capabilities as a molded case circuit brekaer current ra ting circuit max full load ul / csa tuv 2 configura tion ra ting frequency phase amps 1 - 3 poles 1 or 2 poles 125 dc --- 50 - 250 50,000 25,000 120 / 240 1 50 / 60 1 100 - 250 10,000 --- 277 50 / 60 1 100 - 250 10,000 --- 208y / 120 50 / 60 3 100 - 250 10,000 --- notes: 1. 120/240v rating available in 2 or 3 poles. in a 3 pole construction the center pole is neutral. 2. tuv constructions are not available with ac ratings. series f series t able a : ul489 listed branch circuit breakers voltage interrupting cap acity (amps) f-series circuit breaker - general specifcations electrical tables table a: ists u isted and csa certied c n m congurations and performance capabilities as a molded case circuit breaker table b: ists u isted congurations and performance capabilities as circuit breakers for use in communications equipment uide ditt, file e, under ua agency certifications ul listed ul 489 ul 489a tuv certifed circuit breakers , molded case (guide divq, file e129899) complies with the requirements of the csa standard for molded case circuit breakers, cancsa- c22.2 no. 5.1 Cm circuit breakers for use in communications equipment (guide ditt, file e189195) iec 60947-2 low voltage switchgear and control gear under tuv license no. r72031058 60 johnson avenue ? plainville, ct 06062C1177 ? phone: (860) 793C9281 ? fax: (860) 793C9231 email: sales @ carlingtech.com ? www.carlingtech.com 60 johnson avenue ? plainville, ct 06062C1177 ? phone: (860) 793C9281 ? fax: (860) 793C9231 email: sales @ carlingtech.com ? www.carlingtech.com
4 | f-series handle C ordering scheme 1 series 2 actuator 3 poles 5 aux/alarm switch 6 frequency & delay 7 current rating 8 terminal 9 actuator color 10 mounting 11 max. app. rating 12 agency approval 4 circuit f a b 1 a 2 0 2 b g 14 820 1 series f 2 actuator a handle, one per pole s mid-trip handle, one per pole t mid-trip handle, one per pole & alarm switch 8 terminal back connected (front mounted only) max rating 1 9 3/8-16 stud 250a 2 14 3/8-16 screw, line & load 700a 5 14 3/8-16 short stud 250a front connected (back mounted only) 11 max rating 3 box wire connector, line & load 700a 4 14 3/8-16 screw, line & load 700a 10 mounting front mounting inserts a 10-32 b iso m5 back mounting inserts 10-32 screw clearance holes 10-32 screw clearance holes 3 poles 1 one 2 two 3 three 5 auxiliary/alarm switch 5 0 w/o aux switch 2 s.p.d.t., 0.110 q.c. term. 3 s.p.d.t., 0.139 solder lug 4 s.p.d.t., 0.110 q.c. term. (gold contacts) 5 s.p.s.t., 0.093 q.c. term. (gold contacts) 6 s.p.s.t., 0.139 solder lug 7 s.p.s.t., 0.110 q.c. term. (gold contacts) 8 s.p.s.t., 0.187 q.c. terminals 9 s.p.d.t., 0.187 q.c. terminals. a 6 s.p.s.t., 0.093 round qc terminals. b 6 s.p.d.t., 0.093 round q.c. terminals. 6 frequency & delay 03 dc 50/60hz, switch only 10 7 dc instantaneous 11 dc ultra short 12 dc short 14 dc medium 16 dc long 22 ac short 24 ac medium 26 ac long 7 current rating (amperes) or voltage coil (volts, min. trip rating) 7 810 100.00 912 125.00 815 150.00 917 175.00 820 200.00 922 225.00 825 250.00 830 8 300.00 835 8 350.00 840 8 400.00 845 8 450.00 850 8 500.00 860 8 600.00 870 8 700.00 code amperes a06 6 dc, 5 dc a12 12 dc, 10 dc a18 18 dc, 15 dc a24 24 dc, 20 dc a32 32 dc, 25 dc a48 48 dc, 40 dc a65 65 dc, 55 dc b25 125 dc, 100 dc j06 6 ac, 5 ac code amperes 11 maximum application rating voltage current b 125 vdc 700a c 15 120/240 250a f 277 vac 250a 7 16 120/208 vac 250a 12 agency approval a no approvals g ul 489 listed & cul certifed j ul 489 listed, cul certifed & tuv certifed t ul489a (telecom) listed 9 actuator color & legend 12,13 acuator color i-o on-off dual marking color white a b 1 black black c d 2 white notes: 1 for 100 to 250 amps, select current code 825. for 300-400 amps, select current code 840. for 450-700 amps, select current code 870. 2 available with frequency and delay code 10 or 20 only, and are not rated for continuous duty. delay 10 and 20 are only available with voltage coils. 3 3 codes m, n, p & q (parallel poles) are supplied with factory installed bus bar on line and load. 4 4 metering terminals are female pin type, ref. molex part number 02-09-1101, model 1189-t. 5 auxiliary switch breakers are only available with series trip and switch only circuits. on multi-pole breakers, one auxiliary switch is supplied, mounted in the extreme right pole per fgure a. back-mounted breakers require special mounting provisions when an auxiliary switch is specifed. 6 available with parallel pole construction (circuit codes p and q, and breakers with circuit codes m and n). 7 frequency and delay code 10 is only available with voltage coils. voltage coils are not rated for continuous duty. 8 ratings over 250 amps are only available with agency approval code t (ul489a) and are parallel pole confguration (circuit codes m, n, p and q.) 300-450 amp ratings are available on two pole breakers. 500-700 amp ratings are available on three pole breakers. 9 per ul requirement, an anti-flash over barrier is supplied between poles on multipole breakers with 3/8 - 16 stud terminals (terminal code 1) 10 front connected breakers can also be front mounted by utilizing the supplied front panel mounting inserts.terminal connections must be made before mounting. 11 box wire connector will accept #6 through 250 mcm copper wire. 12 agency codes g & t must have on-off or dual legends. agency code j must have dual legend. 13 other colors available. consult factory. 14 terminals 2,4 & 5 are shipped without terminal hardware. 15 2 or 3 pole circuit breaker required for 120/240 vac rating. 16 3 pole circuit breaker required for 120/208 vac rating. 4 circuit a 1 switch only ( no coil ) b series trip ( current ) c 2 series trip ( voltage ) parallel pole construction: m 3,4 series trip (current) with metering shunt n 3,4 switch only with metering shunt p 3 series trip (current) q 3 switch only 60 johnson avenue ? plainville, ct 06062C1177 ? phone: (860) 793C9281 ? fax: (860) 793C9231 email: sales @ carlingtech.com ? www.carlingtech.com
| 5 f-series handle C circuit & terminal diagrams notes: 1 all dimensions are in inches [millimeters]. 2 tolerance .020 [.51] unless otherwise specifed. 60 johnson avenue ? plainville, ct 06062C1177 ? phone: (860) 793C9281 ? fax: (860) 793C9231 email: sales @ carlingtech.com ? www.carlingtech.com 60 johnson avenue ? plainville, ct 06062C1177 ? phone: (860) 793C9281 ? fax: (860) 793C9231 email: sales @ carlingtech.com ? www.carlingtech.com
6 | f-series handle C circuit & terminal diagrams notes: 1 all dimensions are in inches [millimeters]. 2 tolerance .020 [.51] unless otherwise specifed. 60 johnson avenue ? plainville, ct 06062C1177 ? phone: (860) 793C9281 ? fax: (860) 793C9231 email: sales @ carlingtech.com ? www.carlingtech.com
| 7 f-series handle C circuit & terminal diagrams notes: 1 all dimensions are in inches [millimeters]. 2 tolerance .020 [.51] unless otherwise specifed. 60 johnson avenue ? plainville, ct 06062C1177 ? phone: (860) 793C9281 ? fax: (860) 793C9231 email: sales @ carlingtech.com ? www.carlingtech.com 60 johnson avenue ? plainville, ct 06062C1177 ? phone: (860) 793C9281 ? fax: (860) 793C9231 email: sales @ carlingtech.com ? www.carlingtech.com
8 | f-series handle C form & fit diagrams notes: 1 all dimensions are in inches [millimeters]. 2 tolerance .020 [.51] unless otherwise specifed. 60 johnson avenue ? plainville, ct 06062C1177 ? phone: (860) 793C9281 ? fax: (860) 793C9231 email: sales @ carlingtech.com ? www.carlingtech.com
| 9 f-series handle C form & fit diagrams notes: 1 all dimensions are in inches [millimeters]. 2 tolerance .020 [.51] unless otherwise specifed. 60 johnson avenue ? plainville, ct 06062C1177 ? phone: (860) 793C9281 ? fax: (860) 793C9231 email: sales @ carlingtech.com ? www.carlingtech.com 60 johnson avenue ? plainville, ct 06062C1177 ? phone: (860) 793C9281 ? fax: (860) 793C9231 email: sales @ carlingtech.com ? www.carlingtech.com
10 | f-series handle C form & fit diagrams f-series breakers are available up to 700a, and are also available with a 25 millivolt metering shunt construction. this optional construction provides a safe method for monitoring current fowing through the breaker by simply connecting a meter with light gauge wire to the appropriate terminals located on the shunt housing at the rear of the breaker. you can customize the application by measuring and displaying percentage of current, watts or safe/danger zones. notes: 1 all dimensions are in inches [millimeters]. 2 tolerance .020 [.51] unless otherwise specifed. 60 johnson avenue ? plainville, ct 06062C1177 ? phone: (860) 793C9281 ? fax: (860) 793C9231 email: sales @ carlingtech.com ? www.carlingtech.com
| 11 f-series handle C form & fit diagrams notes: 1 all dimensions are in inches [millimeters]. 2 tolerance .020 [.51] unless otherwise specifed. 60 johnson avenue ? plainville, ct 06062C1177 ? phone: (860) 793C9281 ? fax: (860) 793C9231 email: sales @ carlingtech.com ? www.carlingtech.com 60 johnson avenue ? plainville, ct 06062C1177 ? phone: (860) 793C9281 ? fax: (860) 793C9231 email: sales @ carlingtech.com ? www.carlingtech.com
12 | f-series circuit breaker - time delay curves long - ac 26 f series 50/60 hz long curve no. 26 f series 50/60 hz short curve no. 22 f series 50/60 hz medium curve no. 24 22 16 14 12 11 no tr ip no tr ip no tr ip no tr ip no tr ip .700 - 12.0 11 0 - 1000 10.0 - 11 0 .475 - 10.0 .013 - .125 10.0 - 160 50.0 - 700 .350 - 4.00 60.0 - 400 6.00 - 40.0 .275 - 2.80 .010 - .070 6.00 - 60.0 32.0 - 350 .130 - 1.30 22.0 - 150 2.50 - 15.0 .140 - .850 .008 - .032 .220 - 20.0 10.0 - 90.0 .027 - .220 4.00 - 25.0 .500 - 3.00 .030 - .190 .006 - .020 .300 - 3.00 1.50 - 15.0 .008 - .130 1.00 - 5.50 .180 - 1.00 .015 - .125 .005 - .020 .050 - 1.30 .500 - 7.00 .004 - .090 .010 - 1.80 .010 - .280 .010 - .050 .004 - .020 .007 - .500 .020 - 3.00 .004 - .045 .004 - .020 .008 - .390 .008 - .080 .008 - .038 .005 - .060 .006 - 2.00 no tr ip no tr ip 24 26 short - ac 22 ultrashort - dc short - dc medium - dc long - dc medium - ac 24 rev_cb_f_0612 60 johnson avenue ? plainville, ct 06062C1177 ? phone: (860) 793C9281 ? fax: (860) 793C9231 email: sales @ carlingtech.com ? www.carlingtech.com


▲Up To Search▲   

 
Price & Availability of FA2-B0-14-820-12A-BG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X