Part Number Hot Search : 
JW100A1 00C12 SS2030 LTC2481 NX350 5348AR NX350 LBN14055
Product Description
Full Text Search
 

To Download ET-TL431 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - tl431 www.estek.com.cn copyright @ estek electronics co., ltd version 0.5 8th dec. 2011 1 adjustable precision shunt regulator ? description ? features the et tl431 is a three-terminal adjustable regulator series with a guaranteed thermal stability over applicable temperature ranges. the output voltage may be set to any value between vref and 36 volts with two external resistors. these device have a typical dynamic output impedance of 0.27 , active output circuitry provides a very sharp turn-on characteristic, making these devices excellent replacement for zener diodes in many applications. ? programmable output voltage to 36v. ? low dynamic output impedance : et tl431xxc/i: 0.27 (typical). et tl431xxq: 0.15 (typical) ? sink current capability of 0.1ma to 100ma. ? equivalent full-range temperature coefficient of 50 ppm/ o c ? temperature compensated for operation over full rated operating temperature range. ? low output noise voltage. ? fast turn on responds. ? sot-23, to-92, sot-89, sop-8 packages ? symbol ? applications ? precision voltage reference ? linear regulator ? adjustable power supply ? switching power supply ? graphic card ? adapter ? pin description et
www.estek.com.cn copyright @ estek electronics co., ltd version 0.5 8th dec. 2011 2 ? ordering information pin assignment part number accurate temperature package r a c packing tl431aac sot-23 1 3 2 tape & reel tl431aec to-92 1 2 3 tape & box tl431adc sot-89 1 2 3 tape & reel tl431akc 0 o c~+70 o c sop-8 8 2,3,6,7 1 tape & reel tl431aai sot-23 1 3 2 tape & reel tl431aei to-92 1 2 3 tape & box tl431adi sot-89 1 2 3 tape & reel tl431aki -40 o c ~+125 o c sop-8 8 2,3,6,7 1 tape & reel tl431aaq sot-23 1 3 2 tape & reel tl431aeq to-92 1 2 3 tape & box tl431adq sot-89 1 2 3 tape & reel tl431akq 0.5% -60 o c ~+125 o c sop-8 8 2,3,6,7 1 tape & reel tl431bac sot-23 1 3 2 tape & reel tl431bec to-92 1 2 3 tape & box tl431bdc sot-89 1 2 3 tape & reel tl431bkc 0 o c~+70 o c sop-8 8 2,3,6,7 1 tape & reel tl431bai sot-23 1 3 2 tape & reel tl431bei to-92 1 2 3 tape & box tl431bdi sot-89 1 2 3 tape & reel tl431bki -40 o c ~+125 o c sop-8 8 2,3,6,7 1 tape & reel tl431baq sot-23 1 3 2 tape & reel tl431beq to-92 1 2 3 tape & box tl431bdq sot-89 1 2 3 tape & reel tl431bkq 1% -60 o c ~+125 o c sop-8 8 2,3,6,7 1 tape & reel ? absolute maximum ratings symbol parameter value unit et tl431xxc/i 40 v ka cathode voltage et tl431xxq 42 v i k cathode current range(continuous) -100~150 ma i ref reference input current range 0.05~10 ma et tl431xxc 0~+70 et tl431xxi -40~+125 t oper. operating temperature range et tl431xxq -60~+125 o c t j junction temperature range 150 o c t stg storage temperature range -65~+150 o c - tl431 et
www.estek.com.cn copyright @ estek electronics co., ltd version 0.5 8th dec. 2011 3 ? thermal characteristics symbol parameter package typical value unit sot-23 416 to-92 250 sot-89 250 ja thermal resistance from junction to ambient in free air. (measured with the component mounted on a high effective thermal conductivity test board in free air.) sop-8 210 o c/w ? recommended operating conditions symbol characteristic min. typ. max. unit tl431xxc/i v ref - 36 v ka cathode voltage tl431xxq v ref 40 v tl431xxc/q 0.5 - 100 i k cathode current tl431xxi 1 - 100 ma ? electrical characteristics (t a =25 c, v ka =v ref , i k =10ma unless otherwise noted . ) symbol parameter test condition min. typ. max. unit 0.5% 2.483 2.495 2.508 v ref reference input voltage v ka =v ref , i k =10ma 1% 2.470 2.495 2.520 v v ref(dev) deviation of reference input voltage over full temperature range t min Q t a Q t max - 3 17 mv v ka =10v-v ref -0.4 - 2.7 v ref / v ka ratio of change in reference input voltage to the change in cathode voltage v ka =36v-10v -0.4 - 2.0 mv/ v i ref reference input current r 1 =10k , r 2 = - 1.8 4 ua i ref(dev) deviation of reference input current over full temperature range r 1 =10k , r 2 = - 0.4 1.2 ua i k(min) minimum cathode current for regulation - 0.25 0.5 ma i k(off) off-state cathode current v ka =40v, v ref =0 - 0.17 0.9 ua tl431xxc/i - 0.27 0.5 z ka dynamic impedance tl431xxq i k =1ma to 100ma f Q 1.0khz 0.15 0.5 - tl431 et
www.estek.com.cn copyright @ estek electronics co., ltd version 0.5 8th dec. 2011 4 ? test circuit ? typical application circuits notes for typical application circuits: 1. for the series regulator applicatio ns, add a compensation capacitor c 1 between cathode and ref is strongly recommended to improve the stability of output voltage. 2. set vo according to the following equation: vo=v ref (1+r 1 /r 2 )+i ref xr 1 . 3. choose the value for r b as below: b (1). the maximum limit for r b should be such that the cathode current (i b k ) is greater than the minimum operating current (0.5ma) at v in(min) . (2). the minimum limit for r b should be such that the cathode current (i b k ) does not exceed 100ma under all load conditions, and the instantaneous turn-on value for i k does not exceed 120ma. - tl431 et
www.estek.com.cn copyright @ estek electronics co., ltd version 0.5 8th dec. 2011 5 ? typical characteristics - tl431 et
www.estek.com.cn copyright @ estek electronics co., ltd version 0.5 8th dec. 2011 6 ? typical characteristics (continued) - tl431 et
www.estek.com.cn copyright @ estek electronics co., ltd version 0.5 8th dec. 2011 7 ? typical characteristics (continued) - tl431 et
www.estek.com.cn copyright @ estek electronics co., ltd version 0.5 8th dec. 2011 8 ? package information sot-23 - tl431 et
www.estek.com.cn copyright @ estek electronics co., ltd version 0.5 8th dec. 2011 9 ? package information to-92 - tl431 et
www.estek.com.cn copyright @ estek electronics co., ltd version 0.5 8th dec. 2011 10 ? package information sot-89 - tl431 et
www.estek.com.cn copyright @ estek electronics co., ltd version 0.5 8th dec. 2011 11 ? package information sop-8 - tl431 et


▲Up To Search▲   

 
Price & Availability of ET-TL431

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X