Part Number Hot Search : 
2DMK20 MM1Z10 MP8725 P40NS1 NCP14 TCRT100 39052 80N03
Product Description
Full Text Search
 

To Download EM44CM1688LBB-3F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  em44cm1688lbb nov. 2010 1/29 www.eorex.com revision history revision 0.1 (nov. 2010) -first release.
em44cm1688lbb nov. 2010 2/29 www.eorex.com 1gb (8m 8 bank 16) double data rate 2 sdram features ? jedec standard vdd/vddq = 1.8v 0.1v. ? all inputs and outputs are compatible with sstl_18 interface. ? fully differential clock inputs (ck, /ck) operation. ? eight banks ? posted cas ? bust length: 4 and 8. ? programmable cas latency (cl): 5 ? programmable additive latency (al): 0, 1, 2, 3, 4, 5 & 6. ? write latency (wl) =read latency (rl) -1. ? read latency (rl) = programmable additive latency (al) + cas latency (cl) ? bi-directional differential data strobe (dqs). ? data inputs on dqs centers when write. ? data outputs on dqs, /dqs edges when read. ? on chip dll align dq, dqs and /dqs transition with ck transition. ? dm mask write data-in at the both rising and falling edges of the data strobe. ? sequential & interleaved burst type available. ? off-chip driver (ocd) impedance adjustment ? on die termination (odt) ? auto refresh and self refresh ? 8,192 refresh cycles / 64ms ? average refresh period 7.8us at lower than t case 85 c, 3.9us at 85 c < t case Q 95c ? rohs compliance ? partial array self-refresh (pasr) ? high temperature self-refresh rate enable description the em44cm1688lbb is a high speed double date rate 2 (ddr2) synchronous dram fabricated with ultra high performance cmos process containing 1,073,741,824 bits which organized as 8mbits x 8 banks by 16 bits. this synchronous device achieves high speed double-data-rate transfer rates of up to 800 mb/sec/pin (ddr2-800) for general applications. the chip is designed to comply with the following key ddr2 sdram features: (1) posted cas with additive latency, (2) write latency = read latency -1, (3) off-chip driver (ocd) impedance adjustment and on die termination (4) normal and weak strength data output driver. all of the control and address inputs are synchronized with a pair of externally supplied differential clocks. inputs are latched at the cross point of differential clocks (ck rising and /ck falling). all i/os are synchronized with a pair of bidirectional strobes (dqs and /dqs) in a source synchronous fashion. the address bus is used to convey row, column and bank address information in a /ras and /cas multiplexing style. the 1gb ddr2 device operates with a single power supply: 1.8v 0.1v vdd and vddq. available package: tfbga-84ball (with 0.8mm x 0.8mm ball pitch)
em44cm1688lbb nov. 2010 3/29 www.eorex.com ordering information part no organization max. freq package grade pb EM44CM1688LBB-3F 64m x 16 t ck5 : ddr2-667mhz 5-5-5 tfbga-84b commercial free em44cm1688lbb-25f 64m x 16 t ck6 : ddr2-800mhz 5-5-5 tfbga-84b commercial free note: speed ( t ck *) is in order of cl-t rcd -t rp parts naming rule * eorex reserves the right to change products or specification without notice.
em44cm1688lbb nov. 2010 4/29 www.eorex.com pin assignment: top view 1 2 3 7 8 9 vdd nc vss a vssq /udqs vddq dq14 vssq udm b udqs vssq dq15 vddq dq9 vddq c vddq dq8 vddq dq12 vssq dq11 d dq10 vssq dq13 vdd nc vss e vssq /ldqs vddq dq6 vssq ldm f ldqs vssq dq7 vddq dq1 vddq g vddq dq0 vddq dq4 vssq dq3 h dq2 vssq dq5 vddl vref vss j vssdl ck vdd cke /we k /ras /ck odt ba2 ba0 ba1 l /cas /cs a10/ap a1 m a2 a0 vdd vss a3 a5 n a6 a4 a7 a9 p a11 a8 vss vdd a12 nc r nc nc 84ball fbga note: vddl and vssdl are power and ground for the dll.
em44cm1688lbb nov. 2010 5/29 www.eorex.com pin description (simplified) pin name function j8,k8 ck,/ck (system clock) ck and ck are differential clock inputs. all address and control input signals are sampled on the crossing of the positive edge of ck and negative edge of ck. output (read) data is referenced to the crossings of ck and ck (both directions of crossing). l8 /cs (chip select) all commands are masked when cs is registered high. cs provides for external rank selection on syst ems with multiple ranks. cs is considered part of the command code. k2 cke (clock enable) cke high activates and cke low deactivates internal clock signals and device input buffers and output drivers. taking cke low provides precharge power-down and self- refresh operation (all banks idle), or active power-down (row active in any bank). cke is synchronous for power down entry and exit and for self-refresh entry. cke is asynchronous for self-refresh exit. cke must be maintained high throughout read and write accesses. input buffers, excluding ck, ck, odt and cke are disabled during power down. input buffers, excluding cke are disabled during self-refresh. m8,m3,m7,n2, n8,n3,n7,p2, p8,p3,m2,p7, r2 a0~a12 (address) provided the row address for active commands and the column address and auto precharge bit for read/write commands to select one location out of the memory array in the respective bank. a10 is sampled during a precharge command to determine whether the precharge applies to one bank (a10 low) or all banks (a10 high). if only one bank is to be precharged, the bank is selected by ba0, ba1. the address inputs also provide the op-code during mode register set commands. l2,l3,l1 ba0, ba1, ba2 (bank address) ba0 ? ba2 define to which bank an active, read, write or precharge command is being applied. bank address also determines if the mode register or extended mode register is to be accessed during a mrs or emrs cycle. k9 odt (on die termination) odt (registered high) enables termination resistance internal to the ddr2 sdram. when enabled, odt is applied to each dq, udqs/udqs, ldqs/ldqs, udm, and ldm signal. the odt pin will be ignored if the extended mode register (emrs(1)) is programmed to disable odt. k7, l7, k3 /ras, /cas, /we (command inputs) /ras, /cas and /we (along with /cs) define the command being entered.
em44cm1688lbb nov. 2010 6/29 www.eorex.com pin description (continued) b7,a8,f7,e8 udqs,/udqs , ldqs,/ldqs (data strobe) output with read data, input with write data. edge-aligned with read data, centered in write data. ldqs corresponds to the data on dq0-dq7; udqs corresponds to the data on dq8-dq15. the data strobes ldqs and udqs may be used in single ended mode or paired with optional complementary signals /ldqs and /udqs to provide differential pair signaling to the system during both reads and writes. an emrs(1) control bit enables or disables all complementary data strobe signals. in this data sheet, "differential dqs signals" refers to a10 = 0 of emrs(1) using ldqs/ldqs and udqs/udqs. "single-ended dqs signals" refers to a10 = 1 of emrs(1) using ldqs and udqs. b3,f3 udm,ldm (input data mask) dm is an input mask si gnal for write data. input data is masked when dm is sampled high coincident with that input data during a write access. dm is sampled on both edges of dqs. although dm pins are input only, the dm loading matches the dq and dqs loading. g8,g2,h7,h3, h1,h9,f1,f9, c8,c2,d7,d3, d1, d9,b1,b9 dq0~15 (data input/output) data inputs and outputs are on the same pin. a1,e1,j9,m9, r1/ a3,e3,j3, n1,p9 vdd/vss (power supply/ground) vdd and vss are power supply for internal circuits. a9,c1,c3,c7, c9,e9,g1,g3, g7,g9/a7,b2, b8,d2,d8,e7, f2,f8,h2,h8 vddq/vssq (dq power supply/dq ground) vddq and vssq are power supply for the output buffers. j1/j7 vddl/vssdl (dll power supply/dll ground) vddl and vssdl are power supply for dll circuits j2 vref (reference voltage) sstl_1.8 reference voltage a2,e2,r3, r7, r8 nc (no connection) no internal electrical connection is present.
em44cm1688lbb nov. 2010 7/29 www.eorex.com absolute maximum rating symbol item rating units v in , v out input, output voltage -0.5 ~ +2.3 v v dd power supply voltage -1.0 ~ +2.3 v v ddq power supply voltage -0.5 ~ +2.3 v v ddl dll power supply voltage -0.5 ~ +2.3 v t op operating temperature range commercial 0 ~ +70 c t stg storage temperature range -55 ~ +100 c p d power dissipation 1 w note: caution exposing the device to stress above those listed in absolute maximum ratings could cause permanent damage. the device is not meant to be operated under conditions outside the limits described in the operational section of this specification. exposure to absolute maximum rating conditions for exte nded periods may affect device reliability. capacitance (v cc =1.8v 0.1v, f=1mhz, t a =25c) symbol parameter min. typ. max. units c ck input capacitance of ck,/ck 1.0 - 2.0 pf cd ck input capacitance delta of ck, /ck - - 0.25 pf ddr2-800 1.0 - 1.75 c i input capacitance for others: cke, address, /cs, /ras, /cas, /we ddr2-667 1.0 - 2.0 pf cd i input capacitance delta for others - - 0.25 pf c io input/output capacitance dq, dm, dqs, dqs, rdqs, rdqs 2.5 - 3.5 pf cd io input/output capacitance delta - - 0.5 pf recommended dc operating conditions (t a =-0c ~+70c) symbol parameter min. typ. max. units v dd power supply voltage 1.7 1.8 1.9 v v ddl power supply for dll voltage 1.7 1.8 1.9 v v ddq power supply for i/o voltage 1.7 1.8 1.9 v v ref i/o reference voltage 0.49 v ddq 0.50v ddq 0.51 v ddq v v tt i/o termination voltage v ref -0.04 v ref v ref +0.04 v v id dc differential input voltage -0.3 - v ref -0.15 v v ih input logic high voltage v ref +0.125 - v ddq +0.3 v v il input logic low voltage -0.3 - v ref -0.125 v
em44cm1688lbb nov. 2010 8/29 www.eorex.com recommended dc operating conditions (v dd =1.8v0.2v, t a =0c ~ 70c) -25(800) -3(667) symbol parameter test conditions max units i dd1 operating current (note 1) iout = 0ma bl = 4, cl = cl(idd), al = 0 tck = tck(idd), trc = trc (idd) tras = trasmin(idd), trcd = trcd(idd) cke=high cs=high between valid commands address bus inputs are switching data pattern is same as idd4w 130 120 ma i dd2p precharge standby current in power down mode all banks idle tck = tck(idd), cke is low other control and address bus inputs are stable data bus inputs are floating 10 10 ma i dd2n precharge standby current in non-power down mode all banks idle all banks idle tck = tck(idd), cke is high, cs is high other control and address bus inputs are switching data bus inputs are switching 40 35 ma i dd3p active standby current in power down mode (a12=0) all banks open tck = tck(idd), cke is low other control and address bus inputs are stable data bus inputs are floating 35 35 ma i dd3p active standby current in power down mode (a12=1) 20 20 ma i dd3n active standby current in non-power down mode all banks open tck = tck(idd), tras = trasmax(idd) trp = trp(idd), cke is high cs is high between valid commands other control and address bus inputs are switching data bus inputs are switching 90 80 ma i dd4w 200 175 i dd4r operating current (burst mode) (note 2) all banks open, continuous burst writes bl = 4, cl = cl(idd), al = 0 tck = tck(idd), tras = trasmax(idd) trp = trp(idd), cke is high cs is high between valid commands address bus inputs are switching data bus inputs are switching 200 175 ma i dd5 refresh current (note 3) tck = tck(idd) refresh command at every trfc(idd) interval cke is high, cs is high between valid commands other control and address bus inputs are switching data bus inputs are switching 290 280 ma i dd6 self refresh current ck and ck at 0 v, cke 0.2 v other control and address bus inputs are floating data bus inputs are floating 10 10 ma i dd7 operating current all bank interleaving reads iout = 0ma, bl = 4, cl = cl(idd) al = trcd(idd) - 1 x tck(idd) tck = tck(idd), trc = trc(idd) trrd = trrd(idd), tfaw = tfaw(idd) trcd = 1 x tck(idd), cke is high cs is high between valid commands address bus inputs are stable during deselects data pattern is same as idd4r 350 310 ma *all voltages referenced to vss.
em44cm1688lbb nov. 2010 9/29 www.eorex.com note 1: i dd1 depends on output loading and cycle rates . (cl=clmin, al=0) note 2: i dd4 depends on output loading and cycle rates . input signals switching note 3: min. of t rfc (auto refresh row cycle times) is shown at ac characteristics. recommended dc operating conditions (continued) symbol parameter test conditions min. max. units voh high level output voltage *note5 v tt +0.603 v vol low level output voltage *note5 v tt -0.603 v i li input leakage current - - 2 a i lo output leakage current - - 5 a ioh output minimum source current *note2, 4, 5 -13.4 ma iol output minimum sink current *note3, 4, 5 +13.4 ma note1: the vddq of the device under test is referenced note2: vddq=1.7v, vout=1.42v note3: vddq=1.7v, vout=0.28v note4: the dc value of vref applied to the receiving device is expected to be set to vtt note5: after ocd calibration to 18 ? at tc=25 , vdd=vddq=1.8v
em44cm1688lbb nov. 2010 10/29 www.eorex.com block diagram row add. buffer row decoder address register auto/ self refresh counter memory array s/ a & i/ o gating col. decoder col. add. buffer mode register set col add. counter burst counter dqm control data in data out dio a0 a1 a2 a3 a4 a5 a6 a7 a8 a9 a10 a11 a12 ba0 ba1 timing register clk cke /cs / ras / cas /we dm dm /clk dqs dqs receiver write fifo driver dqs generator dll clk, /clk clk, /clk
em44cm1688lbb nov. 2010 11/29 www.eorex.com ocd default setting table parameter min. typ. max. units output impedance 12.6 18 23.4 ? pull-up / pull-down mismatch 0 - 4 ? output slew rate 1.5 - 5.0 v/ns ac operating test conditions (v dd =1.8v0.1v, t a =0c ~70c) symbol parameter value units v swing (max.) input signal maximum peak to peak swing 1.0 v slew input signal minimum slew rate 1.0 v/ns v ref input reference level 0.5*v ddq v ac operating test conditions symbol parameter min. max. units v id ac differential input voltage 0.5 v ddq +0.6 v v ix ac differential cross point input voltage 0.5*v ddq -0.175 0.5*v ddq +0.175 v v ox ac differential cross point output voltage 0.5*v ddq -0.125 0.5*v ddq +0.125 v v ih input logic high voltage (ddr2-533) v ref +0.25 v ddq +v peak v v ih input logic high voltage (ddr2-667/800) v ref +0.25 v ddq +v peak v v il input logic high voltage (ddr2-533) v ssq -v peak v ref -0.25 v v il input logic high voltage (ddr2-667/800) v ssq -v peak v ref -0.25 v
em44cm1688lbb nov. 2010 12/29 www.eorex.com ac operating test characteristics (v dd =1.8v0.1v, t a =0c ~70c) -25 (ddr2-800) -3 (ddr2-667) units symbol parameter min. max. min. max. t ac dq output access from clk,/clk -0.40 0.40 -0.45 0.45 ns t dqsck dqs output access from clk,/clk -0.35 0.35 -0.40 0.40 ns t cl ,t ch cl low/high level width 0.48 0.52 0.48 0.52 t ck t ck clock cycle time cl=5, speed= -25/-3 2.5 8 3 8 ns t ds dq and dm setup time 0.05 - 0.10 - ns t dh dq and dm hold time 0.125 - 0.175 - ns t dipw dq and dm input pulse width for each input 0.35 - 0.35 - ns t hz data out high impedance time from clk,/clk - t ac (max) - t ac (max) ns t lz (dq) dq low impedance time from clk,/clk 2*t ac (min) t ac (max) 2*t ac (min) t ac (max) ns t lz (dqs) dqs,/dqs low impedance time from clk,/clk t ac (min) t ac (max) t ac (min) t ac (max) ns t dqsq dqs-dq skew for associated dq signal - 0.20 - 0.24 ns t qhs data hold skew factor - 0.30 - 0.34 ns t dqss write command to first latching dqs transition -0.25 0.25 -0.25 0.25 t ck t dqsl ,t dqsh dqs low/high input pulse width 0.35 - 0.35 - t ck t dsl ,t dsh dqs input valid window 0.20 - 0.20 - t ck t mrd mode register set command cycle time 2 - 2 - t ck t wpres write preamble setup time 0 - 0 - ns t wpre write preamble 0.35 - 0.35 - t ck t wpst write postamble 0.4 0.6 0.4 0.6 t ck t is address/control input setup time (fast slew rate) 0.175 - 0.20 - ns t ih address/control input hold time (fast slew rate) 0.25 - 0.275 - ns t rpre read preamble 0.9 1.1 0.9 1.1 t ck
em44cm1688lbb nov. 2010 13/29 www.eorex.com ac operating test char acteristics (continued) (vdd=1.8v0.1v, ta=0c ~70c) -25 (ddr2-800) -3 (ddr2-667) symbol parameter min. max. min. max. units t rpst read postamble 0.4 0.6 0.4 0.6 t ck t ras active to precharge command period 45 70k 45 70k ns t rc active to active command period 57.5 - 60 - ns t rfc auto refresh row cycle time 127.5 - 127.5 - ns t rcd active to read or write delay 12.5 - 15 - ns t rp precharge command period 12.5 - 15 - ns t rrd active bank a to b command period 10 - 10 - ns t ccd column address to column address delay 2 - 2 - t ck t wr write recover time 15 - 15 - ns t dal auto precharge write recovery + precharge time t rp + t wr - t rp + t wr - ns t xard exit active power-down mode to read command (fast exit) 2 - 2 - t ck t xards exit active power-down mode to read command (slow exit) 8-al - 7-al - t ck t xp exit precharge power-down to any non-read command 2 - 2 - t ck t wtr internal write to read command delay 7.5 - 7.5 - ns t rtp internal read to precharge delay 7.5 - 7.5 - ns t xsnr exit self refresh to non-read command t rfc +10 - t rfc +10 - ns t xsrd exit self refresh to read command 200 - 200 - t ck t refi average periodic refresh interval - 7.8 - 7.8 us t cke cke minimum pulse width 3 - 3 - t ck t faw four active to row active delay (same bank) 45 50 ns t oit ocd drive mode output delay 0 12 0 12 ns
em44cm1688lbb nov. 2010 14/29 www.eorex.com ac operating test char acteristics (continued) (vdd=1.8v0.1v, ta=0c ~70c) speed 667/800 symbol parameter min. max. units t aond odt turn-on delay 2 2 t ck t aofd odt turn-off delay 2.5 2.5 t ck t aon odt turn-on (note1) t ac(min.) t ac(max) +0.7 ns t aof odt turn-off (note2) t ac(min.) t ac(max) +0.6 ns t aonpd odt turn-on in power-down mode t ac(min.) +2 2*t ck + t ac(max) +1 ns t aofpd odt turn-off in power-down mode t ac(min.) +2 2.5*t ck + t ac(max) +1 t ck t anpd odt to power-down mode entry latency 3 - t ck t axpd odt power-down exit latency 8 - t ck note 1: odt turn on time min is when the device leaves high impedance and odt resistance begins to turn on. odt turn on time max is when the odt resistance is fully on. both are measure from t aond . note 2: odt turn off time min is when the device starts to turn off odt resistance odt turn off time max is when the bus is in high impedance. both are measured from t aofd .
em44cm1688lbb nov. 2010 15/29 www.eorex.com simplified state diagram
em44cm1688lbb nov. 2010 16/29 www.eorex.com 1. command truth table cke command symbol n-1 n /cs /ras /cas /we ba0 ~ ba2 a10 a12~a0 device deselect desl h x h x x x x x x no operation nop h x l h h h x x x read read h h l h l h v l v read with auto pre-charge reada h h l h l h v h v write writ h h l h l l v l v write with auto pre-charge writa h h l h l l v h v bank activate act h h l l h h v v v pre-charge select bank pre h h l l h l v l x pre-charge all banks pall h h l l h l x h x (ext.) mode register set emrs h h l l l l v* v v auto refresh ref h h l l l h x x x self refresh entry self h l l l l h x x x h l h x x x x x x power down entry pden h l l h h h x x x l h h x x x x x x power down exit pdex l h l h h h x x x h = high level, l = low level, x = high or low level (don't care), v = valid data input * please refers to the mrs, emrs(1) & emrs(2) setting 2. cke truth table cke item command symbol n-1 n /cs /ras /cas /we addr. any state *note1 - h h v v v v v all bank idle self refresh entry self h l l l l h x nop l h l h h h x self refresh self refresh exit desl l h h x x x x desl h l h x x x x all bank idle active or precharge power down entry nop h l l h h h x desl l h h x x x x power down power down exit nop l h l h h h x power down maintain power down - l l x x x x x self refresh maintain self refresh - l l x x x x x h = high level, l = low level, x = high or low level (don't care) note1: must be legal commands as defined in the command truth table. and any state other than list above.
em44cm1688lbb nov. 2010 17/29 www.eorex.com 3. operative command table current state /cs /r /c /w addr. command action h x x x x desl nop l h h h x nop nop l h l h ba/ca/a10 read/reada illegal (note 1) l h l l ba/ca/a10 writ/writa illegal (note 1) idle l l h h ba/ra act bank active,latch ra l l h l ba, a10 pre/prea nop (note 3) l l l h x ref/self auto/self refresh (note 4) l l l l op-code, mode-add mrs/emrs(1)(2) mode register h x x x x desl nop l h h h x nop nop l h l h ba/ca/a10 read/reada begin read,latch ca, determine auto-precharge l h l l ba/ca/a10 writ/writa begin write,latch ca, determine auto-precharge bank active l l h h ba/ra act illegal (note 1) l l h l ba/a10 pre/prea precharge/precharge all l l l h x ref/self illegal (note 1) l l l l op-code, mode-add mrs/emrs(1)(2) illegal (note 1) h x x x x desl row active(continue burst to end) l h h h x nop row active(continue burst to end) l h l h ba/ca/a10 read/reada burst interrupt read l h l l ba/ca/a10 writ/writa illegal (note 1) l l h h ba/ra act illegal (note 1) l l h l ba, a10 pre/prea illegal (note 1) l l l h x ref/self illegal (note 1) l l l l op-code, mode-add mrs/emrs(1)(2) illegal (note 1) h x x x x desl write recovering (continue burst to end) l h h h x nop write recovering (continue burst to end) l h l h ba/ca/a10 read/reada illegal (note 1) l h l l ba/ca/a10 writ/writa burst interrupt l l h h ba/ra act illegal (note 1) l l h l ba, a10 pre/prea illegal (note 1) l l l h x ref/self illegal (note 1) write l l l l op-code, mrs/emrs(1)(2) illegal (note 1)
em44cm1688lbb nov. 2010 18/29 www.eorex.com 3. operative command table (continued) current state /cs /r /c /w addr. command action h x x x x desl precharging (continue burst to end) l h h h x nop precharging (continue burst to end) l h l h ba/ca/a10 read/reada illegal (note 1) l h l l ba/ca/a10 writ/writa illegal (note 1) l l h h ba/a10 act illegal (note 1) l l h l ba/a10 pre/prea illegal (note 1) l l l h x ref/self illegal (note 1) read with ap l l l l op-code, mode-add mrs/emrs(1)(2) illegal (note 1) h x x x x desl write recover with auto precharge (continue burst to end) l h h h x nop write recover with auto precharge (continue burst to end) l h l h ba/ca/a10 read/reada illegal (note 1) l h l l ba/ca/a10 writ/writa illegal (note 1) l l h h ba/ra act illegal (note 1) l l h l ba/a10 pre/prea illegal (note 1) l l l h x ref/self illegal (note 1) write with ap l l l l op-code, mode-add mrs/emrs(1)(2) illegal (note 1) h x x x x desl nop(idle after trp) l h h h x nop nop(idle after trp) l h l h ba/ca/a10 read/reada illegal (note 1) l h l l ba/ca/a10 writ/writa illegal (note 1) l l h h ba/ra act illegal (note 1) l l h l ba/a10 pre/prea nop(idle after trp) (note 3) l l l h x ref/self illegal (note 1) pre-charging l l l l op-code, mode-add mrs/emrs(1)(2) illegal (note 1) h x x x x desl nop(row active after trcd) l h h h x nop nop(row active after trcd) l h l h ba/ca/a10 read/reada illegal (note 1) l h l l ba/ca/a10 writ/writa illegal (note 1) l l h h ba/ra act illegal (note 1) l l h l ba/a10 pre/prea illegal (note 1) l l l h x ref/self illegal (note 1) row activating l l l l op-code, mode-add mrs/emrs(1)(2) illegal (note 1) h = high level, l = low level, x = high or low level (don't care), ap = auto pre-charge
em44cm1688lbb nov. 2010 19/29 www.eorex.com 3. operative command table (continued) current state /cs /r /c /w addr. command action h x x x x desl nop (enter bank active after twr) l h h h x nop nop (enter bank active after twr) l h l h ba/ca/a10 read illegal (note 1) write l h l l ba/ca/a10 writ/writa new write, determine ap l l h h ba/ra act illegal (note 1) l l h l ba/a10 pre/prea illegal (note 1) l l l h x ref/self illegal (note 1) recovering l l l l op-code, mode-add mrs/emrs(1)(2) illegal (note 1) h x x x x desl nop(idle after t rfc ) l h h h x nop nop(idle after t rfc ) l h l h ba/ca/a10 read/reada illegal (note 1) l h l l ba/ca/a10 writ/writa illegal (note 1) l l h h ba/ra act illegal (note 1) l l h l ba/a10 pre/prea illegal (note 1) l l l h x ref/self illegal (note 1) refreshing l l l l op-code, mode-add mrs/emrs(1)(2) illegal (note 1) h = high level, l = low level, x = high or low level (don't care), ap = auto pre-charge note 1: illegal to bank in specified states; function may be legal in the bank indica ted by bank address (ba), depending on the state of that bank. note 2: must satisfy bus contention, bus turn ar ound, and/or write recovery requirements. note 3: nop to bank precharging or in idle st ate.may precharge bank indicated by ba. note 4: illegal of any bank is not idle.
em44cm1688lbb nov. 2010 20/29 www.eorex.com 4. command truth table for cke current state c ke /cs /r /c /w addr. action h x x x x x x invalid l h h x x x x exist self-refresh l h l h h h x exist self-refresh self refresh l h l h h l x illegal l h l h l x x illegal l h l l x x x illegal l l x x x x x nop(maintain self refresh) h x x x x x x invalid l h h x x x x exist power down both bank l h l h h h x exist power down precharge l h l h h l x illegal power down l h l h l x x illegal l h l l x x x illegal l l x x x x x nop(maintain power down) h h x x x x x refer to function true table h l h x x x x enter power down mode (note 3) h l l h h h x enter power down mode (note 3) h l l h h l x illegal all banks idle h l l h l x x illegal h l l l h h ra row active/bank active h l l l l h x enter self-refresh (note 3) h l l l l l op-code mode register access h l l l l l op-code special mode register access l x x x x x x refer to current state any state other than listed above h h x x x x x refer to command truth table h = high level, l = low level, x = high or low level (don't care) notes 1: after cke?s low to high transition to exist self refresh mode.and a time of t rc (min) has to be elapse after cke?s low to high transition to issue a new command. notes 2: cke low to high transition is asynchronous as if restarts internal clock. notes 3: power down and self refresh can be entered only from the idle state of all banks. 5. bank selection signal table bank\signal ba0 ba1 ba2 bank0 l l l bank1 h l l bank2 l h l bank3 h h l bank4 l l h bank5 h l h bank6 l h h bank7 h h h note: h:vih, l:vil
em44cm1688lbb nov. 2010 21/29 www.eorex.com initialization the following sequence is required for power-up and initialization and is shown in below figure: 1. apply power and attempt to maintain cke below 0.2 * vddq and odt at a low state (all other inputs may be undefined). to guarantee odt off, vref must be valid and a low level must be applied to the odt pin. - vdd, vddl and vddq are driven from a single power converter output, and vtt is limited to 0.95 v max, and vref tracks vddq/2 or - apply vdd before or at the same time as vddl; apply vddl before or at the same time as vddq; - apply vddq before or at the same time as vtt & vref. at least one of these two sets of conditions must be met. 2. start clock (ck, /ck) and maintain stable power and clock condition for a minimum of 200 s. 3. apply nop or deselect commands & take cke high. 4. wait minimum of 400ns, then issue a precharge-all command. 5. issue reserved command emrs(2) or emrs(3). 6. issue emrs(1) command to enable dll. (a0=0 and ba0=1 and ba1=0) 7. issue mrs command (mode register set) for "dll reset". (a8=1 and ba0=ba1=0) 8. issue precharge-all command. 9. issue 2 or more auto-refresh commands. 10. issue a mrs command with low on a8 to initialize device operation. (without resetting the dll) 11. at least 200 clocks after step 8, execute ocd calibration (off chip driver impedance adjustment). if ocd calibration is not used, emrs ocd default command (a9=a8=a7=1) followed by emrs(1) ocd calibration mode exit command (a9=a8=a7=0) must be issued with other parameters of emrs(1). 12. the ddr2 sdram is now initializ ed and ready for normal operation.
em44cm1688lbb nov. 2010 22/29 www.eorex.com mode register definition mode register set the mode register stores the data for controlling the various operating modes of ddr2 sdram which contains addressing mode, burst length, /cas latency, wr (write recovery), test mode, dll reset and various vendor?s specific opinions. the defaults value of the register is not defined, so the mode register must be written after power up for proper ddr2 sdram operation. the mode register is written by asserting low on /cs, /ras, /cas, /we and ba0/1. the state of the address pins a0-a12 in the same cycle as /cs, /ras, /cas, /we and ba0/1 going low is written in the mode register. two clock cycles are requested to complete the write operation in the mode register. the mode register contents can be changed using the same command and clock cycle requirements during operating as long as all banks are in the idle state. the mode register is divided into various fields depending on functionality. the burst length uses a0-a2, addressing mode uses a3, /cas latency (read latency from column address) uses a4-a6. a7 is used for test mode. a8 is used for ddr reset. a9 ~ a11 are used for write recovery time (wr), a7 must be set to low for normal mrs operation. with address bit a12 two power-down modes can be selected, a ?standard mode? and a ?low-power? power-down mode.
em44cm1688lbb nov. 2010 23/29 www.eorex.com address input for mode register set 0 ba2 burst length bt cas latency tm dll wr pd 0 0 a0 a1 a2 a3 a4 a5 a6 a7 a8 a9 a10 a11 a12 ba0 ba1 1 1 0 8 0 1 0 4 a0 a1 a2 burst 1 interleave 0 sequential a3 burst type 1 1 1 reserved 0 1 1 reserved 1 0 1 5 0 0 1 reserved 1 1 0 reserved 0 1 0 reserved 1 0 0 reserved 0 0 0 reserved a4 a5 a6 cas latency 1 test 0 normal a7 mode 1 yes 0 no a8 dll rest 1 slow exit 0 fast exit a12 active power down exit time 1 1 1 8 0 1 1 7 1 0 1 6 0 0 1 5 1 1 0 4 0 1 0 3 1 0 0 2 0 0 0 reserved a9 a10 a11 write recovery 1 1 emrs(3) reserved 0 1 emrs(2) 1 0 emrs(1) 0 0 mrs ba0 ba1 mrs mode 0 ba2 burst length bt cas latency tm dll wr pd 0 0 a0 a1 a2 a3 a4 a5 a6 a7 a8 a9 a10 a11 a12 ba0 ba1 1 1 0 8 0 1 0 4 a0 a1 a2 burst 1 interleave 0 sequential a3 burst type 1 1 1 reserved 0 1 1 reserved 1 0 1 5 0 0 1 reserved 1 1 0 reserved 0 1 0 reserved 1 0 0 reserved 0 0 0 reserved a4 a5 a6 cas latency 1 test 0 normal a7 mode 1 yes 0 no a8 dll rest 1 slow exit 0 fast exit a12 active power down exit time 1 1 1 8 0 1 1 7 1 0 1 6 0 0 1 5 1 1 0 4 0 1 0 3 1 0 0 2 0 0 0 reserved a9 a10 a11 write recovery 1 1 emrs(3) reserved 0 1 emrs(2) 1 0 emrs(1) 0 0 mrs ba0 ba1 mrs mode
em44cm1688lbb nov. 2010 24/29 www.eorex.com burst type (a3) burst length a2 a1 a0 sequential addressing interleave addressing x 0 0 0 1 2 3 0 1 2 3 x 0 1 1 2 3 0 1 0 3 2 x 1 0 2 3 0 1 2 3 0 1 4 x 1 1 3 0 1 2 3 2 1 0 0 0 0 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 0 1 1 2 3 4 5 6 7 0 1 0 3 2 5 4 7 6 0 1 0 2 3 4 5 6 7 0 1 2 3 0 1 6 7 4 5 0 1 1 3 4 5 6 7 0 1 2 3 2 1 0 7 6 5 4 1 0 0 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 1 0 1 5 6 7 0 1 2 3 4 5 4 7 6 1 0 3 2 1 1 0 6 7 0 1 2 3 4 5 6 7 4 5 2 3 0 1 8 1 1 1 7 0 1 2 3 4 5 6 7 6 5 4 3 2 1 0 *page length is a function of i/o organization and column addressing write recovery wr (write recovery) is for writes with auto-precharge only and defines the time when the device starts pre-charge internally. wr must be programmed to match the minimum requirement for the analogue t wr timing. power-down mode active power-down (pd) mode is defined by bit a12. pd mode allows the user to determine the active power-down mode, which determines performance vs. power savings. pd mode bit a12 does not apply to precharge power-down mode. when bit a12 = 0, standard active power-down mode or ?fast-exit? active power-down mode is enabled. the t xard parameter is used for ?fast-exit? active power-down exit timing. the dll is expected to be enabled and running during this mode. when bit m12 = 1, a lower power active power-down mode or ?slow-exit? active power-down mode is enabled. the t xards parameter is used for ?slow-exit? active power-down exit timing. the dll can be enabled, but ?frozen? during active power-down mode since the exit-to-read command timing is relaxed. the power difference expected between pd ?normal? and pd ?low-power? mode is defined in the idd table.
em44cm1688lbb nov. 2010 25/29 www.eorex.com extended mode register set emrs(1 ) the emrs (1) is written by asserting low on /cs, /ras, /cas, /we,ba1 and high on ba0 ( the ddr2 should be in all bank pre-charge with cke already prior to writing into the extended mode register. ) the extended mode register emrs(1) stores the data for enabling or disabling the dll, output driver strength, additive latency, ocd program, odt, dqs and output buffers disable, rqds and rdqs enable. the default value of the extended mode register emrs(1) is not defined, therefore the extended mode register must be written after power-up for proper operation. the mode register set command cycle time (t mrd ) must be satisfied to complete the write operation to the emrs(1). mode register contents can be changed using the same command and clock cycle requirements during normal operation when all banks are in pre-charge state. dll d.i.c. rtt additive latency rtt ocd program /dqs rdqs qoff 1 0 0 ba2 a0 a1 a2 a3 a4 a5 a6 a7 a8 a9 a10 a11 a12 ba0 ba1 1 1 50 ohm 0 1 150 ohm 1 0 75 ohm 0 0 odt disable a2 a6 rtt 1 weak (60%) 0 normal (100%) a1 output driver impedance control 1 1 1 reserved 0 1 1 6 1 0 1 5 0 0 1 4 1 1 0 3 0 1 0 2 1 0 0 1 0 0 0 0 a3 a4 a5 additive latency 1 disable 0 enable a10 /dqs 1 enable 0 disable a11 rdqs enable 1 disabled 0 enabled a12 qoff (output buffer) 1 1 1 ocd calibration default (*2) 0 0 1 adjust mode (*1) 0 1 0 drive (0) 1 0 0 drive (1) 0 0 0 ocd calibration mode exit a7 a8 a9 ocd calibration program 1 1 emrs(3) reserved 0 1 emrs(2) 1 0 emrs(1) 0 0 mrs ba0 ba1 mrs mode 1 disable 0 enable a0 dll *1: when adjust mode is issued, al from previously set value must be applied. *2: after setting to default, ocd mode needs to be exited by setting a9-a7 to 000. refer to the section off-chip driver (ocd) impedance adjustment for detail information dll d.i.c. rtt additive latency rtt ocd program /dqs rdqs qoff 1 0 0 ba2 a0 a1 a2 a3 a4 a5 a6 a7 a8 a9 a10 a11 a12 ba0 ba1 1 1 50 ohm 0 1 150 ohm 1 0 75 ohm 0 0 odt disable a2 a6 rtt 1 weak (60%) 0 normal (100%) a1 output driver impedance control 1 1 1 reserved 0 1 1 6 1 0 1 5 0 0 1 4 1 1 0 3 0 1 0 2 1 0 0 1 0 0 0 0 a3 a4 a5 additive latency 1 disable 0 enable a10 /dqs 1 enable 0 disable a11 rdqs enable 1 disabled 0 enabled a12 qoff (output buffer) 1 1 1 ocd calibration default (*2) 0 0 1 adjust mode (*1) 0 1 0 drive (0) 1 0 0 drive (1) 0 0 0 ocd calibration mode exit a7 a8 a9 ocd calibration program 1 1 emrs(3) reserved 0 1 emrs(2) 1 0 emrs(1) 0 0 mrs ba0 ba1 mrs mode 1 disable 0 enable a0 dll *1: when adjust mode is issued, al from previously set value must be applied. *2: after setting to default, ocd mode needs to be exited by setting a9-a7 to 000. refer to the section off-chip driver (ocd) impedance adjustment for detail information
em44cm1688lbb nov. 2010 26/29 www.eorex.com output drive strength the output drive strength is defined by bit a1. normal drive strength outputs are specified to be sstl_18. programming bit a1 = 0 selects normal (100 %) drive strength for all outputs. programming bit a1 = 1 will reduce all outputs to approximately 60 % of the sstl_18 drive strength. this option is intended for the support of the lighter load and/or point-to-point environments. single-ended and differentia l data strobe signals emrs strobe function matrix signals a11 (/rdqs enable) a10 (/dqs enable) rdqs dm /rdqs dqs /dqs 0 (disable) 0 (enable) dm hi-z dqs /dqs differential dqs signal 0 (disable) 1 (disable) dm hi-z dqs hi-z single-ended dqs signal 1 (enable) 0 (enable) rdqs /rdqs dqs /dqs differential dqs signal 1 (enable) 1 (disable) rdqs hi-z dqs hi-z single-ended dqs signal output disable (qoff) under normal operation, the dram outputs are enabled during read operation for driving data qoff bit in the emrs(1) is set to (0). when the qoff bit is set to 1, the dram outputs will be disabled. disabling the dram outputs allows users to measure idd currents during read operations, without including the output buffer current.
em44cm1688lbb nov. 2010 27/29 www.eorex.com address input for extended m ode register set emrs(2) pasr[2-0] 0 0 0 0 0 0 0 0 0 0 1 0 ba2 a0 a1 a2 a3 a4 a5 a6 a7 a8 a9 a10 a11 a12 ba0 ba1 1 industrial temperature option: use if tc exceeds 85 0 commercial temperaturedefault a7 high temperature self refresh rate enable 1 1 1 1/8 array (banks 7) 0 1 1 1/4 array (banks 6,7) 1 0 1 1/2 array (banks 4,5,6,7) 0 0 1 3/4 array (banks 2,3,4,5,6,7) 1 1 0 1/8 array (bank 0) 0 1 0 1/4 array (banks 0,1) 1 0 0 1/2 array (banks 0,1,2,3) 0 0 0 full array a0 a1 a2 active section 1 1 emrs(3) reserved 0 1 emrs(2) 1 0 emrs(1) 0 0 mrs ba0 ba1 mrs mode 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 ba2 a0 a1 a2 a3 a4 a5 a6 a7 a8 a9 a10 a11 a12 ba0 ba1 emrs (3) programming: reserved pasr[2-0] 0 0 0 0 0 0 0 0 0 0 1 0 ba2 a0 a1 a2 a3 a4 a5 a6 a7 a8 a9 a10 a11 a12 ba0 ba1 1 industrial temperature option: use if tc exceeds 85 0 commercial temperaturedefault a7 high temperature self refresh rate enable 1 1 1 1/8 array (banks 7) 0 1 1 1/4 array (banks 6,7) 1 0 1 1/2 array (banks 4,5,6,7) 0 0 1 3/4 array (banks 2,3,4,5,6,7) 1 1 0 1/8 array (bank 0) 0 1 0 1/4 array (banks 0,1) 1 0 0 1/2 array (banks 0,1,2,3) 0 0 0 full array a0 a1 a2 active section 1 1 emrs(3) reserved 0 1 emrs(2) 1 0 emrs(1) 0 0 mrs ba0 ba1 mrs mode 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 ba2 a0 a1 a2 a3 a4 a5 a6 a7 a8 a9 a10 a11 a12 ba0 ba1 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 ba2 a0 a1 a2 a3 a4 a5 a6 a7 a8 a9 a10 a11 a12 ba0 ba1 emrs (3) programming: reserved
em44cm1688lbb nov. 2010 28/29 www.eorex.com on-die termination (odt) odt (on-die termination) is a new feature on ddr2 components that allows a dram to turn on/off termination resistance for each udq, ldq, udqs, udqs, ldqs, ldqs, udm and ldm signal via the odt control pin for x16 configuration, where udqs and ldqs are terminated only when enabled in the emrs(1) by address bit a10 = 0. the odt feature is designed to improve signal integrity of the memory channel by allowing the dram controller to independently turn on/off termination resistance for any or all dram devices. the odt function can be used for all active and standby modes. odt is turned off and not supported in self- refresh mode. odt function switch sw1 or sw2 is enabled by the odt pin. selection between sw1 or sw2 is determined by ?rtt (nominal)? in emrs(1) address bits a6 & a2. target rtt = 0.5 * rval1 or 0.5 * rval2. the odt pin will be ignored if the emrs(1) is programmed to disable odt.
em44cm1688lbb nov. 2010 29/29 www.eorex.com package description: 84ball-fbga solder ball: lead free (sn-ag-cu) a b c d e f g h j k l m n p r 9 8 7 6 5 4 3 2 1 6.40 unit: mm 0.80 12.5 0.1 a1 8.0 0.1 11.2 5.6 0.05 1.6 1.18 max 0.45 0.05 0.1 max 0.32 0.05 0.80


▲Up To Search▲   

 
Price & Availability of EM44CM1688LBB-3F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X