Part Number Hot Search : 
XMG16 1N4148 PIC16C TC186 20C1X 18N50 WGXXX APM9968C
Product Description
Full Text Search
 

To Download CX93610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the CX93610 is a monolithic mixed signal application-specific standard product (assp) designed for low cost and low power motion detection surveillance camera applications, as well as home monitoring/remote monitoring applications. used with an external cmos image sensor, the CX93610 offers a variety of specialized jpeg encoding techniques to highly compress and save image data in an internal 512kb/256kb frame buffer. an optional 2:1 and 4:1 scaler is available for image re-sizing. in addition, a 4:2:0 sub-sampling conversion is available to further reduce image file sizes. with a microphone input and programmable allocated buffering, a 2- or 4-bit adpcm audio session can be recorded simultaneously during image captures. the stored images and audio data are then passed on to an external microprocessor for uploading to a desired medium. the CX93610 is controlled through a simple register set via the microprocessor interface, and the variety of available interfaces (serial peripheral interface [spi], uart, and i 2 c) allow for wide flexibility in microprocessor select ion. with both digital and analog photocell sensor inputs available, the CX93610 can facilitate the measurement of ambient light and use an on-chip led driver to control an external infrared led during low-light conditions. with low cost, low power, and high image compression capability, the CX93610 is ideally suited for security and monitoring applications. CX93610 dift jpeg encoder with a 656 camera interface and optional microphone input part number CX93610 description dift jpeg encoder with a 656 camera interface and optional microphone input applications ? pir sensor with video ? video intercom/door phone ? baby monitor applications ? remote home monitoring ? low-end surveillance camera key features benefits integrated mixed-signal design for analog-to- digital image processing no external components required for image conversion on-chip 512kb/256kb frame buffer no external ram required supports enhanced jpeg compression techniques and >1mp cmos sensors and processes both color and black and white images provides excellent image processing up to 30 fps dift encoded jpeg reduces file sizes by up to 99 percent faster transfer time and longer battery life low sleep mode power - 10na and low operating power (target <15ma) longer battery life and energy-efficient design generates less heat. frame by frame motion detection with programmable thresholds enhances monitoring by alerting host of activity integrated analog components (adcs, lcd driver) no analog components required i 2 c, spi, and uart interfaces for flexible connectivity allows for wide selection of microprocessors register-driven device simple operation, no cpu optional microphone input records audio session simultaneously during image captures provides complete a/v solution with flexible frame buffer for audio and video data storage
distributor/representative information CX93610 features 6 5 6 v ba t gpios CX93610 registers cmos sensor soc 54/48 mhz crystal/clock microphone analog photo sensor optional dc/dc conversion host processor motion sensor ir leds digital photocell sensor host/status i2c m led out pd pd mem i2cs spi uart frame buffer 512k/ 256k jpeg scaler i2c m sccb xtal clk mic in adc in 1 sensor i/0 host i/o dc-dc (vdd/ vrr/vcore) 1v ldo (avdd) vbat_io vbat_dig vbat_ana v bat CX93610 functional block diagram www.conexant.com general information: u.s. and canada: (888) 855-4562 international: 1+ (949) 483-3000 headquarters 4000 macarthur blvd. newport beach, ca 92660 doc# pbr-202885 ? 2011 conexant systems, inc. all rights reserved. conexant and the conexant logo are registered trademarks of conexant systems, inc. all other trademarks are owned by their respective owners. although conexant strives for accuracy in all its publications, this material may contain errors or omissions and is subject to change without notice. this material is provided as is and without any express or implied warranties, including merchant ability, fitness for a particular purpose and non-infringement. conexant shall not be liable for any special, indirect, incidental or consequential damages as a result of its use. operating modes ? visual verification of intruder via image sensor interface ? sxga 1.3mp (1280x1024) and hd (1280x720) - b&w or color @ up to 15 fps (512kb option only) ? d1 (720x480) and vga (640x480) - b&w or color @ up to 30 fps ? up to 5mp (2592x1944) - b&w or color, jpeg still captures (512kb option only) ? resolution scaling of ? or ? (available for input resolutions of 1280x1024 or lower) ? 4:2:2 to 4:2:0 sub-sampling conversion (available for input resolutions of 1280x1024 or lower) ? jpeg & mjpeg image compression (iso/iec 10918-1/2) ? programmable difference threshold encoded jpeg mode (dift) ? differential encoded jpeg mode (diff) ? programmable dct tables for ultimate flexibility in compression and image quality (2 pre-defined tables) ? privacy mode - blurs out image details ? frame by frame motion detection with programmable thresholds ? light detection through luminance measurements with auto ir led control ? continuous streaming and variable image modes ? 512kb/256kb frame buffer for compressed images (no external memory) with programmable audio buffer allocation ? interface to external mp though spi, uart, or i 2 c ? variable ir illumination control port ? a/d for photocell sensor, battery voltage monitor, and microphone inputs ? sleep mode - soc off except frame buffer in retention mode ? integrated dc-dc converter for reduced power consumption interfaces ? sensor i/f ? 8-b 4:2:2 ycbcr with bt-656 embedded timing codes or frame/ line sync support up to 54 mhz, progressive mode ? resolutions: 5mp (2592x1944), 1.3mp sxga (1280x1024), (vga (640x480) & qvga (320x240) ? 54 mhz or 48 mhz clk output with divide-by-two option for 27 mhz or 24 mhz output ? crystal/clock input allowing 54 mhz, 48 mhz, 27 mhz, or 24 mhz. supports fundamental and 3rd overtone crystals ? 2/3 wire control i/f: i 2 c master port or sccb ? 4-wire i 2 c/spi/uart slave port to external mp ? 8 gpio (5 dedicated pins, 3 shared pins) ? ir illumination with variable dac control ? microphone input, mic boost 0-36 db in 6 db steps, 2- and 4- bit adpcm ? dc measurement battery monitor ? photocell sensor input - analog or i 2 c (shared with gpio) ? support for battery operation: 3.6 v to 1.8 v 56-pin emlf/qfn ? -10 o c to +85 o c ambient, ? +100 o c junction ? full industrial temperature version available (-40 o c to +85 o c) ? tbd ma in operational mode ? 10 na in sleep mode


▲Up To Search▲   

 
Price & Availability of CX93610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X