Part Number Hot Search : 
PJ3842B 2SB1243 D6412 LN152 16384 MAX703 SZ5740 GP2A240L
Product Description
Full Text Search
 

To Download CX2016DB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2.0 1.6mm for consumer products crystal units surface mount type CX2016DB rohs compliant features ? crystal unit for consumer products ? ultra-miniature and low profile (2.0 1.6 0.40mm) ? ceramic package ? reflow compatible applications ? digital electronics ? consumer products how to order CX2016DB 27000 series (CX2016DB) frequency load capacitance b0 6 pf d0 8 pf std. frequency stability g 15 10 - 6 std. operating temp. range frequency temp. stability ej - 10 to + 70 c 15 10 - 6 std. individual specification packaging (tape & reel 3000/ 1000 pcs./ reel) table1 motional series resistance frequency range motional series resistance 18000 to 25999khz 150 max. 26000 to 35999khz 80 max. 36000 to 39999khz 60 max. 40000 to 54000khz 50 max. table2 level of drive frequency range level of drive 18000 to 54000khz 10 w (100 w max.) 2.000.10 4?0.100.1 1.600.10 0.150.05 4?0.08 4?0.490.1 connection (top view) gnd 4?r0.1 #4 #3 #1 #1 #4 #2 #4 #3 #1 #2 #2 #3 4?0.570.1 4?0.10 c 0.20 0.400.05 dimensions (unit: mm) 0.8 0.9 0.9 0.5 1.4 0.8 0.3 1.1 recommended land pattern (unit: mm) typical frequencies and part numbers frequency (khz) part number 18000.000 CX2016DB18000d0gejz1 20000.000 CX2016DB20000d0gejz1 24000.000 CX2016DB24000d0gejz1 24576.000 CX2016DB24576d0gejz1 26000.000 CX2016DB26000d0gejz1 27000.000 CX2016DB27000d0gejz1 32000.000 CX2016DB32000d0gejz1 36000.000 CX2016DB36000d0gejz1 37400.000 CX2016DB37400d0gejz1 38400.000 CX2016DB38400d0gejz1 40000.000 CX2016DB40000d0gejz1 48000.000 CX2016DB48000d0gejz1 specifications item symbol specification units remarks series D CX2016DB D frequency range f _nom 18000 to 54000 khz overtone order ot fundamental D load capacitance cl 8 pf frequency stability f _tol 15 10 - 6 25 c 3 c motional series resistance r1 table 1 ohm drive level dl table 2 w operating temp. range t _use - 10 to + 70 c storage temp. range t _stg - 40 to + 85 c frequency temp. characteristics f _tem 15 10 - 6 freq. deviation from the value at 25 c ? please contact us for other specifications.


▲Up To Search▲   

 
Price & Availability of CX2016DB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X