Part Number Hot Search : 
MGF0843G ISL84514 MAXIM ON1484 6EHL1SCM OPB704 20H12 1215Z
Product Description
Full Text Search
 

To Download CRB10102M103J88 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  meritek capacitor/resistor networks cra-crf series (single-in-line, low profile) a pplications ? personal computer ? floppy disk drives ? oa machine ? v.t.r ? seque ntial machine ? ttl, cmos, nmos , rmos interface circuits s pecifications resistor capacitor rated power 0.125w / resistor max. operating voltage 100v dc 25 to 100v range 10 to 1m 10 p f to 0.1f tolerance 1%, 2%, 5% 5% to + 80 / -20% temperature coefficient 100ppm / o c 30 to +350 / - 100ppm/ o c operating temp. range -55 o c to +125 o c p art n umbering s ystem cra 10 102 m 103 j 88 n umber of pins capacit ance value capacitance tolerance resistance value resistance tolerance manufacturer design code m arking cra 10 88 pin no. 1 indicator type d circuits no. of pin manufacturer design code capacitance expressed in p f. first two digits are significant f igures. third digit denotes number of zeros. ex. 101:100 p f 223:22000pf or .022f 104:100000pf or 0.1f 5% - the first two digits are significant figures of resistance value and the third denotes the number of zeros following . 1% & 2% - the first three digits are significant figures of resistance value and the fourth denotes the number of zeros fol lowing. s pecifications are subject to change without notice. rev.6


▲Up To Search▲   

 
Price & Availability of CRB10102M103J88

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X