Part Number Hot Search : 
TR300 3225K175 54560 MUR460 M1661K MD7540 BFXXX MAX85
Product Description
Full Text Search
 

To Download AOB270L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aot270l/AOB270L 75v n-channel mosfet v ds i d (at v gs =10v) 140a r ds(on) (at v gs =10v) < 2.6m w (< 2.3m w * ) r ds(on) (at v gs =6v) < 3.0m w (< 2.8m w * ) symbol the aot270l/AOB270L uses trench mosfet technology that is uniquely optimized to provide th e most efficient high frequency switching performance. bot h conduction and switching power losses are minimized due to an extremely low combination of r ds(on) , ciss and coss. this device is ideal for boost converters and synch ronous rectifiers for consumer, telecom, industrial power supplies and led backlighting. maximum units parameter absolute maximum ratings t a =25c unless otherwise noted 75v g d s v ds v gs i dm i as e as t j , t stg symbol t 10s steady-state steady-state r q jc * surface mount package to263 maximum junction-to-case c/w c/w maximum junction-to-ambient a d 0.25 60 0.3 power dissipation a p dsm w t a =70c 500 1.3 t a =25c continuous drain current 720 21.5 avalanche energy l=0.1mh c i dsm w a t a =70c mj avalanche current c continuous drain current g i d 140 110 t c =25c t c =100c v drain-source voltage 75 17 a 120 v 20 gate-source voltage a t a =25c 560 pulsed drain current c c thermal characteristics units maximum junction-to-ambient a c/w r q ja 12 50 15 parameter typ max t c =25c 2.1 250 t c =100c junction and storage temperature range -55 to 175 power dissipation b p d www.freescale.net.cn 1/6 general description features
symbol min typ max units bv dss 75 v v ds =75v, v gs =0v 1 t j =55c 5 i gss 100 na v gs(th) gate threshold voltage 2 2.5 3 v i d(on) 560 a 2.1 2.6 t j =125c 3.3 4.2 to220 v gs =10v, i d =20a 1.9 2.3 to263 t j =125c 3.1 3.9 v gs =6v, i d =20a to263 g fs 80 s v sd 0.66 1 v i s 140 a c iss 10350 pf c oss 1560 pf c rss 90 pf r g 0.4 0.9 1.4 w q 153 215 nc r ds(on) static drain-source on-resistance drain-source breakdown voltage on state drain current i d =250 m a, v gs =0v v gs =10v, v ds =5v switching parameters i dss m a electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions v ds =v gs i d =250 m a v ds =0v, v gs =20v zero gate voltage drain current gate-body leakage current forward transconductance diode forward voltage v gs =10v, i d =20a maximum body-diode continuous current g to220 i s =1a,v gs =0v v ds =5v, i d =20a 2.8 2.2 m w input capacitance output capacitance v gs =0v, v ds =37.5v, f=1mhz dynamic parameters gate resistance v gs =0v, v ds =0v, f=1mhz 2.4 3 total gate charge v gs =6v, i d =20a reverse transfer capacitance q g 153 215 nc q gs 33 nc q gd 35 nc t d(on) 30 ns t r 24 ns t d(off) 80 ns t f 32 ns t rr 45 ns q rr 330 nc body diode reverse recovery time body diode reverse recovery charge i f =20a, di/dt=500a/ m s turn-on delaytime i f =20a, di/dt=500a/ m s turn-on rise time turn-off delaytime v gs =10v, v ds =37.5v, r l =1.9 w , r gen =3 w turn-off fall time total gate charge v gs =10v, v ds =37.5v, i d =20a gate source charge gate drain charge a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the power dissipation p dsm is based on r q ja and the maximum allowed junction temperature of 150 c. the value in any given application depends on the user's specific board design, and th e maximum temperature of 175 c may be used if the pcb allows it. b. the power dissipation p d is based on t j(max) =175 c, using junction-to-case thermal resistance, and i s more useful in setting the upper dissipation limit for cases where additional heatsi nking is used. c. repetitive rating, pulse width limited by juncti on temperature t j(max) =175 c. ratings are based on low frequency and duty cycl es to keep initial t j =25 c. d. the r q ja is the sum of the thermal impedance from junction t o case r q jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case t hermal impedance which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =175 c. the soa curve provides a single pulse rating. g. the maximum current limited by package is 140a. h. these tests are performed with the device mounte d on 1 in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. www.freescale.net.cn 2/6 aot270l/AOB270L 75v n-channel mosfet
typical electrical and thermal characteristics 0 20 40 60 80 100 2 2.5 3 3.5 4 4.5 5 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 0 2 4 6 8 0 5 10 15 20 25 30 r ds(on) (m w w w w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 0.8 1 1.2 1.4 1.6 1.8 2 0 25 50 75 100 125 150 175 200 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =10v i d =20a 25 c 125 c v ds =5v v gs =10v 0 20 40 60 80 100 0 1 2 3 4 5 i d (a) v ds (volts) fig 1: on-region characteristics (note e) 6v 8v 10v vgs=3v 4v v gs =6v i d =20a v gs =6v 40 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 i s (a) v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c (note e) 0 1 2 3 4 5 2 4 6 8 10 r ds(on) (m w w w w ) v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) i d =20a 25 c 125 c www.freescale.net.cn 3/6 aot270l/AOB270L 75v n-channel mosfet
typical electrical and thermal characteristics 17 5 2 10 0 18 0 2 4 6 8 10 0 30 60 90 120 150 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 2000 4000 6000 8000 10000 12000 0 25 50 75 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss 0 1000 2000 3000 4000 5000 0.0001 0.001 0.01 0.1 1 10 power (w) pulse width (s) figure 10: single pulse power rating junction-to- c oss c rss v ds =37.5v i d =20a t j(max) =175 c t c =25 c 10 m s 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 1000 i d (amps) v ds (volts) figure 9: maximum forward biased safe 10 m s 10ms 1ms dc r ds(on) limited t j(max) =175 c t c =25 c 100 m s 40 case (note f) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 z q q q q jc normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) single pulse d=t on /t t j,pk =t c +p dm .z q jc .r q jc in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse operating area (note f) r q jc =0.3 c/w t on t p d www.freescale.net.cn 4/6 aot270l/AOB270L 75v n-channel mosfet
typical electrical and thermal characteristics 0 100 200 300 400 500 600 0 25 50 75 100 125 150 175 power dissipation (w) t case (c) figure 13: power de-rating (note f) 0 30 60 90 120 150 0 25 50 75 100 125 150 175 current rating i d (a) t case (c) figure 14: current de - rating (note f) 1 10 100 1000 10000 0.001 0.1 10 1000 power (w) pulse width (s) figure 15: single pulse power rating junction - to - t a =25 c 10 100 1000 1 10 100 1000 i ar (a) peak avalanche current time in avalanche, t a ( m mm m s) figure 12: single pulse avalanche capability (note c) t a =25 c t a =150 c t a =100 c t a =125 c 40 0.0001 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 10000 z q q q q ja normalized transient thermal resistance pulse width (s) figure 16: normalized maximum transient thermal imp edance (note h) single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse figure 14: current de - rating (note f) figure 15: single pulse power rating junction - to - ambient (note h) r q ja =60 c/w www.freescale.net.cn 5/6 aot270l/AOB270L 75v n-channel mosfet
- + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off id + l vds bv unclamped inductive switching (uis) test circuit & waveforms vds dss 2 e = 1/2 li ar ar vdd vgs vgs rg dut - + vdc vgs id vgs i ig vgs - + vdc dut l vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar di/dt i rm rr vdd vdd q = - idt t rr www.freescale.net.cn 6/6 aot270l/AOB270L 75v n-channel mosfet


▲Up To Search▲   

 
Price & Availability of AOB270L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X