Part Number Hot Search : 
AN7810 CDBS0130 BA6303 MAX9972 06401 FN3071 IRFAE40 LRD260
Product Description
Full Text Search
 

To Download ACA0862BRS7P2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aca0862 - b, d 1 ghz catv line amplifer mmic data sheet - r ev 2.1 product description the aca0862 family of surface mount monolithic gaas rf linear amplifers has been developed to replace, in new designs, the standard catv hybrid amplifers currently in use. the aca0862 can also replace the aca0861 with the addition of tuning capacitors to the output (see figure 3). the mmics consist of two parallel amplifers, each with 12 db gain. the amplifers are optimized for exceptionally low distortion and noise fgure while providing fat gain and excellent input and output return loss. the aca0862b and aca0862d are optimized for different output powers, and can be used separately or cascaded to support a variety of applications. a hybrid equivalent is formed when two aca0862 devices are cascaded between transmission line baluns. for low gain applications a single aca0862 can be used; for higher gain applications more than two can be cascaded. see the aca0861 application note for more information. f eatures ? 1 ghz specifed performance ? flat gain ? very low distortion ? excellent input/output match ? low dc power consumption ? good rf stability with high vswr load conditions ? surface mount package compatible with automatic assembly ? low cost ? repeatability of monolithic fabrication ? meets cenelec standard ? rohs-compliant packaging s7 package 16 pin wide body soic with heat slug f igure 1: hybrid application diagram rf input 15db 15db aca1206 12db 12db aca0862b/d rf output 10/2012
2 2 1 the aca0862b and aca0862d are designed as output stage amplifers. these parts can be used alone for low gain, high output level applications or can be cascaded with an aca1206 input stage amplifer for higher gain. the aca0862b is a low power dissipation part, while the aca0862d is a higher power dissipation part. cascaded, an aca1206 and aca0862b provide exceptional push-pull hybrid equivalent performance; an aca1206 and an aca0862d cascade provides exceptional power doubling hybrid equivalent performance. an aca0862b can also be cascaded with an aca0862d to create a power doubler with even better distortion performance. 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 gn dg nd i adj rf ina gnd gn dg nd rf ou ta v b n/c gnd rf inb gnd gnd rf outb v a n i p e m a n n o i t p i r c s e d n i p e m a n n o i t p i r c s e d 1d n gd n u o r g9 d n gd n u o r g 2c / nn o i t c e n n o c o n0 1v b b r e i f i l p m a r o f y l p p u s 3f r a n i a r e i f i l p m a o t t u p n i1 1f r b t u o b r e i f i l p m a m o r f t u p t u o 4d n gd n u o r g2 1d n gd n u o r g 5d n gd n u o r g3 1d n gd n u o r g 6f r b n i b r e i f i l p m a o t t u p n i4 1f r a t u o a r e i f i l p m a m o r f t u p t u o 7i j d a t s u j d a t n e r r u c5 1v a a r e i f i l p m a r o f y l p p u s 8d n gd n u o r g6 1d n gd n u o r g data sheet - rev 2.1 10/2012 aca0862 - b, d
3 electrical characteristics table 2: absolute minimum and maximum ratings stresses in excess of the absolute ratings may cause permanent damage. f unctional operation is not implied under these conditions. exposure to absolute ratings for extended periods of time may adversely affect reliability. table 3: operating ranges the device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defined in the electrical specifcations. notes: (1) pins 3 and 6 should be ac-coupled. no external dc bias should be applied. (2) pin 7 must be terminated through a resistor to either vd or gnd. refer to fgure 17 (test circuit) and table 6, page 8. r e t e m a r a p n i m x a m t i n u ) 5 1 , 4 1 , 1 1 , 0 1 s n i p ( s e i l p p u s r e i f i l p m a0 5 1 +c d v ) 6 , 3 s n i p ( r e w o p t u p n i f r- 0 7 +v m b d e r u t a r e p m e t e g a r o t s5 6 -0 5 1 +c e r u t a r e p m e t g n i r e d l o s- 0 6 2 +c e m i t g n i r e d l o s- 0 . 5c e s r e t e m a r a p n i m p y t x a m t i n u y c n e u q e r f f r0 4- 0 0 0 1z h m v : y l p p u s d ) 5 1 , 4 1 , 1 1 , 0 1 s n i p (- 2 1 +- c d v t : e r u t a r e p m e t g n i t a r e p o a 0 4 -- 0 1 1 +c p/n aca0862b aca0862d resistor (pin7) 4.32k(r1) 9.09k(r2) termination gnd vd data sheet - rev 2.1 10/2012 aca0862 - b, d
4 table 4: electrical specifcations (t a = +25 c, v d = +12 vdc) notes: (1) measured with a balun on input and output of the device. see figure 3 for test setup. (2) b device measured with 79 analog channels, +47 dbmv output power at 1002 mhz with a 3 db tilt and qam to 1002 mhz. d device measured with 79 analog channels, +56 dbmv output power at 1002 mhz with a 15.6 db tilt and qam to 1002 mhz. qam channels are -6 db relative to analog channels. (3) a fxed resistor is needed (see table 6) to set the devices current draw. bias voltage is +12 vdc. r e t e m a r a p b 2 6 8 0 a c a d 2 6 8 0 a c a t i n u s t n e m m o c n i m p y t x a m n i m p y t x a m n i a g ) 1 ( 7 . 0 1- 7 . 1 18 . 0 1- 8 . 1 1b d s s e n t a l f n i a g ) 1 ( -- 0.3 -- b d e r u g i f e s i o n ) 1 ( -4 5 . 4- 45 . 4b d b t c ) 2 ( , ) 1 ( s l e n n a h c 7 7 s l e n n a h c 0 1 1 s l e n n a h c 8 2 1 - - - - - - 0 7 - 1 7 - - - - - - - - 8 7 - 3 7 - - c b d o s c ) 2 ( , ) 1 ( s l e n n a h c 7 7 s l e n n a h c 0 1 1 s l e n n a h c 8 2 1 - - - - - - 8 6 - 6 6 - - - - - - - - 8 6 - 6 5 - - c b d d o m x ) 2 ( , ) 1 ( s l e n n a h c 7 7 s l e n n a h c 0 1 1 s l e n n a h c 8 2 1 - - - - - - 5 6 - 8 6 - - - - - - - - 2 7 - 1 7 - - c b d t n e r r u c y l p p u s ) 3 ( -5 9 35 4 4- 0 3 50 1 6a m e p o l s t n e l a v i u q e e l b a c ) 1 ( 5 . 0 -- 0 . 15 . 0 -- 0 . 1b d ) t u p t u o / t u p n i ( s s o l n r u t e r ) 1 ( 8 12 2- 8 12 2- b d ( jc ) e c n a t s i s e r l a m r e h t- 0 . 6- -0 . 6 o w / c 0.3 - data sheet - rev 2.1 10/2012 aca0862 - b, d
5 77 78 79 80 81 0 200 400 600 800 1000 frequency (mhz) p1db (dbmv) f igure 3: aca0862b p1db vs frequency 77 78 79 80 81 0 200 400 600 800 1000 frequency (mhz) p1db (dbmv) f igure 4: aca0862d p1db vs frequency 15 20 25 30 35 40 45 50 55 56 58 60 62 64 66 68 70 72 74 76 78 80 pout (dbmv) mer (db) channel under test = 85mhz mer - 64qam 4 ch. 3 ch. 2 ch. 1 ch. f igure 5: aca0862b mer - 64 qam @ 85 mhz 15 20 25 30 35 40 45 50 55 56 58 60 62 64 66 68 70 72 74 76 78 80 pout (dbmv) mer (db) channel under test = 543mhz mer - 64qam 4 ch. 3 ch. 2 ch. 1 ch. f igure 7: aca0862b mer - 64 qam @ 543 mhz 15 20 25 30 35 40 45 50 55 56 58 60 62 64 66 68 70 72 74 76 78 80 pout (dbmv) mer (db) channel under test = 85mhz mer - 64qam 4 ch. 3 ch. 2 ch. 1 ch. f igure 6: aca0862d mer - 64 qam @ 85 mhz 15 20 25 30 35 40 45 50 55 56 58 60 62 64 66 68 70 72 74 76 78 80 pout (dbmv) mer (db) channel under test = 543mhz mer - 64qam 4 ch. 3 ch. 2 ch. 1 ch. f igure 8: aca0862d mer - 64 qam @ 543 mhz data sheet - rev 2.1 10/2012 aca0862 - b, d
6 25 30 35 40 45 50 55 56 58 60 62 64 66 68 70 72 74 76 78 80 pout (dbmv) mer (db) channel under test = 543mhz mer - 256qam 4 ch. 3 ch. 2 ch. 1 ch. f igure 13: aca0862b mer - 256 qam @ 543 mhz 15 20 25 30 35 40 45 50 55 56 58 60 62 64 66 68 70 72 74 76 78 80 pout (dbmv) mer (db) channel under test = 987mhz mer - 64qam 4 ch. 3 ch. 2 ch. 1 ch. f igure 10: aca0862d mer - 64 qam @ 987 mhz 25 30 35 40 45 50 55 56 58 60 62 64 66 68 70 72 74 76 78 80 pout (dbmv) mer (db) channel under test = 85mhz mer - 256qam 4 ch. 3 ch. 2 ch. 1 ch. f igure 12: aca0862d mer - 256 qam @ 85 mhz 15 20 25 30 35 40 45 50 55 56 58 60 62 64 66 68 70 72 74 76 78 80 pout (dbmv) mer (db) channel under test = 987mhz mer - 64qam 4 ch. 3 ch. 2 ch. 1 ch. f igure 9: aca0862b mer - 64 qam @ 987 mhz 25 30 35 40 45 50 55 56 58 60 62 64 66 68 70 72 74 76 78 80 pout (dbmv) mer (db) channel under test = 85mhz mer - 256qam 4 ch. 3 ch. 2 ch. 1 ch. f igure 11: aca0862b mer - 256 qam @ 85 mhz 25 30 35 40 45 50 55 56 58 60 62 64 66 68 70 72 74 76 78 80 pout (dbmv) mer (db) channel under test = 543mhz mer - 256qam 3 ch. 2 ch. 1 ch. 4 ch. f igure 14: aca0862d mer - 256 qam @ 543 mhz data sheet - rev 2.1 10/2012 aca0862 - b, d
7 25 30 35 40 45 50 55 56 58 60 62 64 66 68 70 72 74 76 78 80 pout (dbmv) mer (db) channel under test = 987mhz mer - 256qam 3 ch. 2 ch. 1 ch. 4 ch. f igure 16: aca0862d mer - 256 qam @ 987 mhz 25 30 35 40 45 50 55 56 58 60 62 64 66 68 70 72 74 76 78 80 pout (dbmv) mer (db) channel under test = 987mhz mer - 256qam 4 ch. 3 ch. 2 ch. 1 ch. f igure 15: aca0862b mer - 256 qam @ 987 mhz data sheet - rev 2.1 10/2012 aca0862 - b, d
8 note: apply voltage to both v d lines simultaneously. f igure 17: est circuit able : parts ist for est circuit able 6: r1 r2 resistor value f igure 1: alun drawing (. urns) notes: (1) t1, t2 (balun) wind 5.5 turns thru core, as shown in figure 18. (2) t1, t2 baluns can be replaced with m/a com 009210 notes: (1) r2 can be adjusted in the aca0862d test circuit to set the device current draw up to 610 ma. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 n/c r 1 +vd l2 +v d rf in rf ou t l1 t 1 t 2 c 1 c 2 c 4 c 3 c 6 ac a0 86 2 c 5 c 7 r 2 +v d c 8 f e r n o i t p i r c s e d y t q r o d n e v . o n t r a p r o d n e v 6 c , 5 c , 2 c , 1 c1 0 . 0 r o t i c a p a c p i h c f4 a t a r u mv 5 2 k 3 0 1 1 r 7 x 9 3 m r g 4 c , 3 cr o t i c a p a c p i h c f p 0 0 32 a t a r u mv 5 2 k 1 0 3 r 7 x 9 3 m r g 8 c , 7 cr o t i c a p a c p i h c f p 5 . 12 a t a r u mb 1 0 2 c 5 r 1 h 1 c 5 8 8 1 m r g 2 l , 1 lr o t c u d n i p i h c d n u o w - r i a h n 0 9 32 t f a r c l i o c1 9 3 - s c 8 0 0 1 2 r , 1 r) 6 e l b a t e e s (1 2 t , 1 t ) 1 ( e r o c e t i r r e f2 e t i r - r i a f2 0 7 2 0 0 3 4 8 2 e r i ws e i r t s u d n i e r i w s w m0 2 - 9 2 4 1 6 3 2 - t (2) r e b m u n t r a p e u l a v 1 r e u l a v 2 r b 2 6 8 0 a c a2 3 . 4) n e p o ( d 2 6 8 0 a c a) n e p o (9 0 . 9 kohm kohm data sheet - rev 2.1 10/2012 aca0862 - b, d
9 application in f ormation f igure 19: hybrid equivalent test circuit notes: (1) apply voltage to all +12 vdc lines simultaneously. (2) see table 6 for r1 and r2 values. (3) input and output baluns: wind 5.5 turns thru core (see table 7), as shown in figure 6. f igure 20: balun drawing (5.5 turns) table 7: parts list for balun (5.5 turns) aca1206 aca0862 r2 +12 vdc 1.5 pf 1.5 pf 1.5 pf 1.5 pf +12 vdc r2 15db 15db t r a p r o d n e v . o n t r a p r o d n e v e r o c e t i r r e fe t i r - r i a f2 0 7 2 0 0 3 4 8 2 e r i ws e i r t s u d n i e r i w s w m0 2 - 9 2 4 1 6 3 2 - t data sheet - rev 2.1 10/2012 aca0862 - b, d
10 package outline f igure 21: s7 package outline - 16 pin wide body soic with heat slug data sheet - rev 2.1 10/2012 aca0862 - b, d
11 f igure 22: s7 package outline - 16 pin wide body soic with heat slug data sheet - rev 2.1 10/2012 aca0862 - b, d
12 ordering inf ormation r e b m u n r e d r o e r u t a r e p m e t e g n a r e g a k c a p n o i t p i r c s e d g n i g a k c a p t n e n o p m o c 2 p 7 s r b 2 6 8 0 a c ac 0 1 1 o t 0 4 - t n a i l p m o c - s h o r y d o b e d i w n i p 6 1 g u l s t a e h h t i w c i o s l e e r d n a e p a t e c e i p 0 0 5 , 1 2 p 7 s r d 2 6 8 0 a c ac 0 1 1 o t 0 4 - t n a i l p m o c - s h o r y d o b e d i w n i p 6 1 g u l s t a e h h t i w c i o s l e e r d n a e p a t e c e i p 0 0 5 , 1 warning anadigics products are not intended for use in life support appliances, devices or systems. use of an anadigics product in any such application without written consent is prohibited. import ant notice anadigics, inc. 141 mount bethel road warren, new jersey 07059, u.s.a. tel: +1 (908) 668-5000 fax: +1 (908) 668-5132 url: http://www.anadigics.com e-mail: mktg@anadigics.com anadigics, inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. the product specifcations contained in advanced product information sheets and preliminary data sheets are subject to change prior to a products formal introduction. information in data sheets have been carefully checked and are assumed to be reliable; however, anadigics assumes no responsibilities for inaccuracies. anadigics strongly urges customers to verify that the information they are using is current before placing orders. data sheet - rev 2.1 10/2012 aca0862 - b, d


▲Up To Search▲   

 
Price & Availability of ACA0862BRS7P2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X