Part Number Hot Search : 
B2409 QT60320 KBU600 2750060 TFI02 SCD14L C4521 Z25LA821
Product Description
Full Text Search
 

To Download 2SA1069 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jmnic product specification silicon pnp power transistors 2SA1069 2SA1069a description ? with to-220 package ? complement to type 2sc2516/2516a ? low collector saturation voltage applications ? switching regulators ? dc-dc converters ? high-frequency power amplifier pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -80 v 2SA1069 -60 v ceo collector-emitter voltage 2SA1069a open base -80 v v ebo emitter-base voltage open collector -12 v i c collector current -5 a i cm collector current-peak -10 a i b base current -2.5 a t a =25 ?? 1.5 p c collector power dissipation t c =25 ?? 30 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-220) and symbol
jmnic product specification 2 silicon pnp power transistors 2SA1069 2SA1069a characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit 2SA1069 -60 v ceo(sus) collector-emitter sustaining voltage 2SA1069a i c =-3.0a ,i b =-0.3a;l=1mh -80 v v cesat collector-emitter saturation voltage i c =-3a; i b =-0.3a -0.6 v v besat base-emitter saturation voltage i c =-3a; i b =-0.3a -1.5 v 2SA1069 v cb =-60v; i e =0 i cbo collector cut-off current 2SA1069a v cb =-80v; i e =0 -10 | a i ebo emitter cut-off current v eb =-5v; i c =0 -10 | a h fe-1 dc current gain i c =-0.3a ; v ce =-5v 40 h fe-2 dc current gain i c =-3a ; v ce =-5v 40 200 switching times t on turn-on time 0.5 | s t stg storage time 2.5 | s t f fall time i c =-3a ; v cc =-50v i b1 =-i b2 =-0.3a;r l =17 |? 0.5 | s ? h fe-2 classifications m l k 40-80 60-120 100-200
jmnic product specification 3 silicon pnp power transistors 2SA1069 2SA1069a package outline fig.2 outline dimensions(unindicated tolerance: ? 0.10 mm)


▲Up To Search▲   

 
Price & Availability of 2SA1069

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X