Part Number Hot Search : 
M07652R MSS1038 SPB80N06 K2133 BTLV3 RN1244 RN1244 LM404
Product Description
Full Text Search
 

To Download 231549P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   fuseholders 23  549p www.schurter.com/pg0 2 fuses shock-safe fuseholder, 6.3 x 32 mm, nf, fingergrip, ip 68 250 vac 3.6 w / 16 a (nf) description - ip 68 from front-side - screw type fuse carrier standards - nf c 93-436 - modell hb14 - contr?le de conformit de qualit (ccq) references general product informatio n weblinks approval s , roh s , china-roh s , e-stor e , distributor-stock-chec k , accessorie s , product change notification (pcn ) technical data fuse-link 6.3 x 32 mm mounting panel mount, front-side mounting fixing nut terminal solder rated voltage 250 vac rated current 16 a (nf) rated power acceptance iec 3.6 w / 16 a @ ta 23 c degree of protection ip 68 admissible ambient air temp. -40 c to 125 c climatic category 40/125/56 acc. to iec 60068-1 material: socket thermoset, black unit weight (socket/cap) 38 g storage conditions 0 c to 60 c, max. 70% r.h. product marking , type, voltage, current soldering methods iron resistance to vibration acc. to nf c 20-706 / iec 60068-2-6, test fc shocks acc. to nf c 20-706 / iec 60068-2-27 bumps acc. to nf c 20-729 / iec 60068-2-29 salt mist acc. to nf c 20-711 / iec 60068-2-11 dump heat acc. to nf c 20-604 climatic composite acc. to nf c 20-619 phase d admissible torque on fixing nut max 1.2 nm panel thickness s max 5 mm abmessungen 54 mm ? ? 18 ? 3.2 18 54 0 -2 3.2 max. 5 sw 20 ? 20.5 ? 26.5 0 -2 0 -3 0 -2 18.1 17.6 +0.2 0 +0.1 0 mounting?holes variants holder cap degree of pro - tection order number l fingergrip ip?68 7093.0110 packaging unit bulk (10 pcs.) the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 231549P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X