Part Number Hot Search : 
1N4790D DM74ALS KRX211U 20206 BG312307 IN74H LH28F400 FAN8412M
Product Description
Full Text Search
 

To Download 10A100C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 3 2 10.2 0.2 ? 3 . 8 0 . 1 5 2.8 0.1 19.0 0.5 pin 3.5 0.3 0.9 0.1 2.5 0.1 13.8 0.5 2.6 0.2 0.5 0.1 8.9 0.2 1.4 0.2 4.5 0.2 pin 1 pin 3 case pin 2 low cost low leakage low forward voltage drop high current capability case:jedec to-220ab,molded plastic polarity: color band denotes cathode weight: 0.071 ounces,2.006 grams mounting pos ition: any maxim um ratings and electric al character istics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. 10a20c 10a40c 10a60c 10a80c 10A100C units maximum recurrent peak reverse voltage v rrm 200 400 600 800 1000 v ma x imum rms v o ltag e v rms 140 280 420 560 700 v maximum dc blocking voltage v dc 200 400 600 800 1000 v maximum average f orw ard rectif ied current 9.5mm lead length, @t a =75 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @t j =125 maximum instantaneous f orw ard voltage @ 5.0 a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 typical junction capacitance (note1) c j pf typical thermal resistance (note2) r ja /w operating junction temperature range t j storage temperature range t stg 100 70 voltage range: 50 --- 1000 v current: 10.0 a 35 50 to-220ab diffused junction easily cleaned witn freon,alcohol,lsopropanol 100.0 400.0 i fsm note: 1. measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. - 55 ---- + 150 - 55 ---- + 150 i r 120 10 a 10.0 and similar solvents i f(av) 10.0 1.0 2. thermal resistance f rom junction to ambient. ma the plastic material carries u/l recognition 94v-0 a 10a05c 10a10c 50 100 dimensions in millimeters 10a05c-10A100C plastic silicon rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
0.4 0.6 0.8 1.0 1.2 1.4 0.01 0.02 0.06 0.04 0.1 0.2 0.4 1.0 2 4 10 100 t j =25 pulse width=300us 25 0 4 50 single phase half w ave 60h z r esistive or inductive load 6 8 10 12 100 75 125 175 150 .2 10 .1 .4 1.0 2 100 200 4 10 20 40 100 f=1mhz t j =25 amperes amperes amperes capacitance, pf ambient temperature, instantaneous forward voltage, volts instantaneous forward current fi g. 1 -- forward derati ng curve fi g. 2 -- typi cal forward characteristi cs peak forward surge current average forward rectified current number of cycles at 60hz surge current fig.3 --maximum non-repetitive forward fi g. 4 -- typi cal juncti on capaci tance reverse voltage, volts 124 108 20 40 60 80 100 0 t j =125 8.3ms single half sine-wave 100 200 300 400 10a05c-10A100C plastic silicon rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of 10A100C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X