Part Number Hot Search : 
WM8972L N2120 2SK2940 MSK50 LV640E TC74LC DH71010 101J2
Product Description
Full Text Search
 

To Download 10112626-101LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mini-sas hd next generation sas storage interface description the mini-sas hd product is the next generation sas storage interface addressing channel bandwidth requirements of 6 gb/s to 12 gb/s meeting or exceeding the respective sas 2.1 and proposed sas 3.0 specifcations. the mini-sas hd product provides greater port density (11mm port-to-port) versus the existing mini-sas 2.0 product (19.01mm port-to-port). fcis mini-sas hd product is fully compliant to the sff-8643 and sff-8644 industry specifcations. internal and external connector confgurations of the mini-sas hd product include 1x1 (4x), 1x2 (8x), and 1x4(16x) and enables 4x and 8x internal & external cable assembly solutions which include eeprom communication. the mini- sas hd profle design is pci express compatible and can be utilized in pci express architecture applications. features & benefits imla based board connector insures compliance to the sas 2.1 & proposed 3.0 electrical performance criteria internal and external board connector and cable assemblies provide end-to-end application solutions 1x1, 1x2 and 1x4 connector/cage assemblies offer product family design fexibility all board connectors and confgurations are fully 6g and 12g compliant allowing for use of same part numbers when system speeds increase from 6g to 12g metal cages on the external connector and cables provide 360 emi shielding and replaces problematic emc elastomeric gaskets cable assemblies offered in 4x and 8x confgurations eye-of-the-needle connector and cage single step termination yields consistent application to the pcb the external cable strain relief results in an axial pull force in excess of 20 lbs cable latch design reduces cable insertion force and un-mating issues pull tabs are available in multiple lengths in pantone 279 color to meet many application needs. positive stop feature on the casting prevents external cable assembly mating over-travel. hybrid external cables (mini-sas hd to mini-sas) allow for backwards compatible cabling with legacy system hardware target markets / applications data servers raid systems storage racks external storage systems sas/sata hba interfaces direct-attached storage (das) communications switches input/output connectors/cable assemblies
mini-sas hd connectors and cable assemblies next generation sas storage interface technical information materials board receptacle contact: copper alloy board receptacle housing: thermoplastic high temperature ul94v-0 board receptacle plating: gold over nickel plug paddle card: copper/fr4 C gold over nickel plating. electrical performance impedance: 100 +/- 15 ? voltage rating: 30 volts ac (rms)/dc max current rating: 0.5 amps max approvals and certifications rohs conforms to eu directive 2002/95/ec ul approval packaging board receptacle: tray plug/cable assembly: bag environmental thermal shock (temperature cycling): conforms to eia-364-32 temperature life (heat aging): conforms to eia-361-17, 105c for 500 hours operating temperature range : -40c to 80c mechanical performance durability: 250 cycles specifications product spec: gs-12-651 application specifcation: gs-20-0327 internal mini-sas hd cables external mini-sas hd cables external mini-sas hd connectors internal mini-sas hd connectors
www.fciconnect.com elxminsashd0112elt mini-sas hd connectors and cable assemblies next generation sas storage interface part number product description signal pairs 10112041 mini-sas hd to mini-sas hd passive external cable assembly - 4x confguration C sas 2.1 ( 6gb/s ) compatible 8 pairs 10117771 mini-sas hd to mini-sas passive external cable assembly - sas 2.1 ( 6gb/s ) compatible - 4x confguration on mini-sas hd end and universal keying on mini-sas end 8 pairs 10112359 mini-sas hd to mini-sas hd passive external cable assembly - 8x confguration C sas 2.1 ( 6gb/s ) compatible 16 pairs 10117947 mini-sas hd to mini-sas passive external cable assembly - sas 2.1 ( 6gb/s ) compatible - 8x confguration on mini-sas hd end and universal keying on mini-sas end 16 pairs 10117949 mini-sas hd to mini-sas hd passive external cable assembly - 4x confguration C proposed sas 3.0 ( 12gb/s ) compatible 8 pairs 10117950 mini-sas hd to mini-sas hd passive external cable assembly - 8x confguration-proposed sas 3.0 ( 12gb/s ) compatible 16 pairs 10119217 mini-sas hd to mini-sas hd passive internal cable assembly - 4x confguration C sas 2.1 ( 6gb/s ) compatible 8 pairs 10119312 mini-sas hd to mini-sas hd passive internal cable assembly - 4x confguration C sas 3.0 ( 12gb/s ) compatible 8 pairs 10119577 mini-sas hd to mini-sas hd passive internal cable assembly - 8x confguration C sas 2.1 ( 6gb/s ) compatible 16 pairs 10119576 mini-sas hd to mini-sas hd passive internal cable assembly - 8x confguration C sas 3.0 ( 12gb/s ) compatible 16 pairs for more information please visit: www.fciconnect.com/hsio or contact: minisashd@fciconnect.com s ia2dtlix2lsp1io:.2:of2nop1io:.2n:if2mnoo1tpnil s ia2dtlix2lsp1io:.2:of2nop1io:.2m:c.12 ll1dc.f1l part number product description signal pairs 10112626-101LF mini-sas hd 1 x 1 external assembly (6 & 12 gb/s per channel) 8 pairs 10112627-101lf mini-sas hd 1 x 2 external assembly (6 & 12 gb/s per channel) 16 pairs 10112628-101lf mini-sas hd 1 x 4 external assembly (6 & 12 gb/s per channel) 32 pairs 10112632-101lf mini-sas hd 1 x 1 internal assembly (6 & 12 gb/s per channel) 8 pairs 10112633-101lf mini-sas hd 1 x 2 internal assembly (6 & 12 gb/s per channel) 16 pairs 10112634-101lf mini-sas hd 1 x 4 internal assembly (6 & 12 gb/s per channel) 32 pairs


▲Up To Search▲   

 
Price & Availability of 10112626-101LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X