Part Number Hot Search : 
2N6786 ICL8068 1SS400G 85Z1K 1N966B 2SD180 PT6961 SC162
Product Description
Full Text Search
 

To Download 0736442217 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/14/2010 please check www.molex.com for latest part information part number: 0736442217 status: active overview: hdm description: 2.00mm (.079") pitch hdm? board-to-board backplane header, vertical, smc, press- fit, guide post location a, polarizing key position n/a, 72 circuits documents: 3d model drawing (pdf) test summary (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family backplane connectors series 73644 application backplane comments standard press-fit, tin/lead (snpb) component type pcb header overview hdm product name hdm? style n/a physical circuits (loaded) 72 circuits (maximum) 72 color - resin black, natural durability (mating cycles max) 250 first mate / last break no flammability 94v-0 guide to mating part yes keying to mating part none material - metal phosphor bronze, stainless steel material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of columns 12 number of pairs open pin field number of rows 6 orientation vertical pc tail length (in) 0.138 in pc tail length (mm) 3.50 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.098 in pcb thickness recommended (mm) 2.50 mm packaging type tube pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm pitch - term. interface (in) 0.079 in pitch - term. interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 15 plating min: termination (m) 0.375 series image - reference only eu rohs china rohs not rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 73644 series mates with 73632 hdm plus? board-to-board daughtercard receptacle. 73780 hdm? board-to-board daughtercard receptacle application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # flat rock tooling for pneumatic press 0622013700 hdm? backplane insertion signal contact tool 0621001400 extraction tool 0621001000
polarized to pcb no stackable no surface mount compatible (smc) yes temperature range - operating -55c to +105c termination interface: style through hole - compliant pin electrical current - maximum per contact 1a data rate 1.0 gbps real signals (per 25mm) 75 shielded no voltage - maximum 250v ac material info reference - drawing numbers packaging specification pk-70873-0818 sales drawing sda-73644-**** hdm and high density metric are trademarks of amphenol corporation this document was generated on 05/14/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0736442217

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X