Part Number Hot Search : 
1SV245 R1002 CD4127 A6812 PN1307 SMCJ60 REF19 01EDK3
Product Description
Full Text Search
 

To Download 0473375MRT1- Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  33 axial lead and cartridge fuses subminiature pico ii slo-blo type fuse the pico ii slo-blo fuse combines time delay performance characteristics with the proven reliability of a picofuse. electrical characteristics: % of ampere opening rating time 100% 4 hours, min imum 200% 1 second, min.: 60 seconds, max. 300% 0.2 seconds, min.: 3 seconds, max. 800% 0.02 seconds, min.: 0.1 seconds, max . agency approvals: 1 recognized under the components program of underwriters laboratories and certified by csa. approved by miti from 1 through 5 amperes. agency file numbers: ul e10480, csa lr 29862. interrupting ratings: 50 amperes at 125 vdc/vac environmental specifications: operating temperature: 55? to 125?. shock: mil-std-202, method 213, test condition i (100 gs peak for 6 milliseconds). vibration: mil-std-202, method 201 (1055 hz); mil-std-202, method 204, test condition c (55?000 hz at 10 gs peak). salt spray: mil-std-202, method 101, test condition b. insulation resistance (after opening): mil-std-202, method 302, (10,000 ohms minimum at 100 volts). resistance to soldering heat: mil-std-202, method 210, test condition c (20 sec at 260?). thermal shock: mil-std-202, method 107, test condition b (65? to 125?). moisture resistance: mil-std-202, method 106 (9098% rh), heat (65?). physical specifications: materials: encapsulated, epoxy-coated body; solder coated copper wire leads. flammability rating: ul94vo. soldering parameters: wave solder ?260?, 3 seconds maximum. solderability: mil-std-202, method 208. lead pull force: mil-std-202, method 211, test condition a (will withstand a 10 lb. axial pull test). packaging specifications: tape and reel per eia-296; t1: 2.062" (52.4mm) taped spacing; 4,000 per reel. patented ordering information: 1000 100 10 1 0.1 0.01 1000 100 10 1 0.1 .375a .50a .75a 1.0a 1.5a 2.0a 2.5a 3.0a 3.5a 4.0a 5.0a 7.0a time in seconds current in amperes nominal nominal catalog ampere voltage resistance melting i 2 t number rating rating cold ohms a 2 sec. 473 .375 3/8 125 1.74 0.0850 473 .500 1/2 125 1.13 0.210 473 .750 3/4 125 0.460 0.760 473 001 1 125 0.267 2.01 473 01.5 1 1 / 2 125 0.117 3.94 473 002 2 125 0.0730 7.60 473 2.25 2 1 / 4 125 0.0630 9.28 473 02.5 2 1 / 2 125 0.0520 13.0 473 003 3 125 0.0380 21.0 473 03.5 3 1 / 2 125 0.0240 26.8 473 004 4 125 0.0194 35.0 473 005 5 125 0.0133 54.8 473 007 7 125 0.0092 105.0 average time current curves 1 f l 1 a 1.5" 1.5" .280" ref. .025" dia. .125" dia. ref.


▲Up To Search▲   

 
Price & Availability of 0473375MRT1-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X