Part Number Hot Search : 
15102E C8799 AN7216 2KW16C WSH135 TTC05101 LPR5150A CY7C42
Product Description
Full Text Search
 

To Download USB0403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05205.r5 10/10 page 1 05205 USB0403 - usb0424c 350 watt low c a p a c itan c e tv s a rr ay de scr i p tion the usb04xx and usbxxc series of devices are low capacitance tvs arrays available in a sot-143 package. these devices are designed to protect ethernet data i/o ports against the damaging efects of esd and eft transient threats. the usb04xx series are unidirectonal devices used for common mode protecton from line to ground. the usb04xxc series are bidirectonal devices typically used for diferental mode on balanced lines. voltages range from 3.3 to 24 volts for both confguratons. each series provides esd protecton to > 25 kilovolts with a peak pulse power ratng of 350 wats for an 8/20s waveshape. the usb04xx and usbxxc series are designed to meet and exceed the iec 61000-4-2 and iec 61000-4-4 requirements. feat ur e s ? compatble with iec 61000-4-2 (esd): air 15kv, contact 8kv ? compatble with iec 61000-4-4 (eft): 40a, 5/50ns ? compatble with iec 61000-4-5 (surge): 12a, 8/20s - level 1(line- gnd) & level 2(line-line) ? 350 wats peak pulse power per line (tp = 8/20s) ? unidirectonal and bidirectonal confguratons ? available in multple voltages ranging from 3v to 24v ? protects 1 line ? low leakage current ? low capacitance: 5pf per line pair ? rohs compliant ? reach compliant me c hani c al c ha r a c te r i s ti cs ? molded jedec sot-143 package ? approximate weight: 9 milligrams ? lead-free pure-tin platng (annealed) ? solder refow temperature: pure-tin - sn, 100: 260-270c ? 8mm tape and reel per eia standard 481 ? flammability ratng ul 94v-0 a pp li c ation s ? ethernet - 10/100/1000 base t ? cellular phones ? audio/video inputs ? firewire, scsi & usb interfaces s ot -143 p a c kage p in c on f ig ur ations 3 4 1 2 3 4 1 2 unidirectional bidirectional
only one name means protektion? www.protekdevices.com 05205.r5 10/10 page 2 05205 USB0403 - usb0424c ty p i c al d evi c e c ha r a c te r i s ti cs m a x i mum r ating s @ 25c unless o therwise specifed p a r a m ete r s y mb ol val u e u nit s operatng temperature t l -55 to 150 c storage temperature t stg -55 to 150 c peak pulse power (tp = 8/20s) - see figure 1 p pp 350 wats ele c t r i c al c ha r a c te r i s ti cs p e r line @ 25c unless o therwise specifed p a r t n umb e r ( n otes 1 - 2) d evi c e m a r king r ate d s tan d- o ff voltage v wm volt s m ini mum br eak d own voltage @ 1 m a v (br) volt s m a x i mum c la mp ing voltage (fig. 2) @ i p = 5 a v c volt s m a x i mum c la mp ing voltage (see fig. 2) @ 8/20 s v c @ i pp volt s m a x i mum leakage curr ent @ v w m i d a ty p i c al c a p a c itan c e @0 v , 1m h z c p f USB0403 3u 3.3 4.0 9.0 19.0v @ 20.0a 125 5 USB0403c 3b 3.3 4.0 9.0 19.0v @ 20.0a 125 5 usb0405 5u 5.0 6.0 11.0 18.3v @ 17.0a 20 5 usb0405c 5b 5.0 6.0 11.0 18.3v @ 17.0a 20 5 usb0408 8u 8.0 8.5 16.6 18.5v @ 17.0a 10 5 usb0408c 8b 8.0 8.5 16.6 18.5v @ 17.0a 10 5 usb0412 12u 12.0 13.3 24.0 28.6v @ 11.0a 1 5 usb0412c 12b 12.0 13.3 24.0 28.6v @ 11.0a 1 5 usb0415 15u 15.0 16.6 30.0 31.8v @ 10.0a 1 5 usb0415c 15b 15.0 16.6 30.0 31.8v @ 10.0a 1 5 usb0424 24u 24.0 26.7 n/a 56.0v @ 6.0a 1 5 usb0424c 24b 24.0 26.7 n/a 56.0v @ 6.0a 1 5 note s 1. part numbers with an additonal c sufx are bidirectonal devices, i.e., usb0405 c. 2. unidirectonal only: positve potental is applied from pin 2 to 1 or pin 3 to 4.
only one name means protektion? www.protekdevices.com 05205.r5 10/10 page 3 05205 USB0403 - usb0424c ty p i c al d evi c e c ha r a c te r i s ti cs f ig ur e 1 p eak pu l s e p owe r v s pu l s e ti m e t d - pulse duraton - s 350w, 8/20s waveform 0.1 1 10 100 1,000 10,000 p pp - peak pulse power - w ats 10 100 1,000 10,000 peak pulse power 8/20s average power f ig ur e 3 p owe r d e r ating cur ve t a - a mbient t emperature - c 0 25 50 75 100 125 150 0 20 40 60 80 100 % o f rated power test waveform parameters t f = 8s t d = 20s t f e -t peak value i pp t d = t/(i pp /2) f ig ur e 2 pu l s e wave f o rm t - time - s 0 5 10 15 20 25 30 i pp - peak pulse current - % of i pp 0 20 40 60 80 100 120
only one name means protektion? www.protekdevices.com 05205.r5 10/10 page 4 05205 USB0403 - usb0424c ty p i c al d evi c e c ha r a c te r i s ti cs f ig ur e 4 ove rs hoot & c la mp ing voltage f o r usb0405c e sd t est pulse - 5 kilovolt, 1/30ns ( w aveshape) 5 v olts per division 0 10 20 30 40 f ig ur e 5 in s e r tion lo ss - usb0405c f ig ur e 6 r et ur n lo ss - usb0405c 10 db per division 10 db per division -50 -50 -20 -20 ref 0 ref 0 20 20 100 mhz per division 100 mhz per division
only one name means protektion? www.protekdevices.com 05205.r5 10/10 page 5 05205 USB0403 - usb0424c sp i c e m o d el f ig ur e 1 sp i c e m o d el ta b le 1 - sp i c e p a r a m ete rs p a r a m ete r u nit a bd (tv s ) l crd bv v see table 2 200 ibv a 1 0.01 c jo pf see table 2 5 i s a see table 2 1e-13 vj v 0.6 0.6 m - 0.33 0.33 n - 1 1 r s ohms see table 2 0.31 tt s 1e-8 1e-9 eg ev 1.11 1.11 ta b le 2 - a bd sp e c i f i c sp i c e p a r a m ete rs p a r t n umb e r b v (volt s ) c jo ( p f) i s (a mps ) r s (oh ms ) USB0403 4.5 200 1e-11 0.22 usb0405 6.0 140 1e-11 0.18 usb0408 8.5 67 1e-11 0.12 usb0412 13.3 55 1e-13 1.10 usb0415 16.7 47 1e-13 1.43 usb0424 26.7 28 1e-13 4.24 USB0403c 4.5 200 1e-11 0.22 usb0405c 6.0 140 1e-11 0.18 usb0408c 8.5 67 1e-11 0.12 usb0412c 13.3 55 1e-13 1.10 usb0415c 16.7 47 1e-13 1.43 usb0424c 26.7 28 1e-13 4.24 abd - avalanche breakdown diode (tvs) lcrd: low capacitance rectfer diode lg - lead inductance abd lg 0.8nh unidirectional bidirectional lcrd lcrd i/o abd lg 0.65nh lcrd lcrd i/o abd
only one name means protektion? www.protekdevices.com 05205.r5 10/10 page 6 05205 USB0403 - usb0424c a pp li c ation in f o rm ation 3 4 1 2 gnd solder pad 3 4 1 2 usb ic usb output connector d+ d- 3 4 1 2 rj-45 ethernet transceiver r r t x r x f ig ur e 1 - usb p r ote c tion two usb04xx (unidirectonal) in a common-mode confguraton. circuit connectvity is as follows: ? device 1: line 1(d+) is connected to pins 2 and 3. ? device 2: line 2(d-) is connected to pins 2 and 3. ? device 1 and 2: pins 1 and 4 connected to ground f ig ur e 2 - ethe r net pr ote c tion one usb04xxc (bidirectonal) in a diferental-mode confguraton. circuit connectvity is as follow: ? line 1 (r x ) is connected to pins 1 and 4. ? line 2 (t x ) is connected to pins 2 and 3. c i rcu it b oa rd r e c o mm en d ation s circuit board layout is critcal for electromagnetc compatbility protecton. the following guidelines are recommended: ? the protecton device should be placed near the input terminals or connectors, the device will divert the transient current immediately before it can be coupled into the nearby traces. ? the path length between the tvs device and the protected line should be minimized. ? all conductve loops including power and ground loops should be minimized. ? the transient current return path to ground should be kept as short as possible to reduce parasitc inductance. ? ground planes should be used whenever possible. for multlayer pcbs, use ground vias.
only one name means protektion? www.protekdevices.com 05205.r5 10/10 page 7 05205 USB0403 - usb0424c s ot -143 p a c kage in f o rm ation o u tline d i m en s ion s d i m m illi m ete rs in c he s m in m a x m in m a x a 2.80 3.04 0.110 0.120 b 1.20 1.39 0.047 0.055 c 0.84 1.14 0.033 0.045 d 0.39 0.50 0.015 0.020 f 0.79 0.93 0.031 0.037 g 1.78 2.03 0.070 0.080 j 0.08 0.15 0.003 0.006 k 0.46 0.60 0.018 0.024 l 0.445 0.60 0.0175 0.024 l1 0.40 0.60 0.016 0.024 r 0.72 0.83 0.028 0.033 s 2.11 2.48 0.083 0.098 notes 1. dimensioning and tolerances per ansi y14.m, 1985. 2. controlling dimension: inches. 3. dimensions are exclusive of mold fash and metal burrs. p a d layo u t d i m en s ion s d i m m illi m ete rs in c he s m in m a x m in m a x a 1.88 2.13 0.074 0.084 b 1.80 2.06 0.071 0.081 c 0.71 0.97 0.028 0.038 d 0.76 1.02 0.030 0.040 e 1.07 1.32 0.042 0.052 f 0.71 0.97 0.028 0.038 note s 1. controlling dimension: inches. a g l b s f d k j c r h l1 a b c d e f
only one name means protektion? www.protekdevices.com 05205.r5 10/10 page 8 05205 USB0403 - usb0424c ta p e an d r eel sp e c i f i c ation s reel dia. t a p e w i d th a 0 b0 k 0 d e f w p0 p2 p tmax 178mm (7) 8mm 3.10 0.10 2.70 0.10 1.35 0.10 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10 0.25 n ote s 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. sufx - t7 = 7 reel - 3,000 pieces per 8mm tape. 4. sufx - t13 = 13 reel - 10,000 pieces per 8mm tape. 5. marking on part - marking code (see page 2) and date code. package outline, pad layout and tape specifcatons per document number 06011.r4 8/10. t op cover tape k0 d p0 p2 10 pitches cumulatve t olerance on t ape. 0.2 a0 b0 p e f w user directon of feed pin 1 t o rd e r ing in f o rm ation b a s e p a r t n umb e r ( xx = v oltage ) lea dfr ee suff i x ta p e suff i x q ty /r eel r eel s i z e t ub e q ty usb04xx/usb04xxc -lf -t7 3000 7 n/a usb04xx/usb04xxc -lf -t13 10,000 13 n/a
only one name means protektion? www.protekdevices.com 05205.r5 10/10 page 9 05205 USB0403 - usb0424c c o mp any in f o rm ation c omp any pr ofile protek devices, based in tempe, arizona usa, is a manufacturer of transient voltage suppression (tvs) products designed specifcally for the protecton of electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulse (nemp), in - ductve switching and emi/rfi. with over 25 years of engineering and manufacturing experience, protek designs tvs devices that provide applicaton specifc protecton solutons for all electronic equipment/systems. protek devices analog products division, also manufactures analog interface, control, rf and power management products. copyright ? protek devices 2007 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. c onta c t us corporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by t elephone general: 602-431-8101 sales: 602-414-5109 customer service: 602-414-5114 by fax general: 602-431-2288 by e -mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com w eb www.protekdevices.com www.protekanalog.com


▲Up To Search▲   

 
Price & Availability of USB0403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X