Part Number Hot Search : 
AR502 DB28A JR13WP BC857A D74HCT1G CI2020C APL5505 24H15
Product Description
Full Text Search
 

To Download TQDV25A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  topstek current transducer TQDV25A .. tqdv200a - 100 - www.topstek.com tqdv v080201 7/1/2008 closed loop current transducers TQDV25A ~150a features  highly reliable closed loop hall effect device  open loop ct voltage output format: 4v out at nominal input  compact and light weight  fast response time  excellent linearity of the output voltage over a wide input range  excellent frequency response (> 150 khz)  low power consumption at quiescent state (10 ma nominal)  capable of measuring both dc and ac, both pulsed and mixed  high isolation voltage between the measuring circuit and the current-carrying conductor (ac2.5kv)  extended operating temperature range  flame-retardant plastic case and silicone encapsulant, using ul classified materials, ensures protection against environmental contaminants and vibration over a wide temperature and humidity range applications  ups systems  industrial robots  nc tooling machines  elevator controllers  process control devices  ac and dc servo systems  motor speed controller  electrical vehicle controllers  inverter-controlled welding machines  general and special purpose inverters  power supply for laser processing machines  controller for traction equipment eg. electric trains  other automatic control systems specifications parameter symbol unit tqdv 25a tqdv 37.5a tqdv 50a tqdv 75a tqdv 100a tqdv 125a nominal input current i fn a dc 25 37.5 50 75 100 125 linear range i fs a dc 63 94 125 188 250 313 secondary coil current i s a i f /1000 i f /2000 consumption current@ i f =i fn i cc ma 35 50 60 48 60 72 nominal output voltage v hn v 4 v1% at if=i fn ( r l =10k) , t a =25c supply voltage range v cc /v ee v 15v 5% offset voltage v os mv within 40 mv @ i f =0, t a =25c output resistance r out <100(50nominal) hysteresis error v oh mv within 35 mv @ i f =i fn 0 linearity % within 0.2% of i fn response time (90%v hn ) t r  sec 3  sec max. @ d i f / dt = i pn /  sec frequency bandwidth (-3db) f bw hz dc to 150khz thermal drift of output - %/c within 0.02 %/c @ i fn thermal drift of zero current offset - mv/c within 1.5 mv/c @ i fn dielectric strength - v ac2.5kv x 60 sec isolation resistance @ 1000 vdc r is m >1000 m operating temperature t a c -40c to 80c storage temperature t s c -40c to 85c mass w g 28 g
topstek current transducer TQDV25A .. tqdv200a - 101 - www.topstek.com tqdv v080201 7/1/2008      +15v -15v v out 0v pin assignment  s  s          [     [  mounting post     appearance, dimensions and pin identification all dimensions in mm 0.1, holes C0, +0.2 except otherwise noted.


▲Up To Search▲   

 
Price & Availability of TQDV25A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X