Part Number Hot Search : 
BAT4110 S2202 2N4400 3DA5371 A1204 AC100 SVD8N60T AM1310F
Product Description
Full Text Search
 

To Download TCR2EN295 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tcr2en series 2012-05-23 1 toshiba cmos linear integrat ed circuit silicon monolithic tcr2en series 200 ma cmos low drop-out regulator in ultra small package the tcr2en series are cmos general-purpose single-output voltage regulators with an on/off c ontrol input, featuring low dropout voltage, low quiescent bias current and fast load transient response. these voltage regulators are avai lable in fixed output voltages between 1.0 v and 3.6 v and capable of driving up to 200 ma. they feature overcurrent protection and an auto-discharge function. the tcr2en series is offered in the ultra small plastic mold package sdfn4 ( 0.8 mm x 0.8 mm x 0.38 mm). it has a low dropout voltage of 160 mv ( 2.5 v output, i out = 150 ma) with low output noise voltage of 35 ? v rms (2.5 v output) and a load transient response of only Sv out = 55 mv ( i out = 1 ma ? 150 ma, c out =1.0 f). as small ceramic input and output capacitors can be used with the tcr2en series, these devices are ideal for portable applications that require high-density board assembly such as cellular phones. features ? low drop-out voltage v in -v out = 160 mv (typ.) at 2.5 v-output, i out = 150 ma v in -v out = 210 mv (typ.) at 1.8 v-output, i out = 150 ma v in -v out = 360 mv (typ.) at 1.2 v-output, i out = 150 ma v in -v out = 490 mv (typ.) at 1.0 v-output, i out = 150 ma ? low output noise voltage v no = 35 v rms (typ.) at 2.5 v-output, i out = 10 ma, 10 hz < f < 100 khz v no = 30 v rms (typ.) at 1.8 v-output, i out = 10 ma, 10 hz < f < 100 khz v no = 23 v rms (typ.) at 1.2 v-output, i out = 10 ma, 10 hz < f < 100 khz v no = 18 v rms (typ.) at 1.0 v-output, i out = 10 ma, 10 hz < f < 100 khz ? fast load transient response ( Sv out = 55 mv (typ.) at i out = 1 ? 150 ma, c out =1.0 f ) ? low quiescent bias current ( i b = 35 a (typ.) at i out = 0 ma ) ? high ripple rejection ( r.r = 73 db (typ.) at 2.5v-output, i out = 10 ma, f =1khz ) ? wide range output voltage line up ( v out = 1.0 to 3.6 v ) ? high v out accuracy 1.0% ( 1.8v < = v out ) ? overcurrent protection ? auto-discharge ? pull down connection between control and gnd ? ceramic capacitors can be used ( c in = 0.1 f, c out =1.0 f ) ? ultra small package sdfn4 (0.8 mm x 0.8 mm x 0.38 mm ) bottom view illustration sdfn4 weight : 0.6 mg ( typ.)
tcr2en series 2012-05-23 2 absolute maximum ratings (ta = 25c) characteristics symbol rating unit input voltage v in 5.5 v control voltage v ct -0.3 to 5.5 v output voltage v out -0.3 to v in + 0.3 v output current i out 200 ma power dissipation p d 300 (note1) mw operation temperature range t opr ?40 to 85 c junction temperature t j 150 c storage temperature range t stg ?55 to 150 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temper ature/current/voltage, etc. ) are within the absolute maximum ratings and the operating ranges. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). note1: rating at mounting on a board glass epoxy(fr4) board dimension: 40 mm x 40mm x 1.8mm, both sides of board metal pattern ratio: a surface approximately 50%, the reverse side approximately 50% through hole hall: diameter 0.5mm x 24 pin assignment (top view) v out control gnd *center electrode should be connected to gnd or open v in 1 2 4 * 3
tcr2en series 2012-05-23 3 list of products number, output voltage and marking * please contact your local toshiba representative if you are interested in products with * sign marking product no. output voltage(v) (typ.) marking product no. output voltage(v) (typ.) marking tcr2en10 1.0 nj tcr2en23* 2.3 nk tcr2en105* 1.05 nu tcr2en24* 2.4 nl tcr2en11 1.1 n2 tcr2en25 2.5 nm tcr2en115* 1.15 nc tcr2en26* 2.6 nn tcr2en12 1.2 n3 tcr2en27 2.7 no tcr2en125 1.25 nq tcr2en28 2.8 np tcr2en13 1.3 n4 tcr2en285* 2.85 n7 tcr2en14* 1.4 n5 tcr2en29 2.9 nr tcr2en15 1.5 na TCR2EN295* 2.95 n6 tcr2en16* 1.6 nb tcr2en30 3.0 ns tcr2en17* 1.7 nd tcr2en31 3.1 nt tcr2en18 1.8 ne tcr2en32* 3.2 nv tcr2en19* 1.9 nf tcr2en33 3.3 nw tcr2en20* 2.0 ng tcr2en34* 3.4 nx tcr2en21 2.1 nh tcr2en35* 3.5 ny tcr2en22* 2.2 ni tcr2en36 3.6 nz n w example: tcr2en33 (3.3 v output) index lot. no.
tcr2en series 2012-05-23 4 electrical characteristics ( unless otherwise specified , v in = v out + 1 v, i out = 50 ma, c in = 0.1 f, c out = 1.0 f, t j = 25c) characteristics symbol test condition min typ. max unit v out <1.8 v -18 ? +18 mv output voltage accuracy v out i out = 50 ma (note2) 1.8v < = v out -1.0 ? +1.0 % input voltage v in i out = 1 ma 1.5 ? 5.5 v line regulation reg ? line v out + 0.5 v < = v in < = 5.5 v, i out = 1 ma ? 1 15 mv load regulation reg ? load 1 ma < = i out < = 150 ma ? 15 30 mv quiescent current i b i out = 0 ma ? 35 60 a stand-by current i b (off) v ct = 0 v ? 0.1 1.0 a drop-out voltage v in -v out i out = 150 ma (note 3) ? 160 210 mv temperature coefficient t cvo ? 40c < = t opr < = 85c ? 75 ? ppm/c output noise voltage v no v in = v out + 1 v, i out = 10 ma, 10 hz < = f < = 100 khz, ta = 25c (note 3) ? 35 ? v rms ripple rejection ratio r.r. v in = v out + 1 v, i out = 10 ma, f = 1 khz, v ripple = 500 mv p-p , ta = 25c (note 3) ? 73 ? db load transient response S v out i out = 1? 150ma, c out = 1.0 f ? 55 ? mv control voltage (on) v ct (on) ? 1.0 ? 5.5 v control voltage (off) v ct (off) ? 0 ? 0.4 v note 2: stable state with fixed i out condition note 3: the 2.5 v output product drop-out voltage for different output voltages (i out = 150 ma, c in = 0.1 f, c out = 1.0 f, t j = 25c) output voltages symbol min typ. max unit 1.0 v, 1.05 v ? 490 750 1.1 v, 1.15 v ? 420 650 1.2 v, 1.25 v ? 360 550 1.3 v ? 330 450 1.4 v ? 290 400 1.5 v < = v out < 1.8 v ? 270 370 1.8 v < = v out < 2.5 v ? 210 290 2.5 v < = v out < 3.0 v ? 160 210 3.0 v < = v out < = 3.6 v v in -v out ? 130 180 mv
tcr2en series 2012-05-23 5 application note 1. recommended application circuit the figure above shows the recommended configuration for using a low-dropout regulator. insert a capacitor at v out and v in pins for stable input/output operation. (ceramic capacitors can be used). 2. power dissipation power dissipation is measured on the board condition shown below. [the board condition] board material: glass epoxy(fr4) board dimension: 40mm x 40mm (both sides of board) t=1.8mm metal pattern ratio: a surface approximatel y 50%, the reverse side approximately 50% through hole: diameter 0.5mm x 24 control voltage output voltage high on low off open off v out gnd v in control 1.0 f 0.1 f ambient temperature ta ( ) power dissi p ation p d ( mw ) ? 40 0 0 40 120 80 100 200 300 400
tcr2en series 2012-05-23 6 usage considerations output capacitors ceramic capacitors can be used for these devices. however, because of the type of the capacitors, there might be unexpected thermal features. please consider application condition for selecting capacitors. and toshiba recommend the esr of ceramic capacitor is under 10 ? . mounting the long distance between ic and output capacitor might af fect phase assurance by impedance in wire and inductor. for stable power supply, output capacitor need to mount near ic as much as possible. also vin and gnd pattern need to be large and make the wire impedance small as possible. permissible loss please have enough design patterns for expected maximum permissible loss. and under consideration of surrounding temperature, input voltage, and output current etc, we recommend proper dissipation ratings for maximum permissible loss; in general maximu m dissipation rating is 70 to 80 percent. overcurrent protection circuit overcurrent protection circuit is designed in these products, but this does not assure for the suppression of uprising device operation. if output pins and gnd pins are shorted out, these products might be break down. in use of these products, please read through and understand dissipation idea for absolute maximum ratings from the above mention or our ?semiconductor reliability hand book?. then use these products under absolute maximum ratings in any condition. furthermore, toshiba reco mmend inserting failsafe system into the design.
tcr2en series 2012-05-23 7 representative typical characteristics 1) output voltage vs. input voltage 2) output voltage vs. output current output voltage v out (v) output current i out (ma) input voltage v in (v) output voltage v out (v) input voltage v in (v) output voltage v out (v) output current i out (ma) input voltage v in (v) input voltage v in (v) v in = 2.2 v, c in = 0.1 f, c out = 1 f v in = 2.8 v, c in = 0.1 f, c out = 1 f v out =1.2v v out =1.8v v out =1.2v v out =1.8v v out =2.5v c in = 0.1 f, c out = 1 f i out = 1ma i out = 150m a i out = 50ma c in = 0.1 f, c out = 1 f c in = 0.1 f, c out = 1 f v out =3.0v c in = 0.1 f, c out = 1 f i out = 1ma i out = 150ma i out = 50ma i out = 1ma i out = 150m a i out = 50ma i out = 1ma i out = 150m a i out = 50ma output voltage v out (v) output voltage v out (v) output voltage v out (v)
tcr2en series 2012-05-23 8 3) output voltage vs. ambient temperature output voltage v out (v) output current i out (ma) v in = 3.5 v, c in = 0.1 f, c out = 1 f v in = 4.0 v, c in = 0.1 f, c out = 1 f output voltage v out (v) output current i out (ma) v out =2.5v v out =3.0v v out =1.2v v out =1.8v v out =2.5v v out =3.0v v in = 2.2 v, c in = 0.1 f, c out = 1 f i out = 50ma v in = 2.8 v, c in = 0.1 f, c out = 1 f i out = 50ma v in = 3.5 v, c in = 0.1 f, c out = 1 f i out = 50ma v in = 4.0 v, c in = 0.1 f, c out = 1 f i out = 50ma output voltage v out (v) ambient temperature t a ( ) output voltage v out (v) ambient temperature t a ( ) output voltage v out (v) output voltage v out (v) ambient temperature t a ( ) ambient temperature t a ( )
tcr2en series 2012-05-23 9 4) dropout voltage vs. output current 5) quiescent current vs. input voltage quiescent current i b ( a) dropout voltage v in - v out (mv) c in = 0.1 f, c out = 1 f c in = 0.1 f, c out = 1 f c in = 0.1 f, c out = 1 f v out =1.2v v out =1.8v v out =2.5v v out =3.0v c in = 0.1 f, c out = 1 f dropout voltage v in - v out (mv) output current i out (ma) dropout voltage v in - v out (mv) dropout voltage v in - v out (mv) c in = 0.1 f, c out = 1 f i out = 0ma v out =1.2v v out =1.8v c in = 0.1 f, c out = 1 f i out = 0ma input voltage v in (v) output current i out (ma) output current i out (ma) output current i out (ma) quiescent current i b ( a) input voltage v in (v)
tcr2en series 2012-05-23 10 6) quiescent current vs. ambient temperature v out =2.5v v out =3.0v c in = 0.1 f, c out = 1 f i out = 0ma c in = 0.1 f, c out = 1 f i out = 0ma v out =1.2v v out =1.8v v out =2.5v v out =3.0v v in = 2.2 v c in = 0.1 f, c out = 1 f i out = 0ma v in = 2.8v c in = 0.1 f, c out = 1 f i out = 0ma v in = 3.5 v c in = 0.1 f, c out = 1 f i out = 0ma v in = 4.0v c in = 0.1 f, c out = 1 f i out = 0ma input voltage v in (v) input voltage v in (v) quiescent current i b ( a) quiescent current i b ( a) quiescent current i b ( a) quiescent current i b ( a) quiescent current i b ( a) quiescent current i b ( a) ambient temperature t a ( ) ambient temperature t a ( ) ambient temperature t a ( ) ambient temperature t a ( )
tcr2en series 2012-05-23 11 7) output voltage vs. output current 8) ripple rejection ratio vs. frequency v in = 2.2 v ,v ripple = 500 mv p ? p c in = none, c out = 1 f i out = 10 ma, ta = 25c v in = 4.0 v ,v ripple = 500 mv p ? p c in = none, c out = 1 f i out = 10 ma, ta = 25c v out =1.2v v out =3.0v v out =1.2v v out =1.8v v out =2.5v v out =3.0v pulse width = 1 ms pulse width = 1 ms pulse width = 1 ms pulse width = 1 ms v in = 5.5v output voltage v out (v) output current i out (ma) output voltage v out (v) output current i out (ma) output voltage v out (v) output current i out (ma) output voltage v out (v) output current i out (ma) ripple rejection (db) frequency f (hz) ripple rejection (db) frequency f (hz) v in = 2.2v v in = 5.5v v in = 2.8v v in = 5.5v v in = 5.5v v in = 3.5v v in = 4.0v
tcr2en series 2012-05-23 12 9) control transient response control voltage output voltage v in = 2.2 v, c in = 0.1 f, c out = 1 f i out = 1ma v out =1.2v v out =1.8v v out =2.5v v out =3.0v 0 1.0 2.0 0 1.0 2.0 0 1.0 2.0 0 1.0 2.0 0 1.0 2.0 0 1.0 2.0 v in = 2.8 v, c in = 0.1 f, c out = 1 f 0 1.0 2.0 0 1.0 2.0 v in = 3.5 v, c in = 0.1 f, c out = 1 f v in = 4.0 v, c in = 0.1 f, c out = 1 f 3.0 3.0 control voltage output voltage control voltage output voltage control voltage output voltage time t (25 s/div) time t (25 s/div) time t (25 s/div) time t (25 s/div) i out = 50ma i out = 150ma i out = 1ma i out = 50ma i out = 150ma i out = 1ma i out = 50ma i out = 150ma i out = 1ma i out = 50ma i out = 150ma
tcr2en series 2012-05-23 13 10) load transient response v in = 2.2 v, c in = 0.1 f, c out = 1 f v in = 2.8 v, c in = 0.1 f, c out = 1 f v in = 3.5 v, c in = 0.1 f, c out = 1 f 0 200 400 1.2 1.3 1.1 0 200 400 2.5 2.6 2.4 0 200 400 1.8 1.9 1.7 0 200 400 3.0 3.1 2.9 v in = 4.0 v, c in = 0.1 f, c out = 1 f output current output voltage output current output voltage output current output voltage output current output voltage time t (25 s/div) time t (25 s/div) v out =1.2v (i out = 1ma ? 150ma) v out =1.8v (i out = 1ma ? 150ma) v out =2.5v (i out = 1ma ? 150ma) v out =3.0v (i out = 1ma ? 150ma) time t (25 s/div) time t (25 s/div)
tcr2en series 2012-05-23 14 package dimensions sdfn4 unit:mm 0.04 mm (typ.) unevenness exists along the edges of the back electrode to increase shear after soldering. weight : 0.6 mg ( typ.)
tcr2en series 2012-05-23 15 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively "toshiba"), reserve the right to make changes to the in formation in this document, and related hardware, software and systems (collectively "product") without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba's written permission, reproduc tion is permissible only if reproduction is without alteration/omission. ? though toshiba works continually to improve product's quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a ma lfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, cu stomers must also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and application notes for product and the precautions and condi tions set forth in the "toshiba semiconductor reliability handbook" and (b) the instructions for the application with which the product will be us ed with or for. customers are solely responsible for all aspe cts of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this product in such design or applications; (b) eval uating and determining the applicability of any info rmation contained in this document, or in c harts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operatin g parameters for such designs and applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted fo r use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact ( " unintended use " ). except for specific appl ications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used f or automobiles, trains, ships and other transportation, traffic si gnaling equipment, equipment used to control combustions or expl osions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. if you use product for unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the applicable export laws and regulations including, without limitat ion, the japanese foreign exchange and foreign trade law and t he u.s. export administration regulations. export and re-export of pr oduct or related software or technology are strictly prohibit ed except in compliance with all appl icable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TCR2EN295

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X