Part Number Hot Search : 
SB250 IL3842N 1N4454 PMD17K60 Z89304 SD01127 TC170 B1A0A
Product Description
Full Text Search
 

To Download TC-10-06B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tc www.vishay.com vishay dale revision: 02-mar-12 1 document number: 34077 for technical questions, contact: magnetics@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 through hole transformers converter electrical specifications transformer power rating: 3 w isolation, primary-secondary: 500 v, 60 hz. operating characteristics may be varied to suit specific applications by appropriate selection of circuit components features ? designed especially for low-power solid state circuits ? designed for mounting on printed circuit boards ? miniature size for minimum space ? high conversion efficiency from dc input to filtered dc output ? compliant to rohs directive 2011/65/eu applications power supply for gas discharg e display, battery-operated portable instruments, operat ional amplifier power supplies mechanical specifications coil: secured to bottom of case with epoxy terminals: 0.025" [0.635 mm] square, solder plated operating temperature range - 20 c to + 80 c. intended for use in enclosed commercial and industrial applications note (1) specifications relate to transformer when operated in applicable test circuit and at specified load power. standard electrical specifications model input (v dc ) output frequency reference (khz) circuit effective test circuit schematic number tc-10-01b 3.6 + 7.2 0.2 v dc at 150 mw 7.5 50 % 1 1 - 7.2 0.2 v dc at 150 mw tc-10-02b 5 200 10 v dc at 250 mw 11 50 % 2 (1) 4 tc-10-03b 5 200 10 v dc at 250 mw 11 60 % 2 2 + 15 0.4 v dc at 125 mw - 15 0.4 v dc at 125 mw tc-10-04b 5 + 15 0.4 v dc at 500 mw 8 75 % 3 1 - 15 0.4 v dc at 500 mw tc-10-05b 5 + 170 5.1 v dc at 850 mw 11 75 % 4 5 + 32 1.0 v dc at 510 mw TC-10-06B 5 + 35 1.0 v dc at 610 mw 11 70 % 4 (1) 5 (1) tc-10-07b 7.5 16.3 0.4 v dc at 330 mw 7 65 % 5 1 tc-10-08b 12 15 0.4 v dc at 1 w 7.5 72 % 3 1 tc-10-09b 12 160 5 v dc at 1.5 w 10 75 % 6 3 tc-10-10b 12 14.2 0.7 v dc at 3 w 10 70 % 5 1 tc-10-11b 12 + 24 0.5 v dc at 2 w 10 80 % 5 1 tc-10-12b 24 170 5.1 v dc at 850 mw 11 70 % 4 5 32 1.0 v dc at 510 mw
tc www.vishay.com vishay dale revision: 02-mar-12 2 document number: 34077 for technical questions, contact: magnetics@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? omit winding 4, 5, 6 and associ ated circuit to test tc-10-028. ? omit winding 7, 8 and associat ed circuit to test tc-10-068. (1) rc network may be requ ired to suppress spurio us oscillations. r = 100 ? , c = 0.001 f. (2) rc network may be required to suppress spurious oscillations. (3) rc network may be requ ired to suppress spurio us oscillations. r = 10 ? , c = 0.004 f. test circuits test circuit number 1 test circuit number 2 test circuit number 3 test circuit number 4 test circuit number 5 test circuit number 6 2n4400 4.7 f - + input 2n4400 3.9 k 1 2 3 4 5 6 7 8 9 1n4148 (4) 10 10 1 k - 7.2 v 3.3 f 1 k 3.3 f + 7.2 v 1n4148 470 470 1 k 0.1 f input 2n4401 2n4401 10 f 0.1 f 1 k 0.003 f + 200 v 1n4004 (4) 0.22 f rl 1n4150 (4) - 15 v + 15 v 10 f rl 10 f rl 1 2 3 4 5 6 8 9 + - - + input 1 2 3 4 5 6 7 8 9 1n4150 (4) - 15 v 4 f rl 4 f + 15 v 1n4150 rl r s rf rf 4 1 2 3 5 6 7 8 9 10 1n4150 (4) 1n4004 (4) - + input rl rl r s rf q (1) q 2.2 f 0.47 f d 7 8 9 d c1 rl 1 2 3 4 5 6 q r s rf input + - q (2) 8 9 1 2 3 4 5 6 input + - 2.2 k 180 2n2102 2n2102 1n4004 (4) rl 0.2 f 0.003 f (3)
tc www.vishay.com vishay dale revision: 02-mar-12 3 document number: 34077 for technical questions, contact: magnetics@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) omit high voltage winding for tc-10-06. note (1) shows typical pin spac ing, pin 10 is omitted on all models except -05, -06, -12. schematics dimensions in inches [millimeters] part marking - model - date code ordering information tc-10 -01b eb e2 model dash number package code jedec lead (pb)-free standard global part number tc10 eb 01b model package code inductance value 5 4 3 2 6 1 9 8 7 primary fee d back s econ d ary 1. 2. 8 9 4 5 6 1 2 3 primary low volta g e s econ d ary hi g h volta g e s econ d ary 3 . 5 4 3 9 2 18 s econ d ary primary 6 fee d back 4. 3 9 1 2 primary 8 s econ d ary 5. 9 2 hi g h volta g e (1) 1 3 4 5 610 fee d back primary 8 7 low volta g e s econ d ary 0.1 3 0 [ 3 . 3 0] min. 0.4 3 0 [10.92] max. 0.750 [19.05] max. dia. 8 3 4 7 1 10 9 2 65 0.025 [0.6 3 5] (1) s qare pin 18 2 0.660 [16.76] 3 6 2 typ. 72 2 bottom view
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of TC-10-06B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X