Part Number Hot Search : 
DTA124 ANALOG ZN509 ZMY7V5 ZMD107 SMCJ24A 7N10L TA0401
Product Description
Full Text Search
 

To Download STPS1045DEE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. september 2012 doc id 023252 rev 1 1/8 8 STPS1045DEE power schottky rectifier datasheet ? production data features very low conduction losses negligible switching losses extremely fast switching low thermal resistance avalanche capacity specified high junction temperature ecopack ? 2 compliant component description this schottky rectifier is designed for switch mode power supply and high frequency dc to dc converters. packaged in powerflat?, this device is intended for use in low voltage, high frequency, inverters, free-wheeling, by-pass diode and polarity protection applications.its low profile was especially designed to be used in applications with space-saving constraints. tm: powerflat is a trademark of stmicroelectronics table 1. device summary symbol value i f(av) 10 a v rrm 45 v t j (max) 175 c v f (typ) 0.45 v a a k a nc a a nc nc a a a a k k powerflat (3.3 x 3.3) STPS1045DEE-tr www.st.com
characteristics STPS1045DEE 2/8 doc id 023252 rev 1 1 characteristics to evaluate the conduction losses use the following equation: p = 0.41 x i f(av) + 0.012 x i f 2 (rms) table 2. absolute ratings (limiting values t amb = 25 c unless otherwise specified) symbol parameter value unit v rrm repetitive peak reverse voltage 45 v i f(rms) forward rms current 15 a i f(av) average forward current tc = 145 c ?? = 0.5 10 a i fsm surge non repetitive forward current tp = 10 ms sinusoidal 100 a p arm (1) 1. for pulse time duration deratings, please refer to figure 3 . more details regarding the avalanche energy measurements and diode validation in the avalanche are provided in the stmicr oelectronics application notes an1768, ?admissible avalanc he power of schottky diodes? and an2025, ?converter improvement using schottky rectifier avalanche specification?. repetitive peak avalanche power t p = 10 s t j = 125 c 300 w t stg storage temperature range -65 to +175 c c tj maximum operating junction temperature 175 c table 3. thermal resistance symbol parameter value unit r th(j-c) junction to case 4 c/w table 4. static electrical characteristics symbol parameter test conditions min. typ. max. unit i r (1) 1. pulse test: t p = 5 ms, ? < 2% reverse leakage current t j = 25 c v r = v rrm - 200 a t j = 125 c - 15 40 ma v f (2) 2. pulse test: t p = 380 s, ? < 2% forward voltage drop t j = 25 c i f = 10a 0.59 v t j = 125 c - 0.45 0.53 t j = 25 c i f = 20a -0.72 t j = 125 c - 0.57 0.65
STPS1045DEE characteristics doc id 023252 rev 1 3/8 figure 1. average forward power dissipation versus average forward current figure 2. average forward current versus ambient temperature( ? = 0.5) p f(av) (w) 0 1 2 3 4 5 6 7 8 9 02468101214 = 1 = 0.5 = 0.2 = 0.1 = 0.05 t =tp/t tp i f(av) (a) i f(av) (a) 0 2 4 6 8 10 12 0 25 50 75 100 125 150 175 t amb (c) t =tp/t tp r th(j-a) =r th(j-c) figure 3. normalized avalanche power derating versus pulse duration figure 4. relative variation of thermal impedance junction to case versus pulse duration p(t p ) p (10 s) arm arm 0.001 0.01 0.1 1 1 10 100 1000 t (s) p z th(j-c) /r th(j-c) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.e-05 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 single pulse t p (s) figure 5. reverse leakage current versus reverse voltage applied(typical values) figure 6. junction capacitance versus reverse voltage applied (typical values) i r (ma) 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 0 5 10 15 20 25 30 35 40 45 v r (v) t j = 150 c t j = 125 c t j = 75 c t j = 50 c t j = 100 c t j = 25 c c(pf) 100 1000 1 10 100 v r (v) f=1 mhz v osc =30 mv rms t j =25 c
characteristics STPS1045DEE 4/8 doc id 023252 rev 1 figure 7. forward voltage drop versus forward current figure 8. thermal resistance junction to ambient versus copper surface under tab i fm (a) 0.1 1.0 10.0 100.0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 v fm (v) t j =25 c (maximum values) t j =125 c (maximum values) t j =125 c (typical values) r th(j-a) (c/w) 0 50 100 150 200 250 012345678910 powerflat (3.3x3.3) s cu (cm2) epoxy printed board fr4, copper thickness =35m
STPS1045DEE package information doc id 023252 rev 1 5/8 2 package information epoxy meets ul94,v0 lead-free package in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. figure 9. powerflat-3.3x3.3-8l dimensions (definitions) table 5. powerflat-8l dimensions (values) ref. dimensions millimeters inches min. typ. max. min. typ. max. a 0.95 1.00 1.05 0.037 0.039 0.041 a3 0.20 0.0079 a4 0.20 0.0079 b 0.30 0.37 0.44 0.012 0.015 0.017 d 3.20 3.30 3.40 0.126 0.130 0.134 d2 2.24 2.31 2.38 0.088 0.091 0.094 d3 1.60 1.67 1.74 0.063 0.066 0.069 e 0.65 0.026 e 3.20 3.30 3.40 0.126 0.130 0.134 e2 1.68 1.75 1.82 0.066 0.069 0.072 l 0.31 0.38 0.45 0.012 0.015 0.018 l1 0.55 0.62 0.69 0.22 0.024 0.027 l2 0.86 0.93 1.00 0.034 0.037 0.039 a4 d2 l e2 l1 b e e/2 d3 l2 a a3 e e/2 d d/2 a nc k k a nc projection exposed pad index area (d/2 x e/2)
package information STPS1045DEE 6/8 doc id 023252 rev 1 figure 10. footprint (dimensions in mm) 3.50 1.75 1.75 1.79 0.52 0.21 1.25 0.42 0.80 2.28 3.50
STPS1045DEE ordering information doc id 023252 rev 1 7/8 3 ordering information 4 revision history table 6. ordering information order code marking package weight base qty delivery mode STPS1045DEE-tr ps1045 powerflat (3.3 x 3.3) 34 mg 3000 tape and reel 13? reel table 7. document revision history date revision changes 09-sep-2012 1 first issue.
STPS1045DEE 8/8 doc id 023252 rev 1 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by two authorized st representatives, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2012 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STPS1045DEE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X