Part Number Hot Search : 
EIA1314 HC1G86 K3702 1N5409 278BZC TVR07220 IRFI634G ISX06
Product Description
Full Text Search
 

To Download SMAJ110CA-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smaj5.0 thru smaj440ca 400 watt transient voltage suppressors 5.0 to 440 volts 0.070" 0.090 ? 0.058 ? suggested solder pad layout ma x mi n mi n dimensions inches mm dim min max min max note a .157 .181 4.00 4.60 b .098 .114 2.50 2.90 c .006 .012 0.152 0.305 d. .030 .060 0.76 1 .. 52 e .188 .208 4.80 5.28 f .078 .096 2.00 2.44 g .055 .062 1.40 1.60 h .002 .008 0.051 0.203 features ? for su rface mount applications ? unidirectional and bidirectional ? low inductance ? high temp soldering: 260 c for 10 seconds at terminals ? for bidirectional devices add ?c? to the suffix of the part number: i.e.smaj5.0ca for 5% tolerance  
 ? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c ? typical thermal resistance: 25 /w junction to ambient peak pulse current on 10/1000 i ppm see table 1 note 2 peak pulse power dissipation p ppm min 400 w note 2 , 6 steady state power dissipation p m(av) 1.0 w note 2, 5 peak forward surge current i fsm 40a note:5 2. non-repetitive current pulse, per fig.3 and derated above t a =25 per fig.2. 3. mounted on 5.0mm 2 copper pads to each terminal. 4. 8.3ms, single half sine wave duty cycle = 4 pulses per minutes maximum. 5. lead temperature at t l = 75 . 6. peak pulse power waveform is 10/1000 . a b d c e f g h do-214ac (sma)( lead frame)  
 omp onents 20736 marilla street chatsworth       
     mcc revision: a 2011/01/01  
  ? polarity: indicated by cathode band except bi-directional types ? ul recognized file # e331408 tm micro commercial components www. mccsemi .com 1 of 4 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemptions applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
mcc 100 10 1.0 0 .1 mo u nt e d o n5.0mm 2 co p per l a nd areas non-repetitive pulse w aveform showninfigure3 ta = 25 td, pulse width, sec 100 75 50 25 0 0 25 50 75 100 125 150 175 200 t a , a mbient temperature , fig. 1-peak pulse power rating curve fig. 2-pulse rating curve 150 100 50 0 0 1.0 2.0 3.0 4. 0 ta = 25 pulse width ( td ) is defined as the point where the peak current deca y s to 50% of l p p pe a kva l u ei p p m half value- i pp 2 10/1000 sec waveform as defined b y r.e.a. e-kt td tf = 10 sec t, time , ms 10,000 40,000 20,000 1,000 6,000 4,000 2,000 100 500 200 10 1.0 2.0 5.0 10 20 50 100 200 me a s u r e dat st a n d - o ff vo l t a g e ( vmw ) tj = 2 5 f=1. 0 m h z vs i g = 5 0 m v p - p measured at zero bias v ( br ) ,b r eakdow n voltage, volts fig. 3-pulse waveform fig. 4-typical junction capacitance 50 40 30 20 10 14 10 20 40 100 0 t j =t j max 8.3mss single half since-w ave jedec metho d number of cycles at 60hz fig. 5-maximum non-repetitive peak forward surge current peak pulse power(ppp) or current(ipp) derating in percentage % ippm, peak pulse current, % ifsm, peak forward surge current, amperes p ppm , peak pulse power, kw cj, capacitance, pf smaj5.0 thru smaj 44 0ca revision: a 2011/01/01 tm micro commercial components ?c ?c ?c ?c www. mccsemi .com 2 of 4 0.1us 1.0 us 10 us 100 us 1.0ms 10ms
smaj5.0 thru smaj 44 0c a mcc revision: a 2011/01/01 electrical charac teristics @25 q c mcc part number reverse stand-off voltage v wm breakdown voltage v (br) @ i t (volts) maximum clamping voltage @ i pp peak pulse current i pp maximum reverse leakage @v wm i d marking code uni -polar bi-polar (volts) min max i t (ma) (volts) (amps) ( p a) 1 2 smaj5.0a smaj5.0ca 5.0 6.40 7.00 10 9.2 43.5 800 ae we smaj6.0a smaj6.0ca 6.0 6.67 7.37 10 10.3 38.8 800 ag wg smaj6.5a smaj6.5ca 6.5 7.22 7.98 10 11.2 35.7 500 ak wk smaj7.0a smaj7.0ca 7.0 7.78 8.60 10 12.0 33.3 200 am wm smaj7.5a smaj7.5ca 7.5 8.33 9.21 1 12.9 31.0 100 ap wp smaj8.0a smaj8.0ca 8.0 8.89 9.83 1 13.6 29.4 50 ar wr smaj8.5a smaj8.5ca 8.5 9.44 10.4 1 14.4 27.7 10 at wt smaj9.0a smaj9.0ca 9.0 10.0 11.1 1 15.4 26.0 5 av wv smaj10a smaj10ca 10 11.1 12.3 1 17.0 23.5 5 ax wx smaj11a smaj11ca 11 12.2 13.5 1 18.2 22.0 5 az wz smaj12a smaj12ca 12 13.3 14.7 1 19.9 20.1 5 be xe smaj13a smaj13ca 13 14.4 15.9 1 21.5 18.6 5 bg xg smaj14a smaj14ca 14 15.6 17.2 1 23.2 17.2 5 bk xk smaj15a smaj15ca 15 16.7 18.5 1 24.4 16.4 5 bm xm smaj16a smaj16ca 16 17.8 19.7 1 26.0 15.3 5 bp xp smaj17a smaj17ca 17 18.9 20.9 1 27.6 14.5 5 br xr smaj18a smaj18ca 18 20.0 22.1 1 29.2 13.7 5 bt xt smaj20a smaj20ca 20 22.2 24.5 1 32.4 12.3 5 bv xv smaj22a smaj22ca 22 24.4 26.9 1 35.5 11.2 5 bx x x smaj24a smaj24ca 24 26.7 29.5 1 38.9 10.3 5 bz xz smaj26a smaj26ca 26 28.9 31.9 1 42.1 9.5 5 ce ye smaj28a smaj28ca 28 31.1 34.4 1 45.4 8.8 5 cg yg smaj30a smaj30ca 30 33.3 36.8 1 48.4 8.3 5 ck yk smaj33a smaj33ca 33 36.7 40.6 1 53.3 7.5 5 cm ym smaj36a smaj36ca 36 40.0 44.2 1 58.1 6.9 5 cp yp smaj40a smaj40ca 40 44.4 49.1 1 64.5 6.2 5 cr yr smaj43a smaj43ca 43 47.8 52.8 1 69.4 5.7 5 ct yt smaj45a smaj45ca 45 50.0 55.3 1 72.7 5.5 5 cv yv smaj48a smaj48ca 48 53.3 58.9 1 77.4 5.2 5 cx yx smaj51a smaj51ca 51 56.7 62.7 1 82.4 4.9 5 cz yz smaj54a smaj54ca 54 60.0 66.3 1 87.1 4.6 5 re ze smaj58a smaj58ca 58 64.4 71.2 1 93.6 4.3 5 rg zg smaj60a smaj60ca 60 66.7 73.7 1 96.8 4.1 5 rk zk smaj64a smaj64ca 64 71.1 78.6 1 103 3.9 5 rm zm smaj70a smaj70ca 70 77.8 86.0 1 113 3.5 5 rp zp smaj75a smaj75ca 75 83.3 92.1 1 121 3.3 5 rr zr smaj78a smaj78ca 78 86.7 95.8 1 126 2.2 5 rt zt smaj85a smaj85ca 85 94.4 104 1 137 2.9 5 rv zv smaj90a smaj90ca 90 100 111 1 146 2.7 5 rx zx smaj100a smaj100ca 100 111 123 1 162 2.5 5 rz zz smaj110a smaj110ca 110 122 135 1 177 2.3 5 se ve smaj120a smaj120ca 120 133 147 1 193 2.1 5 sg vg smaj130a smaj130ca 130 144 159 1 209 1.9 5 sk vk smaj150a smaj150ca 150 167 185 1 243 1.6 5 sm vm smaj160a smaj160ca 160 178 197 1 259 1.5 5 sp vp smaj170a smaj170ca 170 189 209 1 275 1.5 5 sr vr smaj180a smaj180ca 180 201 222 1 292 1.4 5 st vt smaj200a smaj200ca 200 224 247 1 324 1.2 5 sv vv smaj220a smaj220ca 220 246 272 1 356 1.1 5 sx vx smaj250a smaj250ca 250 279 309 1 405 1.0 5 sz vz smaj300a smaj300ca 300 335 371 1 486 0.8 5 te ue smaj350a smaj350ca 350 391 432 1 567 0.7 5 tg ug smaj400a smaj400ca 400 447 494 1 648 0.6 5 tk uk smaj440a smaj440ca 440 492 543 1 713 0.6 5 tm um for bi-directional type having vrwm of 10 volts and less, the ir limit is double. for parts without a, the vbr is +10%. tm micro commercial components www. mccsemi .com 3 of 4
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 4 of 4 device packing part number-tp tape&reel: 5kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of SMAJ110CA-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X