Part Number Hot Search : 
Q208I CT52R 975AE FX214 SI2176 TC4526 MC7806 STUN06I
Product Description
Full Text Search
 

To Download SFR104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 368 - sfr101 thru sfr107 1.0 amp. soft fast recovery rectifiers voltage range 50 to 1000 volts current 1.0 ampere features low forward voltage drop high current capability high reliability high surge current capability fast switching for high efficiency mechanical data cases: molded plastic epoxy: ul 94v-0 rate flame retardant lead: axial leads, solderable per mil-std- 202, method 208 guaranteed polarity: color band denotes cathode end high temperature soldering guaranteed: 260 / 10 seconds/.375?,(9.5mm) lead len g ths at 5 lbs.,(2.3kg) tension weight: 0.34 gram do-41 dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sfr 101 sfr 102 sfr 103 sfr 104 sfr 105 sfr 106 sfr 107 units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current .375?(9.5mm) lead length @t a = 55 i (av) 1.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 30 a maximum instantaneous forward voltage @ 1.0a v f 1.2 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =75 i r 5.0 100 ua ua maximum reverse recovery time ( note 1 ) trr 120 200 350 ns typical junction capacitance ( note 2 ) cj 10 pf typical thermal resistance (note 3) r ja 65 o c/w operating temperature range t j -65 to +150 storage temperature range t stg -65 to +150 notes:1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applied reverse voltage of 4..0 volts d.c. 3. mount on cu-pad size 5mm x 5mm on p.c.b. .
- 369 - fig.5- reverse recovery time characteristic and test circuit diagram 50  noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10  noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm ratings and characteristic curves (sfr101 thru sfr107) fig.3- typical forward characteristics instantaneous for ward current . (a) 1.6 1.8 0.4 0.6 0.8 1.0 1.2 1.4 10 20 0.1 .01 .03 0.3 1.0 3.0 forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o fig.4- typical junction capacitance junction cap acitance.(pf) 1 2 4 6 10 100 60 40 20 reverse voltage. (v) tj=25 c 0 fig.2- maximum non-repetitive forward surge current peak for ward surge current . (a) 10 8 12 46 40 20 100 80 60 10 50 40 30 20 0 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.1- maximum forward current derating curve average for ward current amperes 25 0 50 75 100 125 150 175 .50 0 .25 .75 1.0 ambient temperature. ( c) o single phase half wave 60hz resistive or inductive load 0.375? (9.5mm) lead length 1 50 30 10 90 20 70


▲Up To Search▲   

 
Price & Availability of SFR104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X