Part Number Hot Search : 
STZ8160C TDA1574 4740A MT1210 120N1T CF601M 30N45T ML4869
Product Description
Full Text Search
 

To Download SD103AWS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low forward voltage drop guard ring construction for transient protection negligible reverse recovery time low reverse capacitance ultra-small surface mount package case: sod-323, plastic case material - ul flammability rating classification 94v-0 polarity: cathode band weight: 0.004 grams (approx.) notes: 1 . short duration test pulse used to minimize self-heating effect. electrical characteristics symbol SD103AWS sd103bws sd103cws unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 40 30 20 v rms reverse voltage v r(rms) 28 21 14 v forward continuous current i fm 350 ma non-repetitive peak forward surge current @ t  1.0s i fsm 1.5 a power dissipation p d 200 mw thermal resistance, junction to ambient air r  ja 625 c/w operating and storage temperature range t j ,t stg -65 to +125 c characteristic symbol min typ max unit test condition reverse breakdown voltage (note 1 ) SD103AWS sd103bws sd103cws v (br)r 40 30 20  v i r = 10a i r = 10a i r = 10a forward voltage drop (note 1) v fm  0.37 0.60 v i f = 20ma i f = 200ma peak reverse current (note 1) SD103AWS sd103bws sd103cws i rm  5.0 a v r = 30v v r = 20v v r = 10v total capacitance c t  50  pf v r = 0v, f = 1.0mhz reverse recovery time t rr  10  ns i f = i r = 200ma, i rr = 0.1 x i r ,r l = 100 SD103AWS-sd103cws surface mount schottky barrier diode maximum ratings and electrical characteristics rating at 25 o c ambient temperature unle ss otherwise specified. features mechanical data ? ? ? ? ? ? ? ? ? sod-323 dimensions in inches and (millimeters) type number maximum ratings http://www.luguang.cn mail:lge@luguang.cn
0 100 0 50 100 150 p,p o wer dissip ati o n (mw) d t , ambient temperature ( c) fig. 1 power derating curve a 200 300 25 75 125 1.0 10 100 1000 0.10 0.01 0 0.5 1.0 i,f o rward current (ma) f v , forward voltage (v) fig. 2 typical forward characteristics f c , total capacitance (pf) t v , reverse voltage (v) r fi g . 3 total capacitance vs reverse volta g e 100 0.1 1.0 10 010203040 f = 1mhz device packaging shipping SD103AWS-7 sod-323 3000/tape & reel sd103bws-7 sod-323 3000/tape & reel sd103cws-7 sod-323 3000/tape & reel ordering information SD103AWS-sd103cws surface mount schottky barrier diode http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SD103AWS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X